Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3433K Datasheet(PDF) 6 Page - Rohm

Part # BD3433K
Description  6ch Electronic Volume for 5.1ch Car Theater
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3433K Datasheet(HTML) 6 Page - Rohm

  BD3433K_10 Datasheet HTML 1Page - Rohm BD3433K_10 Datasheet HTML 2Page - Rohm BD3433K_10 Datasheet HTML 3Page - Rohm BD3433K_10 Datasheet HTML 4Page - Rohm BD3433K_10 Datasheet HTML 5Page - Rohm BD3433K_10 Datasheet HTML 6Page - Rohm BD3433K_10 Datasheet HTML 7Page - Rohm BD3433K_10 Datasheet HTML 8Page - Rohm BD3433K_10 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Technical Note
6/8
BD3433K
www.rohm.com
2010.03 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
●Block diagram
Volume
+
+
Digital
Control
VCO
Power
Supply
Soft Switching
Mixing
on/off
INEX+
INEX-
INAFL
INAFR
INAC
INASW
INARL
INARR
INBFL
INBFR
INBC
INBSW
INBRL
INBRR
OUTAFL
Front
Input
Gain
(0,6,12dB)
Output
Gain A
(0,+2.5dB)
Rear
Input
Gain
(0,6,12dB)
13.5K
13.5K
13.5K
13.5K
100k
100k
100k
100k
100k
100k
100k
100k
100k
100k
100k
100k
Rear
Input
Selector
Front
Input
Selector
Volume
Volume
Volume
Volume
Volume
Volume
Output
Gain B
(0,-4.5dB)
OUTAFR
OUTAC
OUTASW
OUTARL
OUTARR
OUTBFL
OUTBFR
OUTBC
OUTBSW
OUTBRL
OUTBRR


Similar Part No. - BD3433K_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3433K ROHM-BD3433K_15 Datasheet
2Mb / 25P
   6ch Electronic Volume for 5.1ch Car Theater
More results

Similar Description - BD3433K_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3433K ROHM-BD3433K_15 Datasheet
2Mb / 25P
   6ch Electronic Volume for 5.1ch Car Theater
logo
Mitsubishi Electric Sem...
M61512FP MITSUBISHI-M61512FP Datasheet
254Kb / 13P
   5.1ch Electronic Volume
logo
Rohm
BD3814FV ROHM-BD3814FV_1 Datasheet
371Kb / 11P
   6ch Electronic Volume
BD3814FV ROHM-BD3814FV Datasheet
39Kb / 3P
   High- performance 5.1ch electronic volume
logo
Silan Microelectronics ...
SC5358 SILAN-SC5358 Datasheet
167Kb / 9P
   6CH ELECTRONIC VOLUME CONTROLLER
logo
Renesas Technology Corp
M61520FP RENESAS-M61520FP Datasheet
244Kb / 16P
   6ch Electronic Volume with Tone Control
logo
Mitsubishi Electric Sem...
M62446AFP MITSUBISHI-M62446AFP Datasheet
5Mb / 19P
   6CH ELECTRONIC VOLUME WITH TONE CONTROL
logo
Renesas Technology Corp
M61541FP RENESAS-M61541FP Datasheet
331Kb / 16P
   6ch Electronic Volume with Tone Control
M61530FP RENESAS-M61530FP Datasheet
346Kb / 19P
   4ch Electronic Volume with 5.1ch Analog Input
logo
List of Unclassifed Man...
REJ03F0057_M61520FP ETC-REJ03F0057_M61520FP Datasheet
244Kb / 16P
   6ch Electronic Volume with Tone Control
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com