Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD4157MUV Datasheet(PDF) 8 Page - Rohm

Part # BD4157MUV
Description  Power Switch IC for ExpressCardTM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD4157MUV Datasheet(HTML) 8 Page - Rohm

Back Button BD4157MUV Datasheet HTML 4Page - Rohm BD4157MUV Datasheet HTML 5Page - Rohm BD4157MUV Datasheet HTML 6Page - Rohm BD4157MUV Datasheet HTML 7Page - Rohm BD4157MUV Datasheet HTML 8Page - Rohm BD4157MUV Datasheet HTML 9Page - Rohm BD4157MUV Datasheet HTML 10Page - Rohm BD4157MUV Datasheet HTML 11Page - Rohm BD4157MUV Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Technical Note
8/24
www.rohm.com
2011.06 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
BD4157MUV
Description of block operation
EN
With an input of 2.0 volts or higher, this terminal goes HIGH to activate the circuit, and goes LOW to deactivate the circuit
(with the standby circuit current of 40 μA), It discharges each output and lowers output voltage when the input falls to 0.8
volts or less.
V3_IN, V15_IN, and V3AUX_IN
These are the input terminals for each channel of a 3ch switch. V3_IN and V15_IN terminals have two pins each, which
should be short-circuited on the pc board with a thick conductor. A large current runs through these three terminals :
(V3_IN: 1.3A; V3AUX_IN: 0.275 A; and V15_IN: 0.65 A). In order to lower the output impedance of the connected power
supply, it is recommended that ceramic capacitors (with B-type characteristics or better) be provided between these
terminals and the ground. Specifically, the capacitors should be on the order of 1 μF between V3_IN and GND, and
between V15_IN and GND; and on the order of 0.1 μF between V3AUX_IN and GND.
V3, V15, and V3AUX
These are the output terminals for each switch. The V3 and V15 terminals have two pins each, which should be
short-circuited on the PC board and connected to an ExpressCard connector with a thick conductor, as short as possible.
In order to stabilize the output, it is recommended that ceramic capacitors (with B-type characteristics or better) be
provided between these terminals and the ground. Specifically, the capacitors should be on the order of 10 μF between V3
and GND, and between V15 and GND; and on the order of 1 μF between V3AUX and GND.
CPPE#
This pin is used to find whether or not a PCI-Express signal compatible card is present. Turns to “High” level with an
input of 2.0 volts or higher, which means that no card is provided, while it turns to “Low” level when the input is lowered to
0.8 volts or less, which means that a card is provided. Controls the ON/OFF, switch selecting the proper mode based on
the status of the system. Pull up resistance (100kΩ~200kΩ) is built into, so the number of components is reduced.
CPUSB#
This pin is used to find whether or not a USB2.0 signal compatible card is present. Turns to “High” level with an input of
2.0 volts or higher, which means that no card is provided, while it turns to “Low” level when the input is lowered to 0.8 volts
or less, which means that a card is provided. Controls the ON/OFF switch, selecting the proper mode based on the
system status. Pull up resistance (100kΩ~200kΩ) is built into, so the number of components is reduced.
SYSR
This pin is used to detect the system status. Turns to “High” level with an input of 2.0 volts or higher, which means that
the system is activated, while it turns to “Low” level when the input is lowered to 0.8 volts or less, which means that the
system is on standby.
PERST_IN#
This pin is used to control the reset signal (PERST#) to a card from the system side. (Also referred to as “SysReset#” by
PCMCIA.) Turns to “High” level with an input of 2.0 volts or higher, and sets PERST# to “High” AND with a “Power Good”
output. Turns to “Low” level and sets PERST# to “Low” when the input falls to 0.8 volts or less.
PERST#
This pin is used to send a reset signal to a PCI-Express compatible card. Reset status is determined by the outputs,
PERST_IN#, CPPE# system status, and EN on/off status.
Turns to “High” level and activates the PCI-Express
compatible card only if each output is within the “Power Good” threshold, with the card inserted and PERST_IN# turned to
“High” level.
RCLKEN
This pin is used to send an enable signal to the reference clock. Activation status is determined by the outputs, CPPE#
system status, and EN on/off status. Turns to “High” level and activates the reference clock PLL only if each output is
within the “Power Good” threshold, with the card kept inserted.
TEST
This pin is used to test, which should be short-circuited to the GND. When it is short-circuited to V3AUX_IN, UVLO
(V3_IN, V15_IN) turns OFF.


Similar Part No. - BD4157MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4153EFV ROHM-BD4153EFV Datasheet
295Kb / 6P
   Power switch for ExpressCard
BD4153EFV ROHM-BD4153EFV Datasheet
689Kb / 18P
   Power Switch ICs for ExpressCardTM
BD4153EFV ROHM-BD4153EFV Datasheet
664Kb / 18P
   Power Switch ICs for ExpressCard
BD4153FV ROHM-BD4153FV Datasheet
275Kb / 6P
   Power switch for ExpressCard
BD4153FV ROHM-BD4153FV Datasheet
689Kb / 18P
   Power Switch ICs for ExpressCardTM
More results

Similar Description - BD4157MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4154FV ROHM-BD4154FV_09 Datasheet
462Kb / 16P
   Power Switch IC for ExpressCardTM
BD4155FV ROHM-BD4155FV_09 Datasheet
482Kb / 17P
   Power Switch IC for ExpressCardTM
BD4156MUV ROHM-BD4156MUV_09 Datasheet
506Kb / 24P
   Power Switch for ExpressCardTM
logo
STMicroelectronics
STMEC001 STMICROELECTRONICS-STMEC001 Datasheet
245Kb / 19P
   Power interface switch for ExpressCardTM
logo
Rohm
BD4153FV ROHM-BD4153FV_09 Datasheet
689Kb / 18P
   Power Switch ICs for ExpressCardTM
BD4154FV ROHM-BD4154FV_10 Datasheet
438Kb / 16P
   Power Switch IC for ExpressCard
BD4155FV ROHM-BD4155FV_10 Datasheet
473Kb / 17P
   Power Switch IC for ExpressCard
logo
Fujitsu Component Limit...
MB3841 FUJITSU-MB3841 Datasheet
122Kb / 17P
   Power Management Switch IC
logo
Rohm
BD2204GUL ROHM-BD2204GUL Datasheet
645Kb / 24P
   Power Supply Selector Switch IC for SD Cards
BD2200GUL ROHM-BD2200GUL Datasheet
161Kb / 5P
   Power management switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com