Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM317L Datasheet(PDF) 4 Page - Tiger Electronic Co.,Ltd

Part # LM317L
Description  3-TERMINAL ADJUSTABLE REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM317L Datasheet(HTML) 4 Page - Tiger Electronic Co.,Ltd

  LM317L Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM317L Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LM317L Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LM317L Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LM317L Datasheet HTML 5Page - Tiger Electronic Co.,Ltd LM317L Datasheet HTML 6Page - Tiger Electronic Co.,Ltd LM317L Datasheet HTML 7Page - Tiger Electronic Co.,Ltd LM317L Datasheet HTML 8Page - Tiger Electronic Co.,Ltd LM317L Datasheet HTML 9Page - Tiger Electronic Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LM317
4/14
APPLICATION INFORMATION
1. Basic circuit operation
In operation, the LM 317 develops a nominal 1.25V reference voltage, Vref, between
the output and adjustme nt terminal. The reference voltage is impressed across program
resistor R1 and, since the voltage is constant, a constant current I1 then flows through
the output set resistor R2, giving an output voltage of
V o u t = V r e f ( 1 + R 2 / R 1 ) + I a d j * ( R 2 )
Since the 100
µA current from the adjustment
terminal represents an error term, the LM 317
was designed to mi nimi ze Iadj and ma ke it very
constant with line and load changes. To do this,
all quiescent operating current is returned to the
output establishing a mi nimu m load current
requireme nt. If there is insufficient load on the
output, the output will rise.
Figure: Basic circuit configuration
R1
R2
LL
V
V
ADJ
I
V
I
V
AD
J
1
RE
OU
IN
OU
2. Load Regulation
The LM 31 7 is cap ab le of pro v i d in g extre m ely good load re gu latio n, b u t a few
precaut i ons
are
nee d ed
to
obt a in
ma xi m u m
performance.
For
best
performa nce,
the
programmi ng resistor (R1) shoul d be co nne cted
as
clos e
to
t h e
regula t or
as
possi ble
t o
m i ni mi ze line drops which effecti v ely appear in
series with the reference, t h ere b y degradi n g
regulat io n.
The
gro und
end
of
R2
ca n
b e
returned ne ar the loa d groun d to p r ovide rem o te
groun d se n s ing an d i m prove loa d reg u la tio n
Reg u lat o r with li ne resistance
i n
o u t p u t l e a d
R1
R2
LM317L
V
V
ADJ
V
OUT
IN
OUT
Rs
240
VIN
W317L
W317L
3.External capacitors
A 0 . 1
µF disc or 1.0µF tantalum input bypass capacitor (Cin) is recommended to
reduce the sensitivity to input line impedance.
T h e ad j u stme nt term inal ma y be by passe d to gro u n d to impro v e ripp le rejecti o n .
This ca paci tor (Cadj) prevents ri pple from bein g amplified as t h e out pu t v o lta ge is
increase d . A 10
µF capacitor should improve ripple rejection about 15dB at 120Hz in a


Similar Part No. - LM317L

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM317L NSC-LM317L Datasheet
442Kb / 17P
   3-Terminal Adjustable Regulator
logo
TAITRON Components Inco...
LM317L TAITRON-LM317L Datasheet
305Kb / 8P
   100mA Adjustable Positive Voltage Regulator
logo
ON Semiconductor
LM317L ONSEMI-LM317L Datasheet
184Kb / 12P
   LOW CURRENT THREE-TERMINAL ADJUSTABLE POSITIVE VOLTAGE REGULATOR
1996 Rev 1
logo
STMicroelectronics
LM317L STMICROELECTRONICS-LM317L Datasheet
290Kb / 18P
   Low current 1.2 to 37V adjustable voltage regulator
LM317L STMICROELECTRONICS-LM317L Datasheet
130Kb / 8P
   LOW CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
February 2003
More results

Similar Description - LM317L

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com