Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

63CPT100 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 63CPT100
Description  High Performance Schottky Generation 5.0, 2 x 30 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

63CPT100 Datasheet(HTML) 5 Page - Vishay Siliconix

  63CPT100 Datasheet HTML 1Page - Vishay Siliconix 63CPT100 Datasheet HTML 2Page - Vishay Siliconix 63CPT100 Datasheet HTML 3Page - Vishay Siliconix 63CPT100 Datasheet HTML 4Page - Vishay Siliconix 63CPT100 Datasheet HTML 5Page - Vishay Siliconix 63CPT100 Datasheet HTML 6Page - Vishay Siliconix 63CPT100 Datasheet HTML 7Page - Vishay Siliconix 63CPT100 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 94535
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 07-Oct-08
5
63CPT100
High Performance
Schottky Generation 5.0,
2 x 30 A
Vishay High Power Products
Fig. 8 - Reverse Bias Safe Operating Area (Avalanche Current vs. Rectangular Pulse Duration)
Fig. 9 - Reverse Bias Safe Operating Area (Avalanche Energy vs. Rectangular Pulse Duration)
110
100
1
10
100
1000
Rectangular Pulse Duration (µs)
T
J = 175 °C
T
J = 125 °C
T
J = 25 °C
1
10
100
1
10
100
1000
Rectangular Pulse Duration (µs)
T
J = 25 °C
T
J = 125 °C
T
J = 175 °C


Similar Part No. - 63CPT100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
63CPT100 VISHAY-63CPT100 Datasheet
92Kb / 7P
   High Performance Schottky Generation 5.0, 60 A
22-Oct-07
63CPT100 VISHAY-63CPT100 Datasheet
112Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 30 A
Revision: 07-Oct-08
63CPT100 VISHAY-63CPT100_08 Datasheet
112Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 30 A
Revision: 07-Oct-08
More results

Similar Description - 63CPT100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
60CPT045 VISHAY-60CPT045 Datasheet
115Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 30 A
Revision: 07-Oct-08
60CPT045 VISHAY-60CPT045_12 Datasheet
147Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 30 A
Revision: 07-Oct-08
63CPT100 VISHAY-63CPT100_08 Datasheet
112Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 30 A
Revision: 07-Oct-08
30CTT050-F VISHAY-30CTT050-F Datasheet
151Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 15 A
Revision: 01-Oct-09
30CPT100 VISHAY-30CPT100 Datasheet
116Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 15 A
Revision: 07-Oct-08
MBR20T100CT VISHAY-MBR20T100CT Datasheet
116Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 10 A
Revision: 15-Oct-08
6CUT10-E VISHAY-6CUT10-E_12 Datasheet
136Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 3 A
Revision: 03-Nov-11
30CTT100 VISHAY-30CTT100 Datasheet
115Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 15 A
Revision: 19-Feb-08
6CUT10-E VISHAY-6CUT10-E Datasheet
155Kb / 9P
   High Performance Schottky Generation 5.0, 2 x 3 A
Revision: 05-Jan-11
40CPT100-F VISHAY-40CPT100-F Datasheet
147Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 20 A
Revision: 29-Jul-09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com