Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9861A Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV9861A
Description  LED Driver with Average-Mode, Constant Current Control
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9861A Datasheet(HTML) 3 Page - Supertex, Inc

  HV9861A Datasheet HTML 1Page - Supertex, Inc HV9861A Datasheet HTML 2Page - Supertex, Inc HV9861A Datasheet HTML 3Page - Supertex, Inc HV9861A Datasheet HTML 4Page - Supertex, Inc HV9861A Datasheet HTML 5Page - Supertex, Inc HV9861A Datasheet HTML 6Page - Supertex, Inc HV9861A Datasheet HTML 7Page - Supertex, Inc HV9861A Datasheet HTML 8Page - Supertex, Inc HV9861A Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
HV9861A
Sym
Description
Min
Typ
Max
Unit Conditions
Internal Regulator
V
DD
Internally regulated voltage
-
7.25
7.50
7.75
V
500pF at GATE; R
T = 226kΩ
ΔV
DD, line
Line regulation of V
DD
-
-
-
1
V
V
IN = 12 - 450V,
500pF at GATE; R
T = 226kΩ
ΔV
DD, load
Load regulation of V
DD
-
-
-
100
mV
I
DD(ext) = 0 - 1mA,
500pF at GATE; R
T = 226kΩ
UVLO
V
DD undervoltage lockout
threshold
*
6.45
-
-
V
V
IN rising
∆UVLO
V
DD undervoltage lockout
hysteresis
-
-
500
-
mV
V
IN falling
∆V
DD(UV)
V
DD voltage margin
*
500
-
-
mV
∆V
DD(UV) = VDD - UVLO
I
IN,MAX
Maximum input current
(limited by UVLO)
#
3.5
-
-
mA
V
IN = 12V, TA = 25
O
C
#
1.5
-
-
V
IN = 12V, TA = 125
O
C
PWM Dimming
V
EN(lo)
PWMD input low voltage
*
-
-
0.8
V
V
IN = 12 - 450V
V
EN(hi)
PWMD input high voltage
*
2.2
-
-
V
V
IN = 12 - 450V
I
EN
Internal pull-down current at
PWMD
-
8.5
-
13.5
μA
V
PWMD = 0.8V
Average Current Sense Logic
V
CS
Current sense reference voltage
-
262
-
280
mV
---
A
V(LD)
LD-to-CS voltage ratio
-
0.175
-
0.182
-
---
A
V • VLD(OFFSET)
LD-to-CS voltage offset
-
-10
-
10
mV
Offset = V
CS - (AV(LD) • VLD);
V
LD = 1.2V
ΔV
CS(TEMP)
CS threshold temp regulation
#
-
-
5
mV
---
V
LD(OFF)
LD input voltage, shutdown
-
-
150
-
mV
V
LD falling
ΔV
LD(OFF)
LD input voltage, enable
-
-
200
-
mV
V
LD rising
T
BLANK
Current sense blanking interval
*
140
-
290
ns
---
T
ON(min)
Minimum on-time
-
-
-
760
ns
CS = V
CS + 30mV
D
MAX
Maximum steady-state duty
cycle
*
80
-
-
%
Reduction in output LED current
may occur beyond this duty cycle
Short Circuit Protection
V
CS
Hiccup threshold voltage
*
410
-
500
mV
---
T
DELAY
Current limit delay CS-to-GATE
-
-
-
150
ns
CS = V
CS + 30mV
T
HICCUP
Short circuit hiccup time
-
500
-
850
μs
---
T
ON(min)
Minimum on-time (short circuit)
-
-
-
430
ns
CS = V
DD
Notes:
*
Denotes the specifications which apply over the full operating ambient temperature range of -40°C < T
A < +125°C.
#
Guaranteed by design.
Electrical Characteristics (Specifications are at T
A = 25°C. VIN = 12V, VLD = VDD, PWMD = VDD unless otherwise noted))


Similar Part No. - HV9861A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV9861A MICROCHIP-HV9861A Datasheet
851Kb / 15P
   LED Driver with Average-Mode Constant Current Control
03/25/14
HV9861ALG-G MICROCHIP-HV9861ALG-G Datasheet
851Kb / 15P
   LED Driver with Average-Mode Constant Current Control
03/25/14
HV9861ANG-G MICROCHIP-HV9861ANG-G Datasheet
851Kb / 15P
   LED Driver with Average-Mode Constant Current Control
03/25/14
More results

Similar Description - HV9861A

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FC9961C FS-FC9961C Datasheet
334Kb / 7P
   LED Driver with Average-Mode Constant Current Control
logo
Supertex, Inc
HV9961NG-G SUTEX-HV9961NG-G Datasheet
1Mb / 9P
   LED Driver with Average-Mode Constant Current Control
logo
Feeling Technology Corp...
FP7176 FEELING-FP7176 Datasheet
443Kb / 14P
   LED Driver with Average-Mode Constant Current Control
logo
Microchip Technology
HV9961 MICROCHIP-HV9961 Datasheet
732Kb / 20P
   LED Driver with Average-Current Mode Constant-Current Control
09/14/21
HV9861A MICROCHIP-HV9861A Datasheet
851Kb / 15P
   LED Driver with Average-Mode Constant Current Control
03/25/14
logo
Feeling Technology Corp...
FP7189 FEELING-FP7189 Datasheet
410Kb / 13P
   LED Driver with Average-Mode Constant Current Control
FP7175 FEELING-FP7175 Datasheet
404Kb / 14P
   LED Driver with Average-Mode Constant Current Control
FP7179 FEELING-FP7179 Datasheet
426Kb / 14P
   LED Driver with Average-Mode Constant Current Control
logo
Supertex, Inc
HV9961LG-G SUTEX-HV9961LG-G Datasheet
1Mb / 9P
   LED Driver with Average-Mode Constant Current Control
logo
First Silicon Co., Ltd
FC9961 FS-FC9961 Datasheet
365Kb / 7P
   LED Driver with Average-Mode Constant Current Control
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com