Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67041-S4018 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # Q67041-S4018
Description  SIPMOS Power Transistor (P-Channel Enhancement mode Avalanche rated dv/dt rated)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67041-S4018 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  Q67041-S4018 Datasheet HTML 1Page - Siemens Semiconductor Group Q67041-S4018 Datasheet HTML 2Page - Siemens Semiconductor Group Q67041-S4018 Datasheet HTML 3Page - Siemens Semiconductor Group Q67041-S4018 Datasheet HTML 4Page - Siemens Semiconductor Group Q67041-S4018 Datasheet HTML 5Page - Siemens Semiconductor Group Q67041-S4018 Datasheet HTML 6Page - Siemens Semiconductor Group Q67041-S4018 Datasheet HTML 7Page - Siemens Semiconductor Group Q67041-S4018 Datasheet HTML 8Page - Siemens Semiconductor Group Q67041-S4018 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Semiconductor Group
07 / 1998
5
BSP 170 P
Preliminary data
Power Dissipation
Ptot = f(TA)
0
20
40
60
80
100
120
°C
160
TA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
W
1.8
BSP 170 P
Ptot
Drain current
ID = f (TA)
parameter:VGS
≥ -10V
0
20
40
60
80
100
120
°C
160
TA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
A
2.0
BSP 170 P
ID


Similar Part No. - Q67041-S4018

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67041-S4014 INFINEON-Q67041-S4014 Datasheet
159Kb / 13P
   SIPMOS Small-Signal-Transistor
1999-09-22
logo
Siemens Semiconductor G...
Q67041-S4019 SIEMENS-Q67041-S4019 Datasheet
60Kb / 5P
   SIPMOS Power Transistor (P-Channel Enhancement mode Avalanche rated Logic Level dv/dt rated)
More results

Similar Description - Q67041-S4018

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ100S SIEMENS-BUZ100S Datasheet
126Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
BUZ102S SIEMENS-BUZ102S Datasheet
123Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
BUZ111S SIEMENS-BUZ111S Datasheet
121Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
BSP171P SIEMENS-BSP171P Datasheet
60Kb / 5P
   SIPMOS Power Transistor (P-Channel Enhancement mode Avalanche rated Logic Level dv/dt rated)
BUZ110S SIEMENS-BUZ110S Datasheet
122Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
logo
Infineon Technologies A...
SPP08P06P INFINEON-SPP08P06P_09 Datasheet
843Kb / 10P
   P-Channel Enhancement mode Avalanche rated dv/dt rated
Rev 1.5 2009-04-14
logo
Siemens Semiconductor G...
BUZ111SL SIEMENS-BUZ111SL Datasheet
120Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated)
BUZ110SL SIEMENS-BUZ110SL Datasheet
121Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated)
BUZ102SL SIEMENS-BUZ102SL Datasheet
120Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated)
BUZ103SL SIEMENS-BUZ103SL Datasheet
119Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com