Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MV036F060M020 Datasheet(PDF) 4 Page - Vicor Corporation

Part # MV036F060M020
Description  Transformer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MV036F060M020 Datasheet(HTML) 4 Page - Vicor Corporation

  MV036F060M020 Datasheet HTML 1Page - Vicor Corporation MV036F060M020 Datasheet HTML 2Page - Vicor Corporation MV036F060M020 Datasheet HTML 3Page - Vicor Corporation MV036F060M020 Datasheet HTML 4Page - Vicor Corporation MV036F060M020 Datasheet HTML 5Page - Vicor Corporation MV036F060M020 Datasheet HTML 6Page - Vicor Corporation MV036F060M020 Datasheet HTML 7Page - Vicor Corporation MV036F060M020 Datasheet HTML 8Page - Vicor Corporation MV036F060M020 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
vicorpower.com
800-735-6200
V•I Chip Transformer
MV036 SERIES
Rev. 2.8
Page 4 of 10
Figure 1 — Representative input reflected ripple current at full load
(MV036F120M010).
Efficiency vs. Output Current
84
86
88
90
92
94
96
01
234
5678
9
10
Output Current (A)
Figure 3 — Representative efficiency vs. output current
(MV036F120M010).
Power Dissipation
2
2.5
3
3.5
4
4.5
5
5.5
6
012
34567
8
9
10
Output Current (A)
Figure 4 — Example power dissipation vs. output current
(MV036F120M010).
Waveforms
Figure 6 — Sample output voltage ripple at full load with 4.7 µF ceramic
POL bypass capacitance and 20 nH distribution inductance
(MV036F120M010).
Figure 5 — Sample output voltage ripple at full load; with no POL bypass
capacitance (MV036F120M010).
Ripple vs. Output Current
0
20
40
60
80
100
120
01
23
456
7
8
9
10
Output Current (A)
Figure 2 — Sample output voltage ripple vs. output current with no POL
bypass capacitance (MV036F120M010).
Electrical Specifications (continued)


Similar Part No. - MV036F060M020

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
MV036F060M020 VICOR-MV036F060M020 Datasheet
678Kb / 10P
   VTM Current Multiplier
MV036F060M020 VICOR-MV036F060M020 Datasheet
1Mb / 10P
   High density
MV036F060M020 VICOR-MV036F060M020 Datasheet
1Mb / 10P
   MV036 SERIES
More results

Similar Description - MV036F060M020

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
VPS10-13000 TRIAD-VPS10-13000 Datasheet
158Kb / 1P
   POWER TRANSFORMER POWER TRANSFORMER
logo
Pulse A Technitrol Comp...
BX4030 PULSE-BX4030 Datasheet
46Kb / 1P
   VDSL TRANSFORMER VDSL TRANSFORMER
logo
Bel Fuse Inc.
0559-3855-00 BEL-0559-3855-00 Datasheet
56Kb / 1P
   TRANSFORMER
logo
SCHOTT CORPORATION
22632 SCHOTT-22632 Datasheet
13Kb / 1P
   TRANSFORMER
logo
Wurth Elektronik GmbH &...
750871032 WURTH-750871032 Datasheet
54Kb / 1P
   TRANSFORMER
MIC38121-5356X-LF3 WURTH-MIC38121-5356X-LF3 Datasheet
354Kb / 2P
   TRANSFORMER
750310349 WURTH-750310349 Datasheet
167Kb / 1P
   TRANSFORMER
750310617 WURTH-750310617 Datasheet
186Kb / 1P
   TRANSFORMER
750310799 WURTH-750310799 Datasheet
203Kb / 1P
   TRANSFORMER
750310926 WURTH-750310926 Datasheet
139Kb / 1P
   TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com