Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MC92307CI Datasheet(PDF) 9 Page - Motorola, Inc

Part No. MC92307CI
Description  2K - Samples FFT-Processor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC92307CI Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MC92307CI Datasheet HTML 2Page - Motorola, Inc MC92307CI Datasheet HTML 3Page - Motorola, Inc MC92307CI Datasheet HTML 4Page - Motorola, Inc MC92307CI Datasheet HTML 5Page - Motorola, Inc MC92307CI Datasheet HTML 6Page - Motorola, Inc MC92307CI Datasheet HTML 7Page - Motorola, Inc MC92307CI Datasheet HTML 8Page - Motorola, Inc MC92307CI Datasheet HTML 9Page - Motorola, Inc MC92307CI Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MC92307_DS - 8/12/97
MOTOROLA
9
In the following diagram together with the associated ta-
ble the characteristics of the interface for the FFT data
is given. Note that they are valid for temperatures be-
tween 0
°C and 80°C and a supply voltage range of
3.0 V - 3.6 V
Figure 7. Timing Characteristic of the FFT Device
CLK
FFTSTART
DIN
SYMSYNC
DOUT
1
2
3
4
5
6
00
00
II
Q
Q
00
00
II
Q
Q
7
5
6
6
6
6
4
4
4
Table 4. Timing Data for the FFT Device
No.
Characteristic
min
max
unit
1
FFTSTART to CLK setup time
1.4
ns
2
FFTSTART to CLK hold time
3.1
ns
3
Data in to CLK setup time
2.3
ns
4
Data in to CLK hold time
3.5
ns
5
CLK to SYMSYNC out delay
4.6
13.1
ns
6
CLK to Data out delay
3.6
11.8
ns
7
CLK period
27.4
ns
Switching Characteristics


Similar Part No. - MC92307CI

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MC92300 MOTOROLA-MC92300 Datasheet
42Kb / 4P
   VITERBI Decoder for Digital TV
MC92300CG MOTOROLA-MC92300CG Datasheet
42Kb / 4P
   VITERBI Decoder for Digital TV
MC92303 MOTOROLA-MC92303 Datasheet
33Kb / 3P
   QPSK/BPSK DIGITAL DEMODULATOR
MC92303BT MOTOROLA-MC92303BT Datasheet
33Kb / 3P
   QPSK/BPSK DIGITAL DEMODULATOR
MC92305 MOTOROLA-MC92305 Datasheet
39Kb / 4P
   16/32/64/128/256 QAM RECEIVER AND REED-SOLOMON DECODER
More results

Similar Description - MC92307CI

ManufacturerPart No.DatasheetDescription
Zarlink Semiconductor Inc
Zarlink Semiconductor I...
PDSP16510AMA ZARLINK-PDSP16510AMA Datasheet
190Kb / 24P
   Stand Alone FFT Processor
Mitel Networks Corporation
Mitel Networks Corporat...
PDSP16510A MITEL-PDSP16510A Datasheet
271Kb / 25P
   Stand Alone FFT Processor
Zarlink Semiconductor Inc
Zarlink Semiconductor I...
PDSP16515A ZARLINK-PDSP16515A Datasheet
173Kb / 25P
   Stand Alone FFT Processor
PDSP16510A ZARLINK-PDSP16510A Datasheet
181Kb / 23P
   Stand Alone FFT Processor
Mitel Networks Corporation
Mitel Networks Corporat...
PDSP16510AMA MITEL-PDSP16510AMA Datasheet
94Kb / 23P
   Stand Alone FFT Processor
PDSP16515A MITEL-PDSP16515A Datasheet
289Kb / 27P
   Stand Alone FFT Processor
Texas Instruments
Texas Instruments
TLV320AIC3263 TI-TLV320AIC3263 Datasheet
1Mb / 62P
[Old version datasheet]   Check for Samples: TLV320AIC3263
TAS5760L TI-TAS5760L Datasheet
1Mb / 57P
[Old version datasheet]   Check for Samples: TAS5760L
TAS5760MD TI-TAS5760MD Datasheet
1Mb / 64P
[Old version datasheet]   Check for Samples: TAS5760MD
TAS5760M TI-TAS5760M Datasheet
1Mb / 66P
[Old version datasheet]   Check for Samples: TAS5760M
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com