Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MC92307CI Datasheet(PDF) 10 Page - Motorola, Inc

Part No. MC92307CI
Description  2K - Samples FFT-Processor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC92307CI Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MC92307CI Datasheet HTML 2Page - Motorola, Inc MC92307CI Datasheet HTML 3Page - Motorola, Inc MC92307CI Datasheet HTML 4Page - Motorola, Inc MC92307CI Datasheet HTML 5Page - Motorola, Inc MC92307CI Datasheet HTML 6Page - Motorola, Inc MC92307CI Datasheet HTML 7Page - Motorola, Inc MC92307CI Datasheet HTML 8Page - Motorola, Inc MC92307CI Datasheet HTML 9Page - Motorola, Inc MC92307CI Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
MC92307_DS - 8/12/97
References
[1] Digital broadcasting systems for television, sound
and data services; Framing structure, channel coding
and modulation for digital terrestrial television. Draft
prETS 300 744 published by ETSI September 1996.
[2] MC92308 OFDM Demodulator, Product Data
Sheet for the MC92308.
How to reach us:
USA/EUROPE/Locations Not Listed: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center,
P.O. Box 5405, Denver Colorado 80217. 1-800-441-2447 or 303-675-2140
3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 81-3-3521-8315
MFaxTM: RMFAX0@email.sps.mot.com -TOUCHTONE (602) 244-6609
ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
INTERNET:http://mot-sps.com/sps/General/sales.html
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the
suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided in Motorola
data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including
“Typicals” must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent rights nor the
rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold
Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney
fees arising out of directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
Motorola was negligent regarding the design or manufacture of the part. Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal
Opportunity/Affirmative Action Employer.


Similar Part No. - MC92307CI

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MC92300 MOTOROLA-MC92300 Datasheet
42Kb / 4P
   VITERBI Decoder for Digital TV
MC92300CG MOTOROLA-MC92300CG Datasheet
42Kb / 4P
   VITERBI Decoder for Digital TV
MC92303 MOTOROLA-MC92303 Datasheet
33Kb / 3P
   QPSK/BPSK DIGITAL DEMODULATOR
MC92303BT MOTOROLA-MC92303BT Datasheet
33Kb / 3P
   QPSK/BPSK DIGITAL DEMODULATOR
MC92305 MOTOROLA-MC92305 Datasheet
39Kb / 4P
   16/32/64/128/256 QAM RECEIVER AND REED-SOLOMON DECODER
More results

Similar Description - MC92307CI

ManufacturerPart No.DatasheetDescription
Zarlink Semiconductor Inc
Zarlink Semiconductor I...
PDSP16510AMA ZARLINK-PDSP16510AMA Datasheet
190Kb / 24P
   Stand Alone FFT Processor
Mitel Networks Corporation
Mitel Networks Corporat...
PDSP16510A MITEL-PDSP16510A Datasheet
271Kb / 25P
   Stand Alone FFT Processor
Zarlink Semiconductor Inc
Zarlink Semiconductor I...
PDSP16515A ZARLINK-PDSP16515A Datasheet
173Kb / 25P
   Stand Alone FFT Processor
PDSP16510A ZARLINK-PDSP16510A Datasheet
181Kb / 23P
   Stand Alone FFT Processor
Mitel Networks Corporation
Mitel Networks Corporat...
PDSP16510AMA MITEL-PDSP16510AMA Datasheet
94Kb / 23P
   Stand Alone FFT Processor
PDSP16515A MITEL-PDSP16515A Datasheet
289Kb / 27P
   Stand Alone FFT Processor
Texas Instruments
Texas Instruments
TLV320AIC3263 TI-TLV320AIC3263 Datasheet
1Mb / 62P
[Old version datasheet]   Check for Samples: TLV320AIC3263
TAS5760L TI-TAS5760L Datasheet
1Mb / 57P
[Old version datasheet]   Check for Samples: TAS5760L
TAS5760MD TI-TAS5760MD Datasheet
1Mb / 64P
[Old version datasheet]   Check for Samples: TAS5760MD
TAS5760M TI-TAS5760M Datasheet
1Mb / 66P
[Old version datasheet]   Check for Samples: TAS5760M
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com