Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA42LT1 Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # MMBTA42LT1
Description  NPN EPITACIAL PLANAR TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MMBTA42LT1 Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  MMBTA42LT1 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd MMBTA42LT1 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd MMBTA42LT1 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Characteristics Curve
Current Gain & Collector Current
1
10
100
1000
0.1
1
10
100
1000
Collector Current (mA)
VCE=10V
Saturation Voltage & Collector Current
10
100
1000
10000
0.1
1
10
100
1000
Collector Current (mA)
VBE(sat) @ IC=10IB
VCE(sat) @ IC=10IB
Capacitance & Reverse-Biased Voltage
1
10
100
0.1
1
10
100
1000
Reverse Biased Voltage (V)
Cob
Cutoff Frequency & IC
10
100
1000
1
10
100
Collector Current (mA)
VCE=20V
Safe Operating Area
1
10
100
1000
10000
1
10
100
Forward Voltage (V)
PT=1ms
PT=100ms
PT=1s
TIGER ELECTRONIC CO.,LTD
TIGER ELECTRONIC CO.,LTD


Similar Part No. - MMBTA42LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBTA42LT1 MOTOROLA-MMBTA42LT1 Datasheet
152Kb / 6P
   High Voltage Transistors
logo
ON Semiconductor
MMBTA42LT1 ONSEMI-MMBTA42LT1 Datasheet
99Kb / 4P
   High Voltage Transistors(NPN Silicon)
November, 2003 ??Rev. 5
logo
Leshan Radio Company
MMBTA42LT1 LRC-MMBTA42LT1 Datasheet
102Kb / 3P
   High Voltage Transistors(NPN Silicon)
logo
ON Semiconductor
MMBTA42LT1 ONSEMI-MMBTA42LT1 Datasheet
54Kb / 4P
   High Voltage Transistors
November, 2003 ??Rev. 5
MMBTA42LT1 ONSEMI-MMBTA42LT1 Datasheet
60Kb / 8P
   High Voltage Transistor NPN Silicon
June, 2001 ??Rev. 3
More results

Similar Description - MMBTA42LT1

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HMBTA42 HSMC-HMBTA42 Datasheet
39Kb / 4P
   NPN EPITACIAL PLANAR TRANSISTOR
logo
Tiger Electronic Co.,Lt...
MPSA42 TGS-MPSA42 Datasheet
86Kb / 3P
   NPN EPITACIAL PLANAR TRANSISTOR
logo
Fairchild Semiconductor
KSC1008 FAIRCHILD-KSC1008_06 Datasheet
151Kb / 5P
   NPN Epitacial Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC1815W SECOS-2SC1815W Datasheet
377Kb / 2P
   NPN Transistor Epitaxial Planar Transistor
BC817W SECOS-BC817W Datasheet
779Kb / 2P
   NPN Transistor Epitaxial Planar Transistor
logo
Hi-Sincerity Mocroelect...
H2N4124 HSMC-H2N4124 Datasheet
34Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2369 HSMC-HMBT2369 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC847 HSMC-HBC847 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HE8051 HSMC-HE8051 Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HI112 HSMC-HI112 Datasheet
41Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com