Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67000-S4001 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # Q67000-S4001
Description  SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67000-S4001 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  Q67000-S4001 Datasheet HTML 1Page - Siemens Semiconductor Group Q67000-S4001 Datasheet HTML 2Page - Siemens Semiconductor Group Q67000-S4001 Datasheet HTML 3Page - Siemens Semiconductor Group Q67000-S4001 Datasheet HTML 4Page - Siemens Semiconductor Group Q67000-S4001 Datasheet HTML 5Page - Siemens Semiconductor Group Q67000-S4001 Datasheet HTML 6Page - Siemens Semiconductor Group Q67000-S4001 Datasheet HTML 7Page - Siemens Semiconductor Group Q67000-S4001 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Semiconductor Group
5
29/01/1998
BSP 320 S
Power dissipation
Ptot = ƒ(TA)
0
20
40
60
80
100
120
°C
160
T
A
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
W
2.0
P
tot
Drain current
ID = ƒ(TA)
parameter: VGS ≥ 10 V
0
20
40
60
80
100
120
°C
160
T
A
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
A
3.0
I
D
Safe operating area ID=f(VDS)
parameter : D = 0, TC=25°C
Transient thermal impedance
Zth JA = ƒ(tp)
parameter: D = tp / T
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
K/W
Z
thJC
10
-8
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
t
p
single pulse
0.01
0.02
0.05
0.10
0.20
D = 0.50


Similar Part No. - Q67000-S4001

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67000-S4010 INFINEON-Q67000-S4010 Datasheet
374Kb / 8P
   SIPMOS-R Small-Signal-Transistor
05.99
More results

Similar Description - Q67000-S4001

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSP17 SIEMENS-BSP17 Datasheet
140Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated)
BSP373 SIEMENS-BSP373 Datasheet
168Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated)
BSP298 SIEMENS-BSP298 Datasheet
170Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated)
BSP299 SIEMENS-BSP299 Datasheet
169Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated)
BSP300 SIEMENS-BSP300 Datasheet
98Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated)
BSP170 SIEMENS-BSP170 Datasheet
101Kb / 8P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Avalanche rated)
BSP372 SIEMENS-BSP372 Datasheet
167Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level Avalanche rated
BSP318S SIEMENS-BSP318S Datasheet
129Kb / 8P
   SIPMOS Small-Signal Transistor(N channel Enhancement mode Logic Level Avalanche rated)
BSP319 SIEMENS-BSP319 Datasheet
165Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level Avalanche rated)
BSP171 SIEMENS-BSP171 Datasheet
101Kb / 8P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level Avalanche rated)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com