Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60CPH03PbF Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 60CPH03PbF
Description  Hyperfast Rectifier, 2 x 30 A FRED Pt®
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

60CPH03PbF Datasheet(HTML) 7 Page - Vishay Siliconix

  60CPH03PbF Datasheet HTML 1Page - Vishay Siliconix 60CPH03PbF Datasheet HTML 2Page - Vishay Siliconix 60CPH03PbF Datasheet HTML 3Page - Vishay Siliconix 60CPH03PbF Datasheet HTML 4Page - Vishay Siliconix 60CPH03PbF Datasheet HTML 5Page - Vishay Siliconix 60CPH03PbF Datasheet HTML 6Page - Vishay Siliconix 60CPH03PbF Datasheet HTML 7Page - Vishay Siliconix 60CPH03PbF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Outline Dimensions
www.vishay.com
Vishay Semiconductors
Revision: 16-Jun-11
1
Document Number: 95223
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters and inches
Notes
(1) Dimensioning and tolerancing per ASME Y14.5M-1994
(2) Contour of slot optional
(3) Dimension D and E do not include mold flash. Mold flash shall not exceed 0.127 mm (0.005") per side. These dimensions are measured at
the outermost extremes of the plastic body
(4) Thermal pad contour optional with dimensions D1 and E1
(5) Lead finish uncontrolled in L1
(6) Ø P to have a maximum draft angle of 1.5 to the top of the part with a maximum hole diameter of 3.91 mm (0.154")
(7) Outline conforms to JEDEC outline TO-247 with exception of dimension c
SYMBOL
MILLIMETERS
INCHES
NOTES
SYMBOL
MILLIMETERS
INCHES
NOTES
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
A
4.65
5.31
0.183
0.209
D2
0.51
1.30
0.020
0.051
A1
2.21
2.59
0.087
0.102
E
15.29
15.87
0.602
0.625
3
A2
1.50
2.49
0.059
0.098
E1
13.72
-
0.540
-
b
0.99
1.40
0.039
0.055
e
5.46 BSC
0.215 BSC
b1
0.99
1.35
0.039
0.053
FK
2.54
0.010
b2
1.65
2.39
0.065
0.094
L
14.20
16.10
0.559
0.634
b3
1.65
2.37
0.065
0.094
L1
3.71
4.29
0.146
0.169
b4
2.59
3.43
0.102
0.135
N
7.62 BSC
0.3
b5
2.59
3.38
0.102
0.133
P
3.56
3.66
0.14
0.144
c
0.38
0.86
0.015
0.034
P1
-
6.98
-
0.275
c1
0.38
0.76
0.015
0.030
Q
5.31
5.69
0.209
0.224
D
19.71
20.70
0.776
0.815
3
R
4.52
5.49
1.78
0.216
D1
13.08
-
0.515
-
4
S
5.51 BSC
0.217 BSC
0.10
A
C
M
M
E
N
(2)
(3)
(4)
(4)
(2) R/2
B
2 x R
S
D
See view B
2 x e
b4
3 x b
2 x b2
L
C
(5) L1
1
2
3
Q
D
A
A2
A
A
A1
C
Ø K
B
D
M
M
A
(6) Ø P
(Datum B)
FP1
D1 (4)
4
E1
0.01
B
D
M
M
View A - A
Thermal pad
D2
DD E
E
C
C
View B
(b1, b3, b5)
Base metal
c1
(b, b2, b4)
Section C - C, D - D, E - E
(c)
Planting
Lead assignments
Diodes
1. - Anode/open
2. - Cathode
3. - Anode


Similar Part No. - 60CPH03PbF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
60CPH03PBF VISHAY-60CPH03PBF Datasheet
116Kb / 7P
   Hyperfast Rectifier, 2 x 30 A FRED PtTM
Revision: 21-Jul-08
More results

Similar Description - 60CPH03PbF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-CZH6106FP-M3 VISHAY-VS-CZH6106FP-M3_V01 Datasheet
137Kb / 6P
   Hyperfast Rectifier, 2 x 30 A FRED Pt®
01-Jan-2022
VS-60CPH03PBF VISHAY-VS-60CPH03PBF_V01 Datasheet
167Kb / 7P
   Hyperfast Rectifier, 2 x 30 A FRED Pt®
01-Jan-2022
VS-C5PW6006LHN3 VISHAY-VS-C5PW6006LHN3 Datasheet
188Kb / 7P
   Hyperfast Rectifier, 2 x 30 A FRED Pt® G5
Revision: 24-May-2022
VS-C5PH6006LHN3 VISHAY-VS-C5PH6006LHN3 Datasheet
191Kb / 7P
   Hyperfast Rectifier, 2 x 30 A FRED Pt® G5
Revision: 18-May-2022
VS-C5PX6006LHN3 VISHAY-VS-C5PX6006LHN3 Datasheet
192Kb / 7P
   Hyperfast Rectifier, 2 x 30 A FRED Pt® G5
Revision: 18-May-2022
30ETH06FP-F3 VISHAY-30ETH06FP-F3 Datasheet
157Kb / 8P
   Hyperfast Rectifier, 30 A FRED Pt®
Revision: 16-Nov-11
VS-ETH3006-M3 VISHAY-VS-ETH3006-M3 Datasheet
199Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt®
Revision: 18-Apr-11
VS-30ETH06STRLPBF VISHAY-VS-30ETH06STRLPBF Datasheet
175Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt®
Revision: 11-Mar-10
VS-30CTH02SHM3 VISHAY-VS-30CTH02SHM3_V01 Datasheet
159Kb / 7P
   Hyperfast Rectifier, 30 A FRED Pt®
01-Jan-2022
VS-30CTH02S-M3 VISHAY-VS-30CTH02S-M3_V01 Datasheet
193Kb / 7P
   Hyperfast Rectifier, 30 A FRED Pt®
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com