Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBA820M Datasheet(PDF) 3 Page - Tiger Electronic Co.,Ltd

Part # TBA820M
Description  1.2W AUDIO POWER AMPLIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

TBA820M Datasheet(HTML) 3 Page - Tiger Electronic Co.,Ltd

  TBA820M Datasheet HTML 1Page - Tiger Electronic Co.,Ltd TBA820M Datasheet HTML 2Page - Tiger Electronic Co.,Ltd TBA820M Datasheet HTML 3Page - Tiger Electronic Co.,Ltd TBA820M Datasheet HTML 4Page - Tiger Electronic Co.,Ltd TBA820M Datasheet HTML 5Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TBA820M
ELECTRICAL CHARACTERISTIVCS
(Unless otherwise specified
Vcc=9V,Tamb=25 ° C)
Continue
C h a r a c t e r i s t i c
S y mbol
Te st C o n d i t i o n
Min . Ty p . M a x . Unit
Rf=33
0 . 8
D i s t o r t i o n
T H D
Po=500 mW R L =8
f=1kHz
Rf=120
0 . 4
%
Vo ltage Gain
(open loop)
Gv
R L =8
f=1kHz
7 5
d B
Rf=33
4 5
Vo ltage Gain
(closed loop)
Gv
R L =8
f=1kHz
Rf=120
3 4
dB
Input noise Vo ltage
V N
Vcc=9V,B(-3dB)=25~20000Hz
3
µA
Input noise current
I N
Vcc=9V,B(-3dB)=25~20000Hz
0 . 4
n A
R1=10k
8 0
Signal to noise ratio (*)
S+N/N
Po=1.2W
R L =8
Gv=34dB
R1=50k
7 0
dB
Supply voltage rejection
(test circuit of 2)
SVR
R L =8
Ω f(ripple)=100Hz
C6=47
µF
Rf=120
4 2
d B
(*) B(-3dB)=25~20000Hz
TEST CIRCUIT
1. Circuit diagram with load connected to the supply voltage
1
8
2
3
4
5
6
7
CB
R2
1
C5
220uF/15V
C3
0.22uF
Rf
C1
R1
10K
C6
C4
C2
100uF/15V
Vi
Vcc
RL
TBA820M


Similar Part No. - TBA820M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TBA820M STMICROELECTRONICS-TBA820M Datasheet
79Kb / 6P
   1.2W AUDIO AMPLIFIER
logo
Unisonic Technologies
TBA820M UTC-TBA820M Datasheet
94Kb / 5P
   1.2W AUDIO POWER AMPLIFIER
TBA820M UTC-TBA820M Datasheet
117Kb / 5P
   1.2W AUDIO POWER AMPLIFIER
TBA820M-D08-T UTC-TBA820M-D08-T Datasheet
94Kb / 5P
   1.2W AUDIO POWER AMPLIFIER
TBA820M-D08-T UTC-TBA820M-D08-T Datasheet
117Kb / 5P
   1.2W AUDIO POWER AMPLIFIER
More results

Similar Description - TBA820M

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TBA820M UTC-TBA820M Datasheet
94Kb / 5P
   1.2W AUDIO POWER AMPLIFIER
TBA820M UTC-TBA820M_10 Datasheet
117Kb / 5P
   1.2W AUDIO POWER AMPLIFIER
logo
Panasonic Semiconductor
AN7110 PANASONIC-AN7110 Datasheet
72Kb / 3P
   1.2W Audio Power Amplifier
logo
SG Micro Corp
SGM4891 SGMICRO-SGM4891 Datasheet
295Kb / 11P
   1.2W Audio Power Amplifier
logo
Wuxi Youda electronics ...
YD820 YOUDA-YD820 Datasheet
79Kb / 4P
   1.2W AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TBA820M STMICROELECTRONICS-TBA820M Datasheet
79Kb / 6P
   1.2W AUDIO AMPLIFIER
logo
NTE Electronics
NTE1704 NTE-NTE1704 Datasheet
18Kb / 2P
   Integrated Circuit Audio Power Amplifier, 1.2W
NTE1294 NTE-NTE1294 Datasheet
23Kb / 3P
   Integrated Circuit Audio Power Amplifier, 1.2W
logo
Samsung semiconductor
KA2201 SAMSUNG-KA2201 Datasheet
83Kb / 4P
   1.2W AUDIO POWER AMP
S1A2201X01 SAMSUNG-S1A2201X01 Datasheet
85Kb / 4P
   1.2W AUDIO POWER AMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com