Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA2025B Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # TEA2025B
Description  STEREO AUDIO AMPLIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

TEA2025B Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  TEA2025B Datasheet HTML 1Page - Tiger Electronic Co.,Ltd TEA2025B Datasheet HTML 2Page - Tiger Electronic Co.,Ltd TEA2025B Datasheet HTML 3Page - Tiger Electronic Co.,Ltd TEA2025B Datasheet HTML 4Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SHAOXING SILICORE TECHNOLOGY CO.,LTD
www. Silicore. com. cn
CHMC
1/4
STEREO AUDIO AMPLIFIER
TEA2025
DESCRIPTION
Outline Drawing
Unit:mm
The D2025 is a monolithic int e grated
audi o a mplifier in a 16-pin plasti c dual i n
line pac k a g e. It is d e signe d for porta ble
cassette play ers and radios.
FEATURE
Wo rking Vo ltage down to 3V
Few External components
High Channel isolation
Vo ltage gain up to 45dB(Adjustable with external
resistor)
S o f t c l i p p i n g
Internal Therma l protection
BLOCK DIAGRAM
PIN CONNECTION
1
2
3
4
5
6
7
9
10
11
12
13
14
15
16
8
Bridge
Out-2
Boot-2
GND
GND
Feedback-2
IN-2(+)
SVR
GND(Sub)
IN-1(+)
FeedBack-1
GND
GND
Boot-1
Out-1
Vcc
TEA2025
THERMAL
PROTECT
START
CIRCUIT
50
_
+
50
DECOUPLING
10K
10K
5K
50
1
16
2
3
4
5
6
7
8
9
10
11
12
13
14
15
TIGER ELECTRONIC CO.,LTD
TEA2025
TEA2025


Similar Part No. - TEA2025B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA2025B STMICROELECTRONICS-TEA2025B Datasheet
82Kb / 9P
   STEREO AUDIO AMPLIFIER
June 1994
More results

Similar Description - TEA2025B

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV2025 AVICTEK-AV2025 Datasheet
160Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
TEA2025A UTC-TEA2025A_15 Datasheet
285Kb / 7P
   STEREO AUDIO AMPLIFIER
UTCTEA2025 UTC-UTCTEA2025 Datasheet
46Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
List of Unclassifed Man...
UTC2025 ETC1-UTC2025 Datasheet
115Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
STMicroelectronics
TEA2025B STMICROELECTRONICS-TEA2025B Datasheet
82Kb / 9P
   STEREO AUDIO AMPLIFIER
June 1994
logo
Unisonic Technologies
TEA2025D UTC-TEA2025D Datasheet
248Kb / 8P
   STEREO AUDIO AMPLIFIER
TEA2025 UTC-TEA2025_10 Datasheet
204Kb / 7P
   STEREO AUDIO AMPLIFIER
TEA2025A UTC-TEA2025A Datasheet
272Kb / 7P
   STEREO AUDIO AMPLIFIER
TEA2025AH UTC-TEA2025AH Datasheet
223Kb / 7P
   STEREO AUDIO AMPLIFIER
logo
Bookly Micro electronic
TEA2025 BOOKLY-TEA2025 Datasheet
76Kb / 4P
   STEREO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com