Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS820-600T Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # TS820-600T
Description  8A SCRs
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

TS820-600T Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  TS820-600T Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TO-220
TS820-600T
GENERAL DESCRIPTION
8A SCRs
Available either in sensitive (TS8) gate triggering levels, the 8A SCR
series is suitable to fit all modes of control, found in applications such as overvoltage crowbar
protection, motor control circuits in power tools and kitchen aids, inrush current limiting circuits,
capacitive discharge ignition and voltage regulation circuits...
Available in through-hole or surface-mount packages, they provide an optimized performance
in a limited space area.
Product specification
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
( Ta = 25 C)
O
( Ta = 25 C)
O
PARAMETER
Symbol
Value
Unit
Repetitive peak off-state voltage
s
V
DRM
600
V
peak off-state reverse voltages
V
RRM
600
V
RMS on-state current
I
T
8.0
A
Non-repetitive peak on-state current
I
TSM
73
A
Max. Operating Junction Temperatur
e
T
j
110
oC
Storage Temperature
T
stg
-45~150
oC
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Repetitive peak off-state voltages
V
DRM
V
RRM
600
V
Average on-state current
I
T(AV)
half sine wave; T
mb< 110
oC
5.0
A
RMS on-state current
I
T(RMS)
all conduction angles
8.0
A
On-state voltage
V
TM
I
T=16A
1.60
V
Holding current
I
H
I
T = 50 mA RGK = 1 kΩ
5.0
mA
Latching current
I
L
I
T = 50 mA RGK = 1 kΩ
6.0
mA
Gate trigger current
I
GT
V
D = 12 V RL = 140 Ω
200
uA
Gate trigger voltage
V
GT
V
D = 12 V RL = 140 Ω
0.8
V
TIGER ELECTRONIC CO.,LTD


Similar Part No. - TS820-600T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS820-600T STMICROELECTRONICS-TS820-600T Datasheet
160Kb / 13P
   Sensitive and standard 8 A SCRs
logo
Kersemi Electronic Co.,...
TS820-600T KERSEMI-TS820-600T Datasheet
486Kb / 9P
   8A SCR
TS820-600T KERSEMI-TS820-600T Datasheet
487Kb / 9P
   8A SCRs
logo
STMicroelectronics
TS820-600T-TR STMICROELECTRONICS-TS820-600T-TR Datasheet
162Kb / 9P
   8A SCRs
More results

Similar Description - TS820-600T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN8 STMICROELECTRONICS-TN8 Datasheet
162Kb / 9P
   8A SCRs
logo
Kersemi Electronic Co.,...
TN805-600B-TR KERSEMI-TN805-600B-TR Datasheet
487Kb / 9P
   8A SCRs
logo
STMicroelectronics
TN8 STMICROELECTRONICS-TN8_06 Datasheet
125Kb / 10P
   8A SCRS
logo
Tiger Electronic Co.,Lt...
TS820-600B-TR TGS-TS820-600B-TR Datasheet
102Kb / 1P
   8A SCRs
logo
Nell Semiconductor Co.,...
8PT NELLSEMI-8PT Datasheet
413Kb / 7P
   Sensitive and Standard SCRs, 8A
8PT NELLSEMI-8PT_14 Datasheet
414Kb / 7P
   Sensitive and Standard SCRs, 8A
8PT06AI-S NELLSEMI-8PT06AI-S Datasheet
1Mb / 7P
   Sensitive and Standard SCRs, 8A
logo
Unisonic Technologies
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
   SCRS
logo
Central Semiconductor C...
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
   SCRs
logo
Unisonic Technologies
BT151 UTC-BT151_10 Datasheet
211Kb / 5P
   SCRS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com