Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES1J Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # ES1J
Description  1.0AMP ULTRA FAST SURFACE MOUNT RECTIFIERS / REVERSE VOLTAGE 50 TO 600 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

ES1J Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  ES1J Datasheet HTML 1Page - Tiger Electronic Co.,Ltd ES1J Datasheet HTML 2Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
bufanGIANTION ELECTRONIC
FIG. 1 -- TYPICAL FORWARD CHARACTERISTIC
FIG. 2 -- TYPICAL JUNCTION CAPACITANCE
10
100
3.0
30
Pulse width=300us
1% duly cycle
0.1
3.0
Tj = 25 ℃
1.0
0.4
10
0.04
Pulse Width = 300μS
1 % Duly Cycle
0
1.0
0.4
0.6
0.8
1.0
1.2
1.4
10
100
INSTANTANEOUS FORWARD VOLTAGE / VOLTS
REVERSE VOLTAGE / VOLTS
1.6
1.8
1.0
4.0
FIG. 3 -- FORWARD CURRENT DERATING CURVE
1.5
Single Phase Half Wave 60HZ
Resistive or Inductive Load
1.0
0.5
175
Tj = 125 ℃
15
8.3 ms Single
Half Sing -Wave
10
5
0
0
25
50
75
100
125
150
200
0
1.0
2.0
FIG. 4 -- PEAK FORWARD SURGE CURRENT
30
25
20
10
20
100
AMBIENT TEMPERATURE / ℃
NUMBER OF CYCLES AT 60HZ
FIG. 5 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
50Ω
10Ω
trr
N.1.
N.1.
N.1.
0.5A
( - )
( + )
D.U.T
NOTES:
PULSE GENERATOR
0
50 Vdc
(APPROX)
( NOTE 2 )
0.25A
( - )
bufanGIANTION ELECTRONICS
ES1A THRU ES1J
1.0A
1. RISE TIME = 7n SEC MAX. INPUT IMPEDANCE = 1 MEGOHM. 22PF
2. RISE TIME = 10n SEC MAX. SOURCE IMPEDANCE = 50 OHM.
SET TIME BASE FOR 15 ns / cm
OSCILLOSCOPE
( NOTE )
( + )


Similar Part No. - ES1J

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ES1J PANJIT-ES1J Datasheet
63Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Galaxy Semi-Conductor H...
ES1J BILIN-ES1J Datasheet
487Kb / 4P
   Super-Fast Rectifiers
logo
Rugao Dachang Electroni...
ES1J DACHANG-ES1J Datasheet
122Kb / 2P
   Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 1.0 A
logo
TAITRON Components Inco...
ES1J TAITRON-ES1J Datasheet
240Kb / 4P
   1.0A Surface Mount Super Fast Rectifier
logo
First Silicon Co., Ltd
ES1J FS-ES1J Datasheet
132Kb / 2P
   Super Fast Rectifier
More results

Similar Description - ES1J

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
UF5400 CHENDA-UF5400_1 Datasheet
74Kb / 2P
   ULTRA FAST RECTIFIERS Reverse Voltage - 50 to 1000 Volts
logo
Shenzhen Yixinwei Techn...
ES3A YIXIN-ES3A_03 Datasheet
299Kb / 2P
   REVERSE VOLTAGE 50 to 600 Volts 3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
logo
First Silicon Co., Ltd
ES2A FS-ES2A Datasheet
202Kb / 2P
   Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 600 Volts Forward Current 2.0 Amperes
logo
Taiwan Semiconductor Co...
ESH1B TSC-ESH1B_13 Datasheet
445Kb / 4P
   1.0AMP Surface Mount Ultra Fast Rectifiers
logo
Gaomi Xinghe Electronic...
SF18 GXELECTRONICS-SF18 Datasheet
674Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS Reverse Voltage ??50 to 600 Volts
logo
DIYI Electronic Technol...
UF1A DYELEC-UF1A Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS ULTRA FAST RECTIFIERS
UF1AU DYELEC-UF1AU Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS ULTRA FAST RECTIFIERS
logo
GOOD-ARK Electronics
1N4933 GOOD-ARK-1N4933_15 Datasheet
200Kb / 2P
   Fast Recovery Rectifiers Reverse Voltage 50 to 600 Volts Forward Current 1.0 Ampere
1N493 GOOD-ARK-1N493_15 Datasheet
212Kb / 2P
   Fast Recovery Rectifiers Reverse Voltage 50 to 600 Volts Forward Current 1.0 Ampere
logo
PACELEADER INDUSTRIAL
US1AB PACELEADER-US1AB Datasheet
135Kb / 2P
   SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com