Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VB40M120C Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VB40M120C
Description  Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VB40M120C Datasheet(HTML) 3 Page - Vishay Siliconix

  VB40M120C Datasheet HTML 1Page - Vishay Siliconix VB40M120C Datasheet HTML 2Page - Vishay Siliconix VB40M120C Datasheet HTML 3Page - Vishay Siliconix VB40M120C Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
New Product
VB40M120C
www.vishay.com
Vishay General Semiconductor
Revision: 11-Jan-12
3
Document Number: 89468
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Typical Instantaneous Forward Characteristics Per Diode
Fig. 4 - Typical Reverse Characteristics Per Diode
Fig. 5 - Typical Junction Capacitance Per Diode
Fig. 6 - Typical Transient Thermal Impedance Per Diode
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
0.1
1
10
100
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
Instantaneous Forward Voltage (V)
T
A = 150 °C
T
A = 25 °C
T
A = 100 °C
T
A = 125 °C
0.0001
0.001
0.01
0.1
1
10
100
20
40
60
80
100
Percent of Rated Peak Reverse Voltage (%)
T
A = 150 °C
T
A = 125 °C
T
A = 100 °C
T
A = 25 °C
10
100
1000
10 000
0.1
1
10
100
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
10
1
0.1
0.01
0.1
1
10
100
t - Pulse Duration (s)
Junction to Case
0.380 (9.65)
0.411 (10.45)
0.320 (8.13)
0.360 (9.14)
0.591(15.00)
0.624 (15.85)
1
2
0.245 (6.22)
MIN
K
K
0.160 (4.06)
0.190 (4.83)
0.045 (1.14)
0.055 (1.40)
0.014 (0.36)
0.021 (0.53)
0.110 (2.79)
0.140 (3.56)
0.110 (2.79)
0.090 (2.29)
0.047 (1.19)
0.055 (1.40)
0-0.01 (0-0.254)
0.027 (0.686)
0.037 (0.940)
0.105 (2.67)
0.095 (2.41)
0.205 (5.20)
0.195 (4.95)
TO-263AB
0.08
(2.032)
0.42
(10.66)
0.670 (17.02)
0.591 (15.00)
0.15
(3.81)
0.33
(8.38)
Mounting Pad Layout
K-HEATSINK
PIN 2
PIN 1
MIN.
MIN.
MIN.
MIN.
0.095 (2.41)
0.105 (2.67)


Similar Part No. - VB40M120C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VB40M120C VISHAY-VB40M120C Datasheet
107Kb / 4P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier
01-Jan-2022
VB40M120C-E3 VISHAY-VB40M120C-E3 Datasheet
94Kb / 4P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.46 V at IF = 5 A
Revision: 03-Jan-17
VB40M120C-E3 VISHAY-VB40M120C-E3_15 Datasheet
86Kb / 4P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier
Revision: 11-Sep-13
VB40M120C-M3 VISHAY-VB40M120C-M3 Datasheet
94Kb / 4P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.46 V at IF = 5 A
Revision: 03-Jan-17
VB40M120CHM3 VISHAY-VB40M120CHM3 Datasheet
94Kb / 4P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.46 V at IF = 5 A
Revision: 03-Jan-17
More results

Similar Description - VB40M120C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V30202C VISHAY-V30202C Datasheet
166Kb / 6P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier
Revision: 31-Oct-14
V20200G VISHAY-V20200G_15 Datasheet
157Kb / 5P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.62 V at IF = 5 A
Revision: 16-Aug-13
V60170PW VISHAY-V60170PW Datasheet
92Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 20-Nov-12
V40100K VISHAY-V40100K_15 Datasheet
132Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 17-Aug-15
V10D202C VISHAY-V10D202C Datasheet
105Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 10-Feb-15
V30150C VISHAY-V30150C_12 Datasheet
169Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
V30200C VISHAY-V30200C_09 Datasheet
160Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
V40100C VISHAY-V40100C_11 Datasheet
140Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
V40100G VISHAY-V40100G_11 Datasheet
131Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
V40150C VISHAY-V40150C_09 Datasheet
162Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
VT3060C VISHAY-VT3060C Datasheet
131Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com