Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS1002 Datasheet(PDF) 9 Page - Touchstone Semiconductor Inc

Part # TS1002
Description  THE ONLY 0.8V/0.6uA RAIL-TO-RAIL DUAL/QUAD OP AMPS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1002 Datasheet(HTML) 9 Page - Touchstone Semiconductor Inc

Back Button TS1002 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 9Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 10Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 11Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 12Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 13Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TS1002/TS1004
TS1002_4DS r1p0
Page 9
RTFDS
The
circuit
utilizes
the
classic
two
op
amp
instrumentation amplifier topology with four resistors
to set the gain. The equation is simply that of a
noninverting amplifier as shown in the figure. The
two resistors labeled R1 should be closely matched
to each other as well as both resistors labeled R2 to
ensure
acceptable
common-mode
rejection
performance.
Resistor networks ensure the closest matching as
well as matched drifts for good temperature stability.
Capacitor C1 is included to limit the bandwidth and,
therefore, the noise in sensitive applications. The
value of this capacitor should be adjusted depending
on
the
desired
closed-loop
bandwidth
of
the
instrumentation
amplifier.
The
RC
combination
creates a pole at a frequency equal to 1/(2 π ×
R1C1). If the AC-CMRR is critical, then a matched
capacitor to C1 should be included across the
second resistor labeled R1.
Because these amplifiers accept rail-to-rail inputs,
their input common mode range includes both
ground and the positive supply of 1.5V. Furthermore,
their rail-to-rail output range ensures the widest
signal range possible and maximizes the dynamic
range of the system. Also, with their low supply
current of 0.6
μA per amplifier, this circuit consumes
a quiescent current of only ~1.3
μA, yet it still exhibits
a 1-kHz bandwidth at a circuit gain of 2.
Driving Capacitive Loads
While the
amplifiers’ internal gain-bandwidth product
is 4kHz, both are capable of driving capacitive loads
up to 50pF in voltage follower configurations without
any additional components. In many applications,
however, an operational amplifier is required to drive
much larger capacitive loads.
The amplifier’s output
impedance and a large capacitive load create
additional phase
lag
that further
reduces
the
amplifier’s phase margin. If enough phase delay is
introduced, the amplifier’s phase margin is reduced.
The effect is quite evident when the transient
response is observed as there will appear noticeable
peaking/ringing in the output transient response.
If any amplifier is used in an application that requires
driving larger capacitive loads, an isolation resistor
between the output and the capacitive load should
be used as illustrated in Figure 5.
Table 1 illustrates a range of RISO values as a
function of the external CLOAD on the output of these
amplifiers. The power supply voltage applied on the
these amplifiers at which these resistor values were
determined empirically was 1.8V. The oscilloscope
capture shown in Figure 6 illustrates a typical
transient response obtained with a CLOAD = 500pF
and an RISO = 50kΩ. Note that as CLOAD is increased
a smaller RISO is needed for optimal transient
response.
External Capacitive
Load, CLOAD
External Output
Isolation Resistor, RISO
0-50pF
Not Required
100pF
120kΩ
500pF
50kΩ
1nF
33kΩ
5nF
18kΩ
10nF
13kΩ
Figure 5: Using an External Resistor to Isolate a CLOAD from
the Amplifer’s Output.
Figure 4: A Two Op Amp Instrumentation Amplifier.


Similar Part No. - TS1002

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS1002 SILABS-TS1002 Datasheet
1Mb / 14P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL DUAL/QUAD OP AMPS
TS1002IM8 SILABS-TS1002IM8 Datasheet
1Mb / 14P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL DUAL/QUAD OP AMPS
TS1002IM8T SILABS-TS1002IM8T Datasheet
1Mb / 14P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL DUAL/QUAD OP AMPS
More results

Similar Description - TS1002

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS1002 SILABS-TS1002 Datasheet
1Mb / 14P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL DUAL/QUAD OP AMPS
logo
Touchstone Semiconducto...
TS1003 TOUCHSTONE-TS1003 Datasheet
882Kb / 11P
   THE ONLY 0.8V TO 5.5V, 0.6uA RAIL-TO-RAIL SINGLE OP AMP
TS1001 TOUCHSTONE-TS1001 Datasheet
507Kb / 11P
   THE ONLY 0.8V/0.6 RAIL-TO-RAIL OP AMP
logo
Silicon Laboratories
TS1001 SILABS-TS1001 Datasheet
1Mb / 12P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL OP AMP
logo
List of Unclassifed Man...
TS1001 ETC-TS1001 Datasheet
518Kb / 11P
   THE ONLY 0.8V/0.6關A RAIL-TO-RAIL OP AMP
logo
Silicon Laboratories
TS1003 SILABS-TS1003 Datasheet
1Mb / 13P
   THE ONLY 0.8V TO 5.5V, 0.6A RAIL-TO-RAIL SINGLE OP AMP
logo
Linear Technology
LT1679 LINER-LT1679_15 Datasheet
298Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1678 LINER-LT1678_15 Datasheet
298Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1678 LINER-LT1678 Datasheet
297Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1490A LINER-LT1490A_15 Datasheet
234Kb / 18P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com