Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15ETL06PBF Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 15ETL06PBF
Description  Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED Pt®
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

15ETL06PBF Datasheet(HTML) 7 Page - Vishay Siliconix

  15ETL06PBF_12 Datasheet HTML 1Page - Vishay Siliconix 15ETL06PBF_12 Datasheet HTML 2Page - Vishay Siliconix 15ETL06PBF_12 Datasheet HTML 3Page - Vishay Siliconix 15ETL06PBF_12 Datasheet HTML 4Page - Vishay Siliconix 15ETL06PBF_12 Datasheet HTML 5Page - Vishay Siliconix 15ETL06PBF_12 Datasheet HTML 6Page - Vishay Siliconix 15ETL06PBF_12 Datasheet HTML 7Page - Vishay Siliconix 15ETL06PBF_12 Datasheet HTML 8Page - Vishay Siliconix 15ETL06PBF_12 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Outline Dimensions
www.vishay.com
Vishay Semiconductors
Revision: 20-Jul-11
1
Document Number: 95005
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters
5° ± 0.5°
3.3
3.1
5° ± 0.5°
0.9
0.7
2.54 TYP.
2.54 TYP.
10.6
10.4
3.7
3.2
7.31
6.91
0.61
0.38
2.85
2.65
2.8
2.6
1.4
1.3
10°
4.8
4.6
16.0
15.8
16.4
15.4
(2 places)
R 0.7
R 0.5
Hole Ø
3.4
3.1
TYP.
1.15
1.05
13.56
13.05
Lead assignments
Diodes
1 + 2 - Cathode
3 - Anode
Conforms to JEDEC outline TO-220 FULL-PAK


Similar Part No. - 15ETL06PBF_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
15ETL06PBF VISHAY-15ETL06PBF_11 Datasheet
184Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED Pt
Revision: 31-Mar-11
More results

Similar Description - 15ETL06PBF_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-15ETL06PBF VISHAY-VS-15ETL06PBF Datasheet
196Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED Pt®
Revision: 02-Jan-12
15ETL06PBF VISHAY-15ETL06PBF_11 Datasheet
184Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED Pt
Revision: 31-Mar-11
15ETL06SPBF VISHAY-15ETL06SPBF_10 Datasheet
711Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED Pt
Revision: 23-Jun-10
VS-15ETL06HN3 VISHAY-VS-15ETL06HN3 Datasheet
167Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED Pt
Revision: 20-Oct-16
8ETL06PBF VISHAY-8ETL06PBF_12 Datasheet
196Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED Pt®
Revision: 02-Jan-12
8ETL06PBF VISHAY-8ETL06PBF_11 Datasheet
189Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED Pt
Revision: 28-Apr-11
VS-8ETL06PBF VISHAY-VS-8ETL06PBF Datasheet
199Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED Pt
Revision: 02-Jan-12
8ETL06SPBF VISHAY-8ETL06SPBF_10 Datasheet
177Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED Pt
Revision: 11-Mar-10
VS-15ETL06S-M3 VISHAY-VS-15ETL06S-M3 Datasheet
217Kb / 8P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED Pt®
Revision: 24-Oct-17
VS-15ETL06-M3 VISHAY-VS-15ETL06-M3 Datasheet
146Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED Pt®
Revision: 23-Nov-17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com