Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15ETH06FPPBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 15ETH06FPPBF
Description  Ultrafast Rectifier, 15 A Fred Pt®
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

15ETH06FPPBF Datasheet(HTML) 2 Page - Vishay Siliconix

  15ETH06FPPBF Datasheet HTML 1Page - Vishay Siliconix 15ETH06FPPBF Datasheet HTML 2Page - Vishay Siliconix 15ETH06FPPBF Datasheet HTML 3Page - Vishay Siliconix 15ETH06FPPBF Datasheet HTML 4Page - Vishay Siliconix 15ETH06FPPBF Datasheet HTML 5Page - Vishay Siliconix 15ETH06FPPBF Datasheet HTML 6Page - Vishay Siliconix 15ETH06FPPBF Datasheet HTML 7Page - Vishay Siliconix 15ETH06FPPBF Datasheet HTML 8Page - Vishay Siliconix 15ETH06FPPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
VS-15ETH06PbF, VS-15ETH06-N3, VS-15ETH06FPPbF, VS-15ETH06FP-N3
www.vishay.com
Vishay Semiconductors
Revision: 02-Jan-12
2
Document Number: 94002
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Typical Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
DYNAMIC RECOVERY CHARACTERISTICS (TC = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Reverse recovery time
trr
IF = 1 A, dIF/dt = 100 A/μs, VR = 30 V
-
22
30
ns
IF = 15 A, dIF/dt = 100 A/μs, VR = 30 V
-
28
35
TJ = 25 °C
IF = 15 A
dIF/dt = 200 A/μs
VR = 390 V
-29
-
TJ = 125 °C
-
75
-
Peak recovery current
IRRM
TJ = 25 °C
-
3.5
-
A
TJ = 125 °C
-
7
-
Reverse recovery charge
Qrr
TJ = 25 °C
-
57
-
nC
TJ = 125 °C
-
300
-
Reverse recovery time
trr
TJ = 125 °C
IF = 15 A
dIF/dt = 800 A/μs
VR = 390 V
-51
-
ns
Peak recovery current
IRRM
-20
-
A
Reverse recovery charge
Qrr
-
580
-
nC
THERMAL MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Maximum junction and storage
temperature range
TJ, TStg
- 65
-
175
°C
Thermal resistance,
junction to case
RthJC
-1.0
1.3
°C/W
(FULL-PAK)
-
3.0
3.5
Thermal resistance,
junction to ambient per leg
RthJA
Typical socket mount
-
-
70
Thermal resistance,
case to heatsink
RthCS
Mounting surface, flat, smooth
and greased
-0.5
-
Weight
-2.0
-
g
-0.07
-
oz.
Mounting torque
6.0
(5.0)
-
12
(10)
kgf · cm
(lbf · in)
Marking device
Case style TO-220AC
15ETH06
Case style TO-220 FULL-PAK
15ETH06FP
100
10
1
0.5
1.0
1.5
2.0
2.5
3.0
VF - Forward Voltage Drop (V)
T
J = 175 °C
T
J = 150 °C
T
J = 25 °C
0
100
200
300
400
500
600
VR - Reverse Voltage (V)
0.001
0
0.01
0.1
1
10
100
1000
T
J = 100 °C
T
J = 175 °C
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C


Similar Part No. - 15ETH06FPPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
15ETH06FPPBF IRF-15ETH06FPPBF Datasheet
235Kb / 8P
   Hyperfast Rectifier
logo
Vishay Siliconix
15ETH06FPPBF VISHAY-15ETH06FPPBF Datasheet
129Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 28-May-08
15ETH06FPPBF VISHAY-15ETH06FPPBF Datasheet
191Kb / 9P
   Ultrafast Rectifier, 15 A FRED Pt
Revision: 28-Apr-11
More results

Similar Description - 15ETH06FPPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-MUR1520PBF VISHAY-VS-MUR1520PBF Datasheet
161Kb / 8P
   Ultrafast Rectifier, 15 A FRED Pt®
Revision: 11-Aug-11
VS-ETU1506S-M3 VISHAY-VS-ETU1506S-M3 Datasheet
199Kb / 9P
   Ultrafast Rectifier, 15 A FRED Pt®
Revision: 09-Jul-15
VS-30CDU06-M3 VISHAY-VS-30CDU06-M3 Datasheet
130Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED Pt®
Revision: 10-Feb-15
VS-CPU3006L-M3 VISHAY-VS-CPU3006L-M3 Datasheet
266Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED Pt®
Revision: 18-Sep-14
VS-MUR3020WTPBF VISHAY-VS-MUR3020WTPBF Datasheet
163Kb / 8P
   Ultrafast Rectifier, 2 x 15 A FRED Pt®
Revision: 15-Aug-11
15AWL06FN-M3 VISHAY-15AWL06FN-M3 Datasheet
150Kb / 8P
   Ultralow VF Ultrafast Rectifier, 15 A FRED Pt®
Revision: 15-Apr-11
VS-30CPU04-N3 VISHAY-VS-30CPU04-N3_V01 Datasheet
170Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED Pt®
01-Jan-2022
VS-30CPH03PBF VISHAY-VS-30CPH03PBF Datasheet
169Kb / 8P
   Ultrafast Rectifier, 2 x 15 A FRED Pt®
Revision: 26-Jun-12
VS-30CDU06-M3 VISHAY-VS-30CDU06-M3_V01 Datasheet
166Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED Pt®
01-Jan-2022
VS-30CDU06HM3 VISHAY-VS-30CDU06HM3_V01 Datasheet
169Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED Pt®
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com