Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8960NV Datasheet(PDF) 2 Page - Rohm

Part # BD8960NV
Description  2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter Integrated FET
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8960NV Datasheet(HTML) 2 Page - Rohm

  BD8960NV_12 Datasheet HTML 1Page - Rohm BD8960NV_12 Datasheet HTML 2Page - Rohm BD8960NV_12 Datasheet HTML 3Page - Rohm BD8960NV_12 Datasheet HTML 4Page - Rohm BD8960NV_12 Datasheet HTML 5Page - Rohm BD8960NV_12 Datasheet HTML 6Page - Rohm BD8960NV_12 Datasheet HTML 7Page - Rohm BD8960NV_12 Datasheet HTML 8Page - Rohm BD8960NV_12 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2/17
BD8960NV
Datasheet
02.MAR.2012 Rev.001
www.rohm.com
TSZ02201-0J3J0AJ00010-1-2
©
ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
●Pin Configuration
●Pin Description
Pin No.
Pin name
PIN function
1
ADJ
Output voltage detect pin
2
VCC
VCC power supply input pin
3
ITH
GmAmp output pin/Connected phase compensation capacitor
4
GND
Ground
5
PGND
Nch FET source pin
6
SW
Pch/Nch FET drain output pin
7
PVCC
Pch FET source pin
8
EN
Enable pin(Active High)
●Block Diagram
Fig.3 Block Diagram
TOP VIEW
EN
PVCC
PGND
ADJ
VCC
ITH
GND
SW
7
8
6
5
3
4
2
1
Fig.2 Pin Configuration


Similar Part No. - BD8960NV_12

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8960NV ROHM-BD8960NV_10 Datasheet
444Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results

Similar Description - BD8960NV_12

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9130NV-E2 ROHM-BD9130NV-E2 Datasheet
891Kb / 20P
   2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter integrated FET
BD9130NV ROHM-BD9130NV_12 Datasheet
931Kb / 20P
   2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter integrated FET
BD9123MUV ROHM-BD9123MUV_12 Datasheet
1,001Kb / 22P
   2.7V to 5.5V, 1.2A 1ch Synchronous Buck Converter integrated FET
BD9132MUV ROHM-BD9132MUV_12 Datasheet
970Kb / 20P
   2.7V to 5.5V, 3.0A 1ch Synchronous Buck Converter integrated FET
BD91361MUV ROHM-BD91361MUV_12 Datasheet
1Mb / 23P
   2.7V to 5.5V, 4A 1ch Synchronous Buck Converter Integrated FET
BD9137MUV ROHM-BD9137MUV_12 Datasheet
971Kb / 21P
   2.7V to 5.5V, 4A 1ch Synchronous Buck Converter Integrated FET
BD8963EFJ ROHM-BD8963EFJ_12 Datasheet
1Mb / 23P
   2.7V to 5.5V, 3A 1ch Synchronous Buck Converter integrated FET
BD9139MUV ROHM-BD9139MUV_12 Datasheet
957Kb / 22P
   2.7V to 5.5V, 3A 1ch Synchronous Buck Converter integrated FET
BD8962MUV ROHM-BD8962MUV_12 Datasheet
979Kb / 20P
   2.7V to 5.5V, 3A 1ch Synchronous Buck Converter integrated FET
BD9111NV ROHM-BD9111NV_12 Datasheet
878Kb / 19P
   4.0V to 5.5V, 2.0A 1ch Synchronous Buck Converter integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com