Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8960NV Datasheet(PDF) 11 Page - Rohm

Part # BD8960NV
Description  2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter Integrated FET
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8960NV Datasheet(HTML) 11 Page - Rohm

Back Button BD8960NV Datasheet HTML 7Page - Rohm BD8960NV Datasheet HTML 8Page - Rohm BD8960NV Datasheet HTML 9Page - Rohm BD8960NV Datasheet HTML 10Page - Rohm BD8960NV Datasheet HTML 11Page - Rohm BD8960NV Datasheet HTML 12Page - Rohm BD8960NV Datasheet HTML 13Page - Rohm BD8960NV Datasheet HTML 14Page - Rohm BD8960NV Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11/17
BD8960NV
Datasheet
02.MAR.2012 Rev.001
www.rohm.com
TSZ02201-0J3J0AJ00010-1-2
©
ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
Switching Regulator Efficiency
Efficiency ŋ may be expressed by the equation shown below:
Efficiency may be improved by reducing the switching regulator power dissipation factors PDα as follows:
Dissipation factors:
1) ON resistance dissipation of inductor and FET:PD(I
2R)
2) Gate charge/discharge dissipation:PD(Gate)
3) Switching dissipation:PD(SW)
4) ESR dissipation of capacitor:PD(ESR)
5) Operating current dissipation of IC:PD(IC)
1)PD(I
2R)=IOUT2×(RCOIL+RON) (RCOIL[Ω]:DC resistance of inductor, RON[Ω]:ON resistance of FET, IOUT[A]:Output
current.)
2)PD(Gate)=Cgs×f×V
(Cgs[F]:Gate capacitance of FET, f[H]:Switching frequency, V[V]:Gate driving voltage of FET)
4)PD(ESR)=IRMS
2×ESR (IRMS[A]:Ripple current of capacitor, ESR[Ω]:Equivalent series resistance.)
5)PD(IC)=Vin×ICC
(ICC[A]:Circuit current.)
Consideration on Permissible Dissipation and Heat Generation
As this IC functions with high efficiency without significant heat generation in most applications, no special consideration is
needed on permissible dissipation or heat generation.
In case of extreme conditions, however, including lower input
voltage, higher output voltage, heavier load, and/or higher temperature, the permissible dissipation and/or heat
generation must be carefully considered.
For dissipation, only conduction losses due to DC resistance of inductor and ON resistance of FET are considered.
Because the conduction losses are considered to play the leading role among other dissipation mentioned above
including gate charge/discharge dissipation and switching dissipation.
If VCC=3.3V, VOUT=1.8V, RONP
=0.2Ω, RONN=0.16Ω
IOUT=2A, for example,
D=VOUT/VCC=1.8/3.3=0.545
RON=0.545×0.20+(1-0.545)×0.16
=0.109+0.0728
=0.1818[Ω]
P=2
2×0.1818=0.7272W]
As RONP is greater than RONN in this IC, the dissipation increases as the ON duty becomes greater.
With the
consideration on the dissipation as above, thermal design must be carried out with sufficient margin allowed.
η=
VOUT×IOUT
Vin×Iin
×100[%]=
POUT
Pin
×100[%]=
POUT
POUT+PD
α
×100[%]
Vin
2×CRSS×IOUT×f
IDRIVE
3)PD(SW)=
(CRSS[F]:Reverse transfer capacitance of FET, IDRIVE[A]:Peak current of gate.)
0
25
50
75
100
125
150
0
2.0
3.0
4.0
②0.90W
①3.9W
105
1.0
③0.64W
Fig.25 Thermal derating curve (SON008V5060)
P=IOUT
2×RON
RON=D×RONP+(1-D)RONN
D:ON duty (=VOUT/VCC)
RCOIL:DC resistance of coil
RONP:ON resistance of P-channel MOS FET
RONN:ON resistance of N-channel MOS FET
IOUT:Output current
Ambient temperature:Ta [℃]
①for SON008V5060
JEDEC 4 layer board 76.2×114.3×1.6mm
θj-a=32.1℃/W
②for SON008V5060
ROHM standard 1 layer board 70×70×1.6mm
θj-a=138.9℃/W
③ IC only
θj-a=195.3℃/W


Similar Part No. - BD8960NV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8960NV ROHM-BD8960NV Datasheet
466Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8960NV ROHM-BD8960NV Datasheet
444Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8960NV-E2 ROHM-BD8960NV-E2 Datasheet
444Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8960NV ROHM-BD8960NV_10 Datasheet
444Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results

Similar Description - BD8960NV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9130NV-E2 ROHM-BD9130NV-E2 Datasheet
891Kb / 20P
   2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter integrated FET
BD9130NV ROHM-BD9130NV_12 Datasheet
931Kb / 20P
   2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter integrated FET
BD9123MUV ROHM-BD9123MUV_12 Datasheet
1,001Kb / 22P
   2.7V to 5.5V, 1.2A 1ch Synchronous Buck Converter integrated FET
BD9132MUV ROHM-BD9132MUV_12 Datasheet
970Kb / 20P
   2.7V to 5.5V, 3.0A 1ch Synchronous Buck Converter integrated FET
BD91361MUV ROHM-BD91361MUV_12 Datasheet
1Mb / 23P
   2.7V to 5.5V, 4A 1ch Synchronous Buck Converter Integrated FET
BD9137MUV ROHM-BD9137MUV_12 Datasheet
971Kb / 21P
   2.7V to 5.5V, 4A 1ch Synchronous Buck Converter Integrated FET
BD8963EFJ ROHM-BD8963EFJ_12 Datasheet
1Mb / 23P
   2.7V to 5.5V, 3A 1ch Synchronous Buck Converter integrated FET
BD9139MUV ROHM-BD9139MUV_12 Datasheet
957Kb / 22P
   2.7V to 5.5V, 3A 1ch Synchronous Buck Converter integrated FET
BD8962MUV ROHM-BD8962MUV_12 Datasheet
979Kb / 20P
   2.7V to 5.5V, 3A 1ch Synchronous Buck Converter integrated FET
BD9111NV ROHM-BD9111NV_12 Datasheet
878Kb / 19P
   4.0V to 5.5V, 2.0A 1ch Synchronous Buck Converter integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com