Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8960NV Datasheet(PDF) 3 Page - Rohm

Part # BD8960NV
Description  2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter Integrated FET
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8960NV Datasheet(HTML) 3 Page - Rohm

  BD8960NV Datasheet HTML 1Page - Rohm BD8960NV Datasheet HTML 2Page - Rohm BD8960NV Datasheet HTML 3Page - Rohm BD8960NV Datasheet HTML 4Page - Rohm BD8960NV Datasheet HTML 5Page - Rohm BD8960NV Datasheet HTML 6Page - Rohm BD8960NV Datasheet HTML 7Page - Rohm BD8960NV Datasheet HTML 8Page - Rohm BD8960NV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3/17
BD8960NV
Datasheet
02.MAR.2012 Rev.001
www.rohm.com
TSZ02201-0J3J0AJ00010-1-2
©
ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
●Absolute Maximum Ratings
Parameter
Symbol
Limits
Unit
VCC Voltage
VCC
-0.3 to +7
1
V
PVCC Voltage
PVCC
-0.3 to +7
1
V
EN Voltage
VEN
-0.3 to +7
V
SW,ITH Voltage
VSW,VITH
-0.3 to +7
V
Power Dissipation 1
Pd1
900
2
mW
Power Dissipation 2
Pd2
3900
3
mW
Operating temperature range
Topr
-25 to +105
Storage temperature range
Tstg
-5 to +150
Maximum junction temperature
Tjmax
+150
*1
Pd should not be exceeded.
*2
Derating in done 7.2mW/℃ for temperatures above Ta=25℃, Mounted on 70mm×70mm×1.6mm Glass Epoxy PCB.
*3
Derating in done 31.2mW/℃ for temperatures above Ta=25℃, Mounted on JESD51-7.
●Operating Ratings(Ta=25℃)
Parameter
Symbol
Limits
Unit
Min.
Typ.
Max.
VCC Voltage
VCC
*4
2.7
*5
3.3
5.5
V
PVCC Voltage
PVCC
*4
2.7
*5
3.3
5.5
V
EN Voltage
VEN
0
-
VCC
V
SW average output current
Isw
*4
-
-
2.0
A
Output voltage Setting Range
VOUT
1.0
-
2.5
V
*4
Pd should not be exceeded.
*5
In case set output voltage 1.6V or more, VccMin. = Vout + 1.3V.
●Electrical Characteristics◎(Ta=25℃, VCC=PVCC=3.3V, EN=VCC, R1=10k
Ω, R2=5kΩ, unless otherwise specified.)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Standby current
ISTB
-
0
10
μA
EN=GND
Bias current
ICC
-
250
400
μA
EN Low voltage
VENL
-
GND
0.8
V
Standby mode
EN High voltage
VENH
2.0
VCC
-
V
Active mode
EN input current
IEN
-
1
10
μA
VEN=3.3V
Oscillation frequency
FOSC
0.8
1
1.2
MHz
Pch FET ON resistance
RONP
-
200
400
PVCC=3.3V
Nch FET ON resistance
RONN
-
160
350
PVCC=3.3V
ADJ Voltage
VADJ
0.788
0.800
0.812
V
Output voltage
VOUT
-
1.200
-
V
ITH SInk current
ITHSI
10
20
-
μA
VADJ=1.0V
ITH Source Current
ITHSO
10
20
-
μA
VADJ=0.6V
UVLO threshold voltage
VUVLO1
2.400
2.500
2.600
V
VCC
=3→0V
UVLO release voltage
VUVLO2
2.425
2.550
2.700
V
VCC=0
→3V
Soft start time
TSS
0.5
1
2
ms
Timer latch time
TLATCH
1
2
3
ms
SCP/TSD operated
Output Short circuit Threshold Voltage
VSCP
-
VOUT×0.5
VOUT×0.7
VOUT
VOUT=1.2→0V


Similar Part No. - BD8960NV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8960NV ROHM-BD8960NV Datasheet
466Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8960NV ROHM-BD8960NV Datasheet
444Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8960NV-E2 ROHM-BD8960NV-E2 Datasheet
444Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8960NV ROHM-BD8960NV_10 Datasheet
444Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results

Similar Description - BD8960NV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9130NV-E2 ROHM-BD9130NV-E2 Datasheet
891Kb / 20P
   2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter integrated FET
BD9130NV ROHM-BD9130NV_12 Datasheet
931Kb / 20P
   2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter integrated FET
BD9123MUV ROHM-BD9123MUV_12 Datasheet
1,001Kb / 22P
   2.7V to 5.5V, 1.2A 1ch Synchronous Buck Converter integrated FET
BD9132MUV ROHM-BD9132MUV_12 Datasheet
970Kb / 20P
   2.7V to 5.5V, 3.0A 1ch Synchronous Buck Converter integrated FET
BD91361MUV ROHM-BD91361MUV_12 Datasheet
1Mb / 23P
   2.7V to 5.5V, 4A 1ch Synchronous Buck Converter Integrated FET
BD9137MUV ROHM-BD9137MUV_12 Datasheet
971Kb / 21P
   2.7V to 5.5V, 4A 1ch Synchronous Buck Converter Integrated FET
BD8963EFJ ROHM-BD8963EFJ_12 Datasheet
1Mb / 23P
   2.7V to 5.5V, 3A 1ch Synchronous Buck Converter integrated FET
BD9139MUV ROHM-BD9139MUV_12 Datasheet
957Kb / 22P
   2.7V to 5.5V, 3A 1ch Synchronous Buck Converter integrated FET
BD8962MUV ROHM-BD8962MUV_12 Datasheet
979Kb / 20P
   2.7V to 5.5V, 3A 1ch Synchronous Buck Converter integrated FET
BD9111NV ROHM-BD9111NV_12 Datasheet
878Kb / 19P
   4.0V to 5.5V, 2.0A 1ch Synchronous Buck Converter integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com