Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9132MUV Datasheet(PDF) 3 Page - Rohm

Part # BD9132MUV
Description  2.7V to 5.5V, 3.0A 1ch Synchronous Buck Converter integrated FET
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9132MUV Datasheet(HTML) 3 Page - Rohm

  BD9132MUV_12 Datasheet HTML 1Page - Rohm BD9132MUV_12 Datasheet HTML 2Page - Rohm BD9132MUV_12 Datasheet HTML 3Page - Rohm BD9132MUV_12 Datasheet HTML 4Page - Rohm BD9132MUV_12 Datasheet HTML 5Page - Rohm BD9132MUV_12 Datasheet HTML 6Page - Rohm BD9132MUV_12 Datasheet HTML 7Page - Rohm BD9132MUV_12 Datasheet HTML 8Page - Rohm BD9132MUV_12 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
www.rohm.com
TSZ02201-0J3J0AJ00140-1-2
©
ROHM Co., Ltd. All rights reserved.
3/18
02.MAR.2012 Rev.001
TSZ22111・15・001
BD9132MUV
Datasheet
●Absolute Maximum Ratings(Ta=25℃)
Parameter
Symbol
Limits
Unit
VCC Voltage
VCC
-0.3 to +7 *
1
V
PVCC Voltage
PVCC
-0.3 to +7 *
1
V
BST Voltage
VBST
-0.3 to +13
V
BST_SW Voltage
VBST-SW
-0.3 to +7
V
EN Voltage
VEN
-0.3 to +7
V
SW,ITH Voltage
VSW,
VITH
-0.3 to +7
V
Power Dissipation 1
Pd1
0.34 *
2
W
Power Dissipation 2
Pd2
0.70 *
3
W
Power Dissipation 3
Pd3
1.21 *
4
W
Power Dissipation 4
Pd4
3.56 *
5
W
Operating temperature range
Topr
-40 to +105
Storage temperature range
Tstg
-55 to +150
Maximum junction temperature
Tj
+150
*1
Pd should not be exceeded.
*2
IC only
*3
1-layer. mounted on a 74.2mm×74.2mm×1.6mm glass-epoxy board, occupied area by copper foil : 10.29mm
2
*4
4-layer. mounted on a 74.2mm×74.2mm×1.6mm glass-epoxy board, occupied area by copper foil : 10.29mm
2 , in each layers
*5
4-layer. mounted on a 74.2mm×74.2mm×1.6mm glass-epoxy board, occupied area by copper foil : 5505mm
2, in each layers
●Operating Ratings (Ta=-40 to +105℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power Supply Voltage
VCC
2.7
3.3
5.5
V
PVCC
2.7
3.3
5.5
V
EN Voltage
VEN
0
-
5.5
V
Output voltage Setting Range
VOUT
0.8
-
3.3*
6
V
SW average output current
ISW
-
-
3.0*
7
A
*6 In case set output voltage 1.6V or more, VccMin = Vout+1.2V.
*7 Pd should not be exceeded.
●Electrical Characteristics
◎BD9132MUV (Ta=25℃ VCC=PVCC=3.3V, EN=VCC, R1=10kΩ, R2=5kΩ, unless otherwise specified.)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Standby current
ISTB
-
0
10
μA
EN=GND
Active current
ICC
-
250
500
μA
EN Low voltage
VENL
-
GND
0.8
V
Standby mode
EN High voltage
VENH
2.0
Vcc
-
V
Active mode
EN input current
IEN
-
1
10
μA
VEN=3.3V
Oscillation frequency
FOSC
0.8
1
1.2
MHz
High side FET ON resistance
RONH
-
82
115
PVCC=3.3V
Low side FET ON resistance
RONL
-
70
98
PVCC=3.3V
ADJ Voltage
VADJ
0.788
0.800
0.812
V
ITH SInk current
ITHSI
10
18
-
μA
VADJ=1V
ITH Source Current
ITHSO
10
18
-
μA
VADJ=0.6V
UVLO threshold voltage
VUVLO1
2.400
2.500
2.600
V
VCC=3.3V→0V
UVLO release voltage
VUVLO2
2.425
2.550
2.700
V
VCC=0V→3.3V
Soft start time
TSS
2.5
5
10
ms
Timer latch time
TLATCH
0.5
1
2
ms
Output Short circuit
Threshold Voltage
VSCP
-
0.40
0.56
V
VADJ =0.8V→0V


Similar Part No. - BD9132MUV_12

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9132MUV ROHM-BD9132MUV_14 Datasheet
1Mb / 26P
   Synchronous Buck Converter with Integrated FET
More results

Similar Description - BD9132MUV_12

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9123MUV ROHM-BD9123MUV_12 Datasheet
1,001Kb / 22P
   2.7V to 5.5V, 1.2A 1ch Synchronous Buck Converter integrated FET
BD9130NV-E2 ROHM-BD9130NV-E2 Datasheet
891Kb / 20P
   2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter integrated FET
BD91361MUV ROHM-BD91361MUV_12 Datasheet
1Mb / 23P
   2.7V to 5.5V, 4A 1ch Synchronous Buck Converter Integrated FET
BD9137MUV ROHM-BD9137MUV_12 Datasheet
971Kb / 21P
   2.7V to 5.5V, 4A 1ch Synchronous Buck Converter Integrated FET
BD8963EFJ ROHM-BD8963EFJ_12 Datasheet
1Mb / 23P
   2.7V to 5.5V, 3A 1ch Synchronous Buck Converter integrated FET
BD9130NV ROHM-BD9130NV_12 Datasheet
931Kb / 20P
   2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter integrated FET
BD9139MUV ROHM-BD9139MUV_12 Datasheet
957Kb / 22P
   2.7V to 5.5V, 3A 1ch Synchronous Buck Converter integrated FET
BD8960NV ROHM-BD8960NV_12 Datasheet
988Kb / 19P
   2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter Integrated FET
BD8962MUV ROHM-BD8962MUV_12 Datasheet
979Kb / 20P
   2.7V to 5.5V, 3A 1ch Synchronous Buck Converter integrated FET
BD9134MUV ROHM-BD9134MUV_12 Datasheet
1,011Kb / 21P
   4.5V to 5.5V, 3.0A 1ch Synchronous Buck Converter Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com