Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9134MUV Datasheet(PDF) 8 Page - Rohm

Part # BD9134MUV
Description  4.5V to 5.5V, 3.0A 1ch Synchronous Buck Converter Integrated FET
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9134MUV Datasheet(HTML) 8 Page - Rohm

Back Button BD9134MUV Datasheet HTML 4Page - Rohm BD9134MUV Datasheet HTML 5Page - Rohm BD9134MUV Datasheet HTML 6Page - Rohm BD9134MUV Datasheet HTML 7Page - Rohm BD9134MUV Datasheet HTML 8Page - Rohm BD9134MUV Datasheet HTML 9Page - Rohm BD9134MUV Datasheet HTML 10Page - Rohm BD9134MUV Datasheet HTML 11Page - Rohm BD9134MUV Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
www.rohm.com
TSZ02201-0J3J0AJ00150-1-2
©2012 ROHM Co., Ltd. All rights reserved.
8/19
02.MAR.2012 Rev.001
TSZ22111・15・001
BD9134MUV
Datasheet
Application Information
●Operation
BD9134MUV is a synchronous rectifying step-down switching regulator that achieves faster transient response by
employing current mode PWM control system.
It utilizes switching operation in PWM (Pulse Width Modulation) mode for
heavier load, while it utilizes SLLM
TM (Simple Light Load Mode) operation for lighter load to improve efficiency.
○Synchronous rectifier
It does not require the power to be dissipated by a rectifier externally connected to a conventional DC/DC converter IC, and
its P.N junction shoot-through protection circuit limits the shoot-through current during operation, by which the power
dissipation of the set is reduced.
○Current mode PWM control
Synthesizes a PWM control signal with a inductor current feedback loop added to the voltage feedback.
・PWM (Pulse Width Modulation) control
The oscillation frequency for PWM is 1 MHz.
SET signal form OSC turns ON a highside MOS FET (while a lowside
MOS FET is turned OFF), and an inductor current IL increases.
The current comparator (Current Comp) receives two
signals, a current feedback control signal (SENSE: Voltage converted from IL) and a voltage feedback control signal (FB),
and issues a RESET signal if both input signals are identical to each other, and turns OFF the highside MOS FET (while
a lowside MOS FET is turned ON) for the rest of the fixed period.
The PWM control repeat this operation.
・SLLM
TM (Simple Light Load Mode) control
When the control mode is shifted from PWM for heavier load to the one for lighter load or vise versa, the switching pulse
is designed to turn OFF with the device held operated in normal PWM control loop, which allows linear operation without
voltage drop or deterioration in transient response during the mode switching from light load to heavy load or vise versa.
Although the PWM control loop continues to operate with a SET signal from OSC and a RESET signal from Current
Comp, it is so designed that the RESET signal is held issued if shifted to the light load mode, with which the switching is
tuned OFF and the switching pulses are thinned out under control.
Activating the switching intermittently reduces the
switching dissipation and improves the efficiency.
Fig.19 Diagram of current mode PWM control
OSC
Level
Shift
Driver
Logic
R Q
S
IL
SW
ITH
Current
Comp
Gm Amp.
SET
RESET
FB
Load
VOUT
VOUT
Fig.20 PWM switching timing chart
Fig.21 SLLM
TM switching timing chart
Current
Comp
SET
RESET
SW
VOUT
PVCC
GND
GND
GND
IL(AVE)
VOUT(AVE)
SENSE
FB
Current
Comp
SET
RESET
SW
VOUT
PVCC
GND
GND
GND
0A
VOUT(AVE)
SENSE
FB
IL
Not switching
IL


Similar Part No. - BD9134MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9134MUV ROHM-BD9134MUV Datasheet
438Kb / 18P
   Output 2A or More High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9134MUV ROHM-BD9134MUV Datasheet
433Kb / 18P
   Output 2A or More High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9134MUV ROHM-BD9134MUV Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9134MUV-E2 ROHM-BD9134MUV-E2 Datasheet
433Kb / 18P
   Output 2A or More High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9134MUV-E2 ROHM-BD9134MUV-E2 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
More results

Similar Description - BD9134MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8967FVM ROHM-BD8967FVM_12 Datasheet
920Kb / 20P
   4.5V to 5.5V, 0.8A 1ch Synchronous Buck Converter integrated FET
BD8961NV ROHM-BD8961NV_12 Datasheet
842Kb / 18P
   4.5V to 5.5V, 2.0A 1ch Synchronous Buck Converter Integrated FET
BD9132MUV ROHM-BD9132MUV_12 Datasheet
970Kb / 20P
   2.7V to 5.5V, 3.0A 1ch Synchronous Buck Converter integrated FET
BD9102FVM ROHM-BD9102FVM_12 Datasheet
1Mb / 29P
   4.0V(or 4.5V) to 5.5V, 0.8A 1ch Synchronous Buck Converter Integrated FET
BD9161FVM ROHM-BD9161FVM_12 Datasheet
922Kb / 19P
   2.5V to 4.5V, 0.6A 1ch Synchronous Buck Converter Integrated FET
BD9141MUV ROHM-BD9141MUV_12 Datasheet
1Mb / 21P
   4.5V to 13.2V, 2A 1ch Synchronous Buck Converter integrated FET
BD9122GUL-E2 ROHM-BD9122GUL-E2 Datasheet
955Kb / 19P
   2.5V to 5.5V, 0.3A 1ch Synchronous Buck Converter integrated FET
BD9123MUV ROHM-BD9123MUV_12 Datasheet
1,001Kb / 22P
   2.7V to 5.5V, 1.2A 1ch Synchronous Buck Converter integrated FET
BD9130NV-E2 ROHM-BD9130NV-E2 Datasheet
891Kb / 20P
   2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter integrated FET
BD91361MUV ROHM-BD91361MUV_12 Datasheet
1Mb / 23P
   2.7V to 5.5V, 4A 1ch Synchronous Buck Converter Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com