Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9161FVM Datasheet(PDF) 10 Page - Rohm

Part # BD9161FVM
Description  2.5V to 4.5V, 0.6A 1ch Synchronous Buck Converter Integrated FET
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9161FVM Datasheet(HTML) 10 Page - Rohm

Back Button BD9161FVM Datasheet HTML 6Page - Rohm BD9161FVM Datasheet HTML 7Page - Rohm BD9161FVM Datasheet HTML 8Page - Rohm BD9161FVM Datasheet HTML 9Page - Rohm BD9161FVM Datasheet HTML 10Page - Rohm BD9161FVM Datasheet HTML 11Page - Rohm BD9161FVM Datasheet HTML 12Page - Rohm BD9161FVM Datasheet HTML 13Page - Rohm BD9161FVM Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10/17
BD9161FVM
Datasheet
02.MAR.2012 Rev.001
www.rohm.com
TSZ02201-0J3J0AJ00190-1-2
© 2011 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
Information on Advantages
Advantage 1:Offers fast transient response with current mode control system.
Voltage drop due to sudden change in load was reduced by about 50%.
Fig.24 Comparison of transient response
Advantage 2: Offers high efficiency for all load range.
・For lighter load:
Utilizes the current mode control mode called SLLM
TM for lighter load, which reduces various dissipation such as
switching dissipation (PSW), gate charge/discharge dissipation, ESR dissipation of output capacitor (PESR) and
on-resistance dissipation (PRON) that may otherwise cause degradation in efficiency for lighter load.
Achieves efficiency improvement for lighter load.
・For heavier load:
Utilizes the synchronous rectifying mode and the low on-resistance
MOS FETs incorporated as power transistor.
ON resistance of P-
channel MOS FET: 0.35 Ω (Typ.)
ON resistance of N-
channel MOS FET: 0.37 Ω (Typ.)
Achieves efficiency improvement for heavier load.
Offers high efficiency for all load range with the improvements mentioned above.
Advantage 3: ・Supplied in smaller package due to small-sized power MOS FET incorporated.
・Allows reduction in size of application products
Reduces a mounting area required.
Fig.26 Example application
・Output capaci
tor Co required for current mode control: 10 μF ceramic capacitor
Inductance L required for the operating frequency of 1 MHz: 4.7 μH inductor
DC/DC
Convertor
Controller
RITH
L
Co
VOUT
CITH
VCC
Cin
10mm
15mm
RITH
CITH
CIN
CO
L
Conventional product (VOUT of which is 2.5 volts)
BD9161FVM (Load response IO
=250mA→500mA)
0.001
0.01
0.1
1
0
50
100
PWM
SLLM
TM
①inprovement by SLLM
TM system
②improvement by synchronous rectifier
Output current Io[A]
Fig.25 Efficiency
VOUT
IOUT
98mV
VOUT
IOUT
40mV


Similar Part No. - BD9161FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9161FVM ROHM-BD9161FVM Datasheet
405Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9161FVM-LB ROHM-BD9161FVM-LB Datasheet
2Mb / 23P
   2.5V to 4.5V, Input 0.6A Integrated FET 1ch Synchronous Buck Converter
BD9161FVM-LBTR ROHM-BD9161FVM-LBTR Datasheet
2Mb / 23P
   2.5V to 4.5V, Input 0.6A Integrated FET 1ch Synchronous Buck Converter
More results

Similar Description - BD9161FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9161FVM-LB ROHM-BD9161FVM-LB Datasheet
2Mb / 23P
   2.5V to 4.5V, Input 0.6A Integrated FET 1ch Synchronous Buck Converter
BD9141MUV ROHM-BD9141MUV_12 Datasheet
1Mb / 21P
   4.5V to 13.2V, 2A 1ch Synchronous Buck Converter integrated FET
BD8961NV ROHM-BD8961NV_12 Datasheet
842Kb / 18P
   4.5V to 5.5V, 2.0A 1ch Synchronous Buck Converter Integrated FET
BD9134MUV ROHM-BD9134MUV_12 Datasheet
1,011Kb / 21P
   4.5V to 5.5V, 3.0A 1ch Synchronous Buck Converter Integrated FET
BD8967FVM ROHM-BD8967FVM_12 Datasheet
920Kb / 20P
   4.5V to 5.5V, 0.8A 1ch Synchronous Buck Converter integrated FET
BD9122GUL-E2 ROHM-BD9122GUL-E2 Datasheet
955Kb / 19P
   2.5V to 5.5V, 0.3A 1ch Synchronous Buck Converter integrated FET
BD9122GUL ROHM-BD9122GUL_12 Datasheet
889Kb / 19P
   2.5V to 5.5V, 0.3A 1ch Synchronous Buck Converter integrated FET
BD9102FVM ROHM-BD9102FVM_12 Datasheet
1Mb / 29P
   4.0V(or 4.5V) to 5.5V, 0.8A 1ch Synchronous Buck Converter Integrated FET
BD86120EFJ ROHM-BD86120EFJ Datasheet
456Kb / 20P
   4.5V to 18V, 5A 1ch Synchronous Buck Converter
BD86123AEFJ ROHM-BD86123AEFJ Datasheet
452Kb / 20P
   4.5V to 18V, 3A 1ch Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com