Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5523D Datasheet(PDF) 1 Page - Sanken electric

Part # LC5523D
Description  LC5500 Series Single-Stage Power Factor Corrected Off-Line Switching Regulators
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC5523D Datasheet(HTML) 1 Page - Sanken electric

  LC5523D Datasheet HTML 1Page - Sanken electric LC5523D Datasheet HTML 2Page - Sanken electric LC5523D Datasheet HTML 3Page - Sanken electric LC5523D Datasheet HTML 4Page - Sanken electric LC5523D Datasheet HTML 5Page - Sanken electric LC5523D Datasheet HTML 6Page - Sanken electric LC5523D Datasheet HTML 7Page - Sanken electric LC5523D Datasheet HTML 8Page - Sanken electric LC5523D Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
SANKEN ELECTRIC CO., LTD.
Introduction
The LC5500 series is the power IC for the isolated type
LED driver which has an incorporated power MOSFET,
designed for input capacitorless applications, and making it
possible for systems to comply with the harmonics standard
(IEC61000-3-2 class C). The controller adapts the average
current control method for realizing high power factors, and
the quasi-resonant topology contributes to high efficiency
and low EMI noise. The series is housed in either DIP8 or
TO-220F-7L packages, depending on output power
capability. The rich set of protection features helps to real-
ize low component counts, and high performance-to-cost
power supply.
Features and Benefits
• DIP8 package (LC551xD/LC552xD) and TO-220F-7L
package (LC552xF)
• Integrated on-width control circuit (it realizes high power
factor by average current control)
• Integrated startup circuit (no external startup
circuit necessary)
• Integrated soft-start circuit (reduces power stress during
start-up on the incorporated power MOSFET and output
rectifier)
• Integrated bias assist circuit (improves the startup
performance, suppresses VCC voltage droop during
operation, allows reduction of VCC capacitor value as well
as use of a ceramic capacitor)
• Integrated Leading Edge Blanking (LEB) circuit
• Integrated maximum on-width limit circuit
LC5500 Series Single-Stage Power Factor Corrected
Off-Line Switching Regulators
Figure 1. The LC5500 series packages for lower wattage versions
are fully molded DIP8s, with pin 7 removed for greater isolation. For
higher wattages, the TO-220F-7L fully molded package is provided,
with three leadform options, all which provide a separation between
pins 1 and 2.
Application Information
LC5500-AN, Rev.1.2
TO-220F-7L
(LF 3052)
TO-220F-7L
(LF 3054)
TO-220F-7L
(LF 3051)
DIP8
• Dual-chip structure, with an avalanche-guaranteed power
MOSFET (allows simplified surge suppressing circuits)
• Protection features:
▫ Overcurrent protection (OCP): pulse-by-pulse
▫ Overvoltage protection (OVP): auto restart, OVP-
activating pins vary by product series:
OVP-Activating Pins
Series
VCC
ISENSE
OVP
OCP
LC551xD
×
×
×
LC552xD
×
×
×
LC552xF
×
×
×
▫ Overload protection (OLP): auto restart
▫ Thermal shutdown (TSD): halts switching operation and
latches in the off-state
The product lineup for the LC5500 series provides the following options:
Part
Number
MOSFET
VDSS(min)
(V)
RDS(on)
(max)
(Ω)
Isolation
Package
POUT*
(W)
230 VAC
Universal
(Wide)
LC5511D
650
3.95
Non-
isolated
DIP8
13
10
LC5513D
1.9
20
16
LC5521D
3.95
Isolated
13
10
LC5523D
1.9
20
16
LC5523F
TO-220F-
7L
60
40
LC5525F
1.1
80
55
*Based on the thermal rating; the allowable maximum output power can be up to
120% to 140% of this value. However, maximum output power may be limited in an
applications with low output voltage or short duty cycle.
Part Number Assignment
LC55nna
ABC D
A
Product series name
B
Indicates non-isolated or isolated:
1 – Non-isolated, 2 – Isolated
C
On-resistance of the incorporated MOSFET:
1 – 3.95 Ω, 3 – 1.9 Ω, 5 – 1.1 Ω
D
Indicates the package:
D – DIP8, F – TO-220F-7L


Similar Part No. - LC5523D

ManufacturerPart #DatasheetDescription
logo
Sanken electric
LC5523D SANKEN-LC5523D Datasheet
379Kb / 9P
   Hybrid IC
More results

Similar Description - LC5523D

ManufacturerPart #DatasheetDescription
logo
Sanken electric
LC5540LD SANKEN-LC5540LD Datasheet
281Kb / 11P
   Single-Stage Power Factor Corrected Off-Line Switching Regulators
LC5540LF SANKEN-LC5540LF Datasheet
308Kb / 13P
   Single-Stage Power Factor Corrected Off-Line Switching Regulators
LC5560LD SANKEN-LC5560LD Datasheet
297Kb / 10P
   LC5560LD Series Single-Stage Power Factor Corrected Off-Line Switching Regulators for LEDs
LC552XD SANKEN-LC552XD Datasheet
235Kb / 9P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC556XLD SANKEN-LC556XLD Datasheet
297Kb / 10P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator ICs
LC5525F SANKEN-LC5525F Datasheet
254Kb / 11P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC554XLD SANKEN-LC554XLD Datasheet
278Kb / 11P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator ICs
LC5513D SANKEN-LC5513D Datasheet
230Kb / 9P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC5523F SANKEN-LC5523F Datasheet
255Kb / 11P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC554XLF SANKEN-LC554XLF Datasheet
313Kb / 13P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com