Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5525F Datasheet(PDF) 5 Page - Sanken electric

Part # LC5525F
Description  LC5500 Series Single-Stage Power Factor Corrected Off-Line Switching Regulators
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC5525F Datasheet(HTML) 5 Page - Sanken electric

  LC5525F Datasheet HTML 1Page - Sanken electric LC5525F Datasheet HTML 2Page - Sanken electric LC5525F Datasheet HTML 3Page - Sanken electric LC5525F Datasheet HTML 4Page - Sanken electric LC5525F Datasheet HTML 5Page - Sanken electric LC5525F Datasheet HTML 6Page - Sanken electric LC5525F Datasheet HTML 7Page - Sanken electric LC5525F Datasheet HTML 8Page - Sanken electric LC5525F Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
5
SANKEN ELECTRIC CO., LTD.
LC5500-AN, Rev.1.2
Package Drawings
This section provides dimensioned drawings of the DIP8 and the
TO-220-7L packages.
Figure 5. DIP8 package drawing
0~15°
0~15°
0.25 +0.1
- 0.05
1
4
5
8
9.4 ±0.3
0.5 ±0.1
0.89 TYP
(7.6 TYP)
2.54 TYP
-0.05
-0.05
+0.3
+0.3
1.0
1.52
a
LC
b
c
a: Part #: 55xx
b: Lot number 3 digits, plus D
1stletter: Last digit of year
2ndletter: Month
Jan to September: Numeric
October: O
November: N
December: D
3rdletter: Week
Date 1 to 10: 1
Date 11 to 20: 2
Date 21 to 31: 3
c: Internal use control number
Leadframe Material: Cu
Pin treatment: Solder plating
Weight: Approximately 0.51g
Unit: mm
Pb-free. Device composition compliant
with the RoHS directive.


Similar Part No. - LC5525F

ManufacturerPart #DatasheetDescription
logo
Sanken electric
LC5525F SANKEN-LC5525F Datasheet
392Kb / 11P
   Hybrid IC
LC5525F SANKEN-LC5525F Datasheet
254Kb / 11P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
More results

Similar Description - LC5525F

ManufacturerPart #DatasheetDescription
logo
Sanken electric
LC5540LD SANKEN-LC5540LD Datasheet
281Kb / 11P
   Single-Stage Power Factor Corrected Off-Line Switching Regulators
LC5540LF SANKEN-LC5540LF Datasheet
308Kb / 13P
   Single-Stage Power Factor Corrected Off-Line Switching Regulators
LC5560LD SANKEN-LC5560LD Datasheet
297Kb / 10P
   LC5560LD Series Single-Stage Power Factor Corrected Off-Line Switching Regulators for LEDs
LC552XD SANKEN-LC552XD Datasheet
235Kb / 9P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC556XLD SANKEN-LC556XLD Datasheet
297Kb / 10P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator ICs
LC5525F SANKEN-LC5525F Datasheet
254Kb / 11P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC554XLD SANKEN-LC554XLD Datasheet
278Kb / 11P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator ICs
LC5513D SANKEN-LC5513D Datasheet
230Kb / 9P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC5523F SANKEN-LC5523F Datasheet
255Kb / 11P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC554XLF SANKEN-LC554XLF Datasheet
313Kb / 13P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com