Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8JX-G05024 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # S8JX-G05024
Description  Switch Mode Power Supply
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8JX-G05024 Datasheet(HTML) 1 Page - Omron Electronics LLC

  S8JX-G05024 Datasheet HTML 1Page - Omron Electronics LLC S8JX-G05024 Datasheet HTML 2Page - Omron Electronics LLC S8JX-G05024 Datasheet HTML 3Page - Omron Electronics LLC S8JX-G05024 Datasheet HTML 4Page - Omron Electronics LLC S8JX-G05024 Datasheet HTML 5Page - Omron Electronics LLC S8JX-G05024 Datasheet HTML 6Page - Omron Electronics LLC S8JX-G05024 Datasheet HTML 7Page - Omron Electronics LLC S8JX-G05024 Datasheet HTML 8Page - Omron Electronics LLC S8JX-G05024 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
New Product
Switch Mode Power Supply
S8JX
(15/35/50/100/150/300/600-W Models)
Wide Variety of Output Voltage
Variations: 48 V for 15 to 150 W,
and 5 or 12 V for 150 W
• Easy Mounting:
Mounting Bracket provided as a standard feature.
(except for DIN Rail-mounting models)
Mounts to DIN Rail. (except 600-W model)
Screw-mount at the top. (except 300-/600-W models)
• Safety standards:
UL 508/60950-1
cUL CSA C22.2 No. 107.1
cUR CSA C22.2 No. 60950-1
EN 50178 (= VDE 0160)
EN 60950-1 (= VDE 0805 Teil 1)
• EMC: Conforms to EN 61204-3 Class A.
• Input conditions:
The input voltage range of 15-W, 35-W,
50-W, 100-W, and 150-W models has been
increased to 80 to 370 VDC (EC Directives
and safety standards do not apply.).
Note: Refer to Safety Precautions on page 24.
Model Number Structure
Model Number Legend
Note: 1. Not all combinations are possible. Refer to List of Models in Ordering Information on page 2.
2. Estimates can be provided for coatings and other specifications that are not given in the datasheet. Ask your OMRON representative for
details.
1. Power Ratings
015: 15 W
035: 35 W
050: 50 W
100: 100 W
150: 150 W
2. Output Voltage
05: 5 V
12: 12 V
15: 15 V
24: 24 V
48: 48 V
3. Configuration (15/35/50/100/150 W model)
None: Open-frame
C: Covered
4. Configuration/mounting
None: Front-mounting
D: DIN Rail-mounting
1. Power Ratings
300: 300 W
600: 600 W
2. Output Voltage
24: 24 V
3. Configuration/mounting (covered type)
C: Front-mounting
CD: DIN Rail-mounting
Note: Estimates can be provided for coatings and other specifications that are not given in the datasheet. Ask your OMRON representative for
details.
EMI: EN55011
EMS: EN61000-4
()
15-/35-/50-/100-/150-W Models
12
3 4
S8JX-G
@@@@@@@
300-/600-W Models
1
2
3
S8JX-G
@@@@@@


Similar Part No. - S8JX-G05024

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8JX-G05024 OMRON-S8JX-G05024 Datasheet
486Kb / 4P
   Offers Flexible Selection, High Reliability and Ease of Operation
S8JX-G05024 OMRON-S8JX-G05024 Datasheet
2Mb / 28P
   Wide Variety of Output Voltage Variations: 48 V for 15 to 150 W, and 5 or 12 V for 150 W
S8JX-G05024C OMRON-S8JX-G05024C Datasheet
486Kb / 4P
   Offers Flexible Selection, High Reliability and Ease of Operation
S8JX-G05024C OMRON-S8JX-G05024C Datasheet
2Mb / 28P
   Wide Variety of Output Voltage Variations: 48 V for 15 to 150 W, and 5 or 12 V for 150 W
S8JX-G05024CD OMRON-S8JX-G05024CD Datasheet
312Kb / 2P
   Power Supplies
More results

Similar Description - S8JX-G05024

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF2N60S CTC-CF2N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
   Switch Mode Power Supply
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF6N60S CTC-CF6N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8TS OMRON-S8TS Datasheet
274Kb / 3P
   Switch Mode Power Supply
S8VK-X OMRON-S8VK-X Datasheet
6Mb / 29P
   Switch Mode Power Supply
S8VM OMRON-S8VM Datasheet
5Mb / 37P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60I CTC-CF4N60I Datasheet
753Kb / 5P
   Switch Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com