Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8JX-G10048 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # S8JX-G10048
Description  Switch Mode Power Supply
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8JX-G10048 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button S8JX-G10048 Datasheet HTML 7Page - Omron Electronics LLC S8JX-G10048 Datasheet HTML 8Page - Omron Electronics LLC S8JX-G10048 Datasheet HTML 9Page - Omron Electronics LLC S8JX-G10048 Datasheet HTML 10Page - Omron Electronics LLC S8JX-G10048 Datasheet HTML 11Page - Omron Electronics LLC S8JX-G10048 Datasheet HTML 12Page - Omron Electronics LLC S8JX-G10048 Datasheet HTML 13Page - Omron Electronics LLC S8JX-G10048 Datasheet HTML 14Page - Omron Electronics LLC S8JX-G10048 Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
S8JX
11
INPUT
DC OUTPUT
Voltage
detection
+V
−V
Noise
filter
Inrush current protection
Fuse
10 A
AC (L)
AC (N)
Photocoupler
Drive control
Circuit
Overcurrent
detection
circuit
Overvoltage
detection circuit
Rectifier/
Smoothing circuit
Rectifier/
Smoothing circuit
Parallel operation selector
100/200V (Selectable)
S8JX-G30024
@@ (300 W)
Note: Short-circuit the input voltage selector terminals if the input is 100 to 120 VAC.
Keep the terminals open if the input is 200 to 240 VAC.
Fan
INPUT
DC OUTPUT
Voltage
detection
+V
−V
Noise
filter
Inrush current protection
Fuse
10 A
AC (L)
AC (N)
Photocoupler
Drive control
Circuit
Overcurrent
detection
circuit
Overheat
detection
circuit
Overvoltage
detection circuit
Rectifier/
Smoothing circuit
Rectifier/
Smoothing circuit
Parallel operation selector
100/200V (Selectable)
S8JX-G60024
@@ (600 W)
Note: Short-circuit the input voltage selector terminals if the input is 100 to 120 VAC.
Keep the terminals open if the input is 200 to 240 VAC.


Similar Part No. - S8JX-G10048

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8JX-G10048 OMRON-S8JX-G10048 Datasheet
486Kb / 4P
   Offers Flexible Selection, High Reliability and Ease of Operation
S8JX-G10048 OMRON-S8JX-G10048 Datasheet
2Mb / 28P
   Wide Variety of Output Voltage Variations: 48 V for 15 to 150 W, and 5 or 12 V for 150 W
S8JX-G10048C OMRON-S8JX-G10048C Datasheet
486Kb / 4P
   Offers Flexible Selection, High Reliability and Ease of Operation
S8JX-G10048C OMRON-S8JX-G10048C Datasheet
2Mb / 28P
   Wide Variety of Output Voltage Variations: 48 V for 15 to 150 W, and 5 or 12 V for 150 W
S8JX-G10048CD OMRON-S8JX-G10048CD Datasheet
486Kb / 4P
   Offers Flexible Selection, High Reliability and Ease of Operation
More results

Similar Description - S8JX-G10048

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF2N60S CTC-CF2N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
   Switch Mode Power Supply
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF6N60S CTC-CF6N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8TS OMRON-S8TS Datasheet
274Kb / 3P
   Switch Mode Power Supply
S8VK-X OMRON-S8VK-X Datasheet
6Mb / 29P
   Switch Mode Power Supply
S8VM OMRON-S8VM Datasheet
5Mb / 37P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60I CTC-CF4N60I Datasheet
753Kb / 5P
   Switch Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com