Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8JX-G01548D Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # S8JX-G01548D
Description  Switch Mode Power Supply
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8JX-G01548D Datasheet(HTML) 2 Page - Omron Electronics LLC

  S8JX-G01548D Datasheet HTML 1Page - Omron Electronics LLC S8JX-G01548D Datasheet HTML 2Page - Omron Electronics LLC S8JX-G01548D Datasheet HTML 3Page - Omron Electronics LLC S8JX-G01548D Datasheet HTML 4Page - Omron Electronics LLC S8JX-G01548D Datasheet HTML 5Page - Omron Electronics LLC S8JX-G01548D Datasheet HTML 6Page - Omron Electronics LLC S8JX-G01548D Datasheet HTML 7Page - Omron Electronics LLC S8JX-G01548D Datasheet HTML 8Page - Omron Electronics LLC S8JX-G01548D Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
S8JX
2
Ordering Information
List of Models
Note: For details on normal stock models, contact your nearest OMRON representative.
*1. The front-mounting bracket is included as standard with the product.
*2. A front-mounting bracket is not included with the product.
*3. The range for compliance with EC Directives and safety standards (UL, EN, etc.) is 100 to 240 VAC (85 to 264 VAC).
Configuration
Input voltage
Power ratings
Output voltage (VDC)
Output current
Model
Open-frame Power
Supplies
Front-mounting
*1
100 to 240 VAC
(free)
(80 to 370 VDC
*3)
S8JX-G15005
@:
Switchable between
100 to 120 VAC and
200 to 240 VAC. (DC
power cannot be
input.)
15 W
5 V
3 A
S8JX-G01505
12 V
1.3 A
S8JX-G01512
15 V
1 A
S8JX-G01515
24 V
0.65 A
S8JX-G01524
48 V
0.35 A
S8JX-G01548
35 W
5 V
7 A
S8JX-G03505
12 V
3 A
S8JX-G03512
15 V
2.4 A
S8JX-G03515
24 V
1.5 A
S8JX-G03524
48 V
0.75 A
S8JX-G03548
50 W
5 V
10 A
S8JX-G05005
12 V
4.2 A
S8JX-G05012
24 V
2.1 A
S8JX-G05024
48 V
1.1 A
S8JX-G05048
100 W
5 V
20 A
S8JX-G10005
12 V
8.5 A
S8JX-G10012
24 V
4.5 A
S8JX-G10024
48 V
2.1 A
S8JX-G10048
150 W
5 V
30 A
S8JX-G15005
12 V
13 A
S8JX-G15012
24 V
6.5 A
S8JX-G15024
48 V
3.3 A
S8JX-G15048
DIN Rail-mounting
*2
15 W
5 V
3 A
S8JX-G01505D
12 V
1.3 A
S8JX-G01512D
15 V
1 A
S8JX-G01515D
24 V
0.65 A
S8JX-G01524D
48 V
0.35 A
S8JX-G01548D
35 W
5 V
7 A
S8JX-G03505D
12 V
3 A
S8JX-G03512D
15 V
2.4 A
S8JX-G03515D
24 V
1.5 A
S8JX-G03524D
48 V
0.75 A
S8JX-G03548D
50 W
5 V
10 A
S8JX-G05005D
12 V
4.2 A
S8JX-G05012D
24 V
2.1 A
S8JX-G05024D
48 V
1.1 A
S8JX-G05048D
100 W
5 V
20 A
S8JX-G10005D
12 V
8.5 A
S8JX-G10012D
24 V
4.5 A
S8JX-G10024D
48 V
2.1 A
S8JX-G10048D
150 W
5 V
30 A
S8JX-G15005D
12 V
13 A
S8JX-G15012D
24 V
6.5 A
S8JX-G15024D
48 V
3.3 A
S8JX-G15048D


Similar Part No. - S8JX-G01548D

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8JX-G01548D OMRON-S8JX-G01548D Datasheet
486Kb / 4P
   Offers Flexible Selection, High Reliability and Ease of Operation
S8JX-G01548D OMRON-S8JX-G01548D Datasheet
2Mb / 28P
   Wide Variety of Output Voltage Variations: 48 V for 15 to 150 W, and 5 or 12 V for 150 W
More results

Similar Description - S8JX-G01548D

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF2N60S CTC-CF2N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
   Switch Mode Power Supply
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF6N60S CTC-CF6N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8TS OMRON-S8TS Datasheet
274Kb / 3P
   Switch Mode Power Supply
S8VK-X OMRON-S8VK-X Datasheet
6Mb / 29P
   Switch Mode Power Supply
S8VM OMRON-S8VM Datasheet
5Mb / 37P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60I CTC-CF4N60I Datasheet
753Kb / 5P
   Switch Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com