Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI52144-A01AGM Datasheet(PDF) 6 Page - Silicon Laboratories

Part # SI52144-A01AGM
Description  PCI-EXPRESS GEN 1, GEN 2, & GEN 3 CLOCK QUAD OUTPUT GENERATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI52144-A01AGM Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SI52144-A01AGM Datasheet HTML 2Page - Silicon Laboratories SI52144-A01AGM Datasheet HTML 3Page - Silicon Laboratories SI52144-A01AGM Datasheet HTML 4Page - Silicon Laboratories SI52144-A01AGM Datasheet HTML 5Page - Silicon Laboratories SI52144-A01AGM Datasheet HTML 6Page - Silicon Laboratories SI52144-A01AGM Datasheet HTML 7Page - Silicon Laboratories SI52144-A01AGM Datasheet HTML 8Page - Silicon Laboratories SI52144-A01AGM Datasheet HTML 9Page - Silicon Laboratories SI52144-A01AGM Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Si52144
6
Preliminary Rev. 0.1
Table 3. Absolute Maximum Conditions
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Main Supply Voltage
VDD_3.3V
Functional
4.6
V
Input Voltage
VIN
Relative to VSS
–0.5
4.6
VDC
Temperature, Storage
TS
Non-functional
–65
150
°C
Temperature, Operating Ambient
TA
Functional
–40
85
°C
Temperature, Junction
TJ
Functional
150
°C
Dissipation, Junction to Case
ØJC
JEDEC (JESD 51)
35
°C/W
Dissipation, Junction to Ambient
ØJA
JEDEC (JESD 51)
37
°C/W
ESD Protection (Human Body Model)
ESDHBM
JEDEC (JESD 22-A114)
2000
V
Flammability Rating
UL-94
UL (Class)
V–0
Moisture Sensitivity Level
MSL
JEDEC (J-STD-020)
2
Note:
While using multiple power supplies, the voltage on any input or I/O pin cannot exceed the power pin during power-up.
Power supply sequencing is not required.


Similar Part No. - SI52144-A01AGM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si52144-A01AGM SILABS-Si52144-A01AGM Datasheet
93Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
logo
Skyworks Solutions Inc.
SI52144-A01AGM SKYWORKS-SI52144-A01AGM Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 QUAD OUTPUT CLOCK GENERATOR
Rev. 1.4
logo
Silicon Laboratories
Si52144-A01AGMR SILABS-Si52144-A01AGMR Datasheet
93Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
logo
Skyworks Solutions Inc.
SI52144-A01AGMR SKYWORKS-SI52144-A01AGMR Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 QUAD OUTPUT CLOCK GENERATOR
Rev. 1.4
More results

Similar Description - SI52144-A01AGM

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI52144 SKYWORKS-SI52144 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 QUAD OUTPUT CLOCK GENERATOR
Rev. 1.4
logo
Silicon Laboratories
SI52147 SILABS-SI52147 Datasheet
190Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 NINE OUTPUT CLOCK GENERATOR
SI52146 SILABS-SI52146 Datasheet
184Kb / 20P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 SIX OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI52147 SKYWORKS-SI52147 Datasheet
1Mb / 25P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 NINE-OUTPUT CLOCK GENERATOR
Rev. 1.4
SI52146 SKYWORKS-SI52146 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, & GEN 4 SIX OUTPUT CLOCK GENERATOR
Rev. 1.4
logo
Silicon Laboratories
SL28SRC02 SILABS-SL28SRC02 Datasheet
264Kb / 14P
   PCI Express Gen 2 & Gen 3 Clock Generator
SL28SRC04 SILABS-SL28SRC04 Datasheet
240Kb / 13P
   PCI Express Gen 2 & Gen 3 Clock Generator
logo
Skyworks Solutions Inc.
SL28SRC01 SKYWORKS-SL28SRC01 Datasheet
1Mb / 11P
   PCI Express Gen 2 & Gen 3 Clock Generator
Rev. 0.2
SI52143 SKYWORKS-SI52143 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 QUAD OUTPUT CLOCK GENERATOR WITH 25 MHZ REFERENCE CLOCK
Rev. 1.4
logo
Silicon Laboratories
SI52143 SILABS-SI52143 Datasheet
1Mb / 21P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 QUAD OUTPUT CLOCK GENERATOR WITH 25 MHZ REFERENCE CLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com