Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCX70G Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # BCX70G
Description  SURFACE MOUNT NPN SILICON TRANSISTOR DESCRIPTION:
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

BCX70G Datasheet(HTML) 1 Page - Central Semiconductor Corp

  BCX70G Datasheet HTML 1Page - Central Semiconductor Corp BCX70G Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCX70 SERIES
SURFACE MOUNT
NPN SILICON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR BCX70 Series
types are NPN Silicon Transistors manufactured
by the epitaxial planar process, epoxy molded in a
surface mount package, designed for general purpose
switching and amplifier applications.
MARKING CODES: BCX70G: AG
BCX70H: AH
BCX70J: AJ
BCX70K: AK
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
45
V
Collector-Emitter Voltage
VCEO
45
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
100
mA
Peak Collector Current
ICM
200
mA
Peak Base Current
IBM
200
mA
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICBO
VCB=45V
20
nA
ICBO
VCB=45V, TA=150°C
20
μA
IEBO
VEB=4.0V
20
nA
BVCBO
IC=10μA
45
V
BVCEO
IC=10mA
45
V
BVEBO
IE=1.0μA
5.0
V
VCE(SAT)
IC=10mA, IB=250μA
0.05
0.35
V
VCE(SAT)
IC=50mA, IB=1.25mA
0.10
0.55
V
VBE(SAT)
IC=10mA, IB=250μA
0.60
0.85
V
VBE(SAT)
IC=50mA, IB=1.25mA
0.70
1.05
V
VBE(ON)
VCE=5.0V, IC=2.0mA
0.55
0.75
V
fT
VCE=5.0V, IC=10mA, f=100MHz
100
250
MHz
Cc
VCB=10V, IE=0, f=1.0MHz
1.7
pF
Ce
VEB=0.5V, IC=0, f=1.0MHz
11
pF
NF
VCE=5.0V, IC=200μA, RS=2.0kΩ,
f=1.0kHz, BW=200Hz
6.0
dB
BCX70G
BCX70H
BCX70J
BCX70K
MIN
MAX
MIN
MAX
MIN MAX
MIN MAX
hFE
VCE=5.0V, IC=10μA
40
30
100
hFE
VCE=5.0V, IC=2.0mA
120
220
180
310
250
460
380
630
hFE
VCE=1.0V, IC=50mA
50
70
90
100
SOT-23 CASE
R2 (20-November 2009)
www.centra lsemi.com


Similar Part No. - BCX70G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX70G PHILIPS-BCX70G Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
logo
Micro Commercial Compon...
BCX70G MCC-BCX70G Datasheet
211Kb / 3P
   NPN Small Signal Transistor 250mW
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Continental Device Indi...
BCX70G CDIL-BCX70G Datasheet
87Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Siemens Semiconductor G...
BCX70G SIEMENS-BCX70G Datasheet
282Kb / 9P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results

Similar Description - BCX70G

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CTLT8099-M322S CENTRAL-CTLT8099-M322S Datasheet
481Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR DESCRIPTION:
logo
Wing Shing Computer Com...
2SD1409 WINGS-2SD1409 Datasheet
71Kb / 1P
   SILICON NPN DARLINGTON TRANSISTOR(GENERAL DESCRIPTION)
logo
Inchange Semiconductor ...
2SD690 ISC-2SD690 Datasheet
273Kb / 2P
   isc Silicon NPN Power Transistor DESCRIPTION
logo
Central Semiconductor C...
CXT2222A CENTRAL-CXT2222A Datasheet
103Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CXT491E CENTRAL-CXT491E Datasheet
73Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
BC846 CENTRAL-BC846 Datasheet
345Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
BC846W CENTRAL-BC846W Datasheet
422Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
BCW31 CENTRAL-BCW31 Datasheet
328Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CTLT8099-M322S_1210 CENTRAL-CTLT8099-M322S_1210 Datasheet
505Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
BCW65 CENTRAL-BCW65_15 Datasheet
328Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com