Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFX89 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # BFX89
Description  NPN SILICON RF TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

BFX89 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  BFX89 Datasheet HTML 1Page - Central Semiconductor Corp BFX89 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage (RBE≤50Ω)
VCER
30
V
Collector-Emitter Voltage
VCEO
15
V
Emitter-Base Voltage
VEBO
2.5
V
Collector Current
IC
25
mA
Peak Collector Current (f ≥ 1 MHz)
ICM
50
mA
Power Dissipation
PD
200
mW
Power Dissipation (TC=25°C)
PD
300
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +200
°C
Thermal Resistance
ΘJA
875
°C/W
Thermal Resistance
ΘJC
583
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
BFX89
BFY90
SYMBOL TEST CONDITIONS
MIN TYP MAX
MIN TYP MAX
UNITS
ICBO
VCB=15V
10
10
nA
BVCBO
IC=10µA
30
30
V
BVCER
IC=1.0mA, RBE=50Ω
30
30
V
BVCEO
IC=1.0mA
15
15
V
BVEBO
IE=10µA
2.5
2.5
V
hFE
VCE=1.0V, IC=2.0mA
20
150
25
150
hFE
VCE=1.0V, IC=25mA
20
125
20
125
fT
VCE=5.0V, IC=2.0mA, f=500MHz
1.0
1.0
1.1
GHz
fT
VCE=5.0V, IC=25mA, f=500MHz
1.2
1.3
1.4
GHz
Cob
VCB=10V, IE=0, f=1.0MHz
1.7
1.5
pF
Cre
VCE=5.0V, IC=2.0mA, f=1.0MHz
0.6
0.6
0.8
pF
BFX89
BFY90
NPN SILICON
RF TRANSISTORS
JEDEC TO-72 CASE
Central
Semiconductor Corp.
TM
R3 (20-March 2006)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR BFX89 and
BFY90 are Silicon NPN Epitaxial Planar Transistors
mounted
in
a
hermetically
sealed
package
designed for VHF/UHF amplifier, oscillator, and
converter applications.
MARKING CODE: FULL PART NUMBER


Similar Part No. - BFX89

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BFX89 STMICROELECTRONICS-BFX89 Datasheet
96Kb / 4P
   WIDE BAND VHF/UHF AMPLIFIER
logo
Siemens Semiconductor G...
BFX89 SIEMENS-BFX89 Datasheet
60Kb / 3P
   NPN SILICON TRANSISTOR FOR RF BROADBAND AMPLIFIER
logo
Comset Semiconductor
BFX89 COMSET-BFX89 Datasheet
146Kb / 4P
   WIDE BAND VHF/UHF AMPLIFIER
BFX89 COMSET-BFX89 Datasheet
79Kb / 4P
   WIDE BAND VHF/UHF AMPLIFIER
logo
New Jersey Semi-Conduct...
BFX89 NJSEMI-BFX89 Datasheet
78Kb / 2P
   WIDE BAND VHF/UHF AMPLIFIER
More results

Similar Description - BFX89

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF362 SIEMENS-BF362 Datasheet
34Kb / 2P
   NPN SILICON RF TRANSISTORS
logo
Motorola, Inc
BFR92ALT1 MOTOROLA-BFR92ALT1 Datasheet
54Kb / 2P
   RF TRANSISTORS NPN SILICON
BFR93ALT1 MOTOROLA-BFR93ALT1 Datasheet
54Kb / 2P
   RF TRANSISTORS NPN SILICON
logo
Central Semiconductor C...
MPSH10 CENTRAL-MPSH10_15 Datasheet
328Kb / 2P
   SILICON NPN RF TRANSISTORS
logo
Siemens Semiconductor G...
BF457 SIEMENS-BF457 Datasheet
122Kb / 4P
   NPN SILICON RF TRANSISTORS
logo
New Jersey Semi-Conduct...
BF254 NJSEMI-BF254 Datasheet
120Kb / 2P
   NPN Silicon RF Transistors
logo
Central Semiconductor C...
2N2857 CENTRAL-2N2857_15 Datasheet
552Kb / 2P
   NPN SILICON RF TRANSISTORS
logo
Zetex Semiconductors
BFS17L ZETEX-BFS17L Datasheet
44Kb / 2P
   NPN SILICON PLANAR RF TRANSISTORS
logo
Motorola, Inc
MRF1946 MOTOROLA-MRF1946 Datasheet
141Kb / 6P
   RF POWER TRANSISTORS NPN SILICON
MRF422 MOTOROLA-MRF422 Datasheet
97Kb / 4P
   RF POWER TRANSISTORS NPN SILICON
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com