Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC25230DRMR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCC25230DRMR
Description  12-V to 100-V Input, 0.2-A Output Switching Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC25230DRMR Datasheet(HTML) 4 Page - Texas Instruments

  UCC25230DRMR Datasheet HTML 1Page - Texas Instruments UCC25230DRMR Datasheet HTML 2Page - Texas Instruments UCC25230DRMR Datasheet HTML 3Page - Texas Instruments UCC25230DRMR Datasheet HTML 4Page - Texas Instruments UCC25230DRMR Datasheet HTML 5Page - Texas Instruments UCC25230DRMR Datasheet HTML 6Page - Texas Instruments UCC25230DRMR Datasheet HTML 7Page - Texas Instruments UCC25230DRMR Datasheet HTML 8Page - Texas Instruments UCC25230DRMR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
UCC25230
SLUSAQ6A
– NOVEMBER 2011
www.ti.com
ELECTRICAL CHARACTERISTICS
VIN = 48 V, 1-µF capacitor from VIN to GND, 1-µF capacitor from VDD to GND, TA = TJ = -40°C to 125°C,
(unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
Supply Currents
IVIN
Quiescent current
VIN = 5 V
0.5
2
mA
IVINO
VIN operating current
FB = COMP
4.5
10
VDD Regulator
VDD
VDD, output voltage
8.46
9
9.54
V
Line regulation
17 V
< VIN < 75 V
±5
±40
mV
Load regulation
-2 mA
< IVDD < 0 mA
±5
±40
VDD current limit (when VDD = 5.5 V)
-2
-6
-13
mA
Internal Undervoltage Lockout (VDD_UVLO)
VDDrising
VDD rising threshold
7.0
7.5
8
VDDhyst
VDD threshold hysteresis
0.4
0.7
1.1
V
VDDfalling VDD falling threshold
6.3
6.8
7.3
Undervoltage (external programmable)
Falling threshold
0.9
1.0
1.1
V
Ihyst
7
11
18
µA
Overvoltage (external programmable)
OVLO Rising threshold
4.5
5
5.5
V
Ihyst
-15
-22
-40
μA
VIN Power GOOD
PG output sink resistance
IPG = 5 mA to 10 mA
50
100
Ω
Oscillator
f
Oscillator frequency fixed
324
380
445
kHz
DCMIN
Minimum duty cycle
FB = 3.0 V
0%
DCMAX
Maximum duty cycle
FB = 2.0 V
85%
Frequency variation
12 V
< VIN < 75 V
-15%
15%
4
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): UCC25230


Similar Part No. - UCC25230DRMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC25230 TI1-UCC25230 Datasheet
1Mb / 22P
[Old version datasheet]   12-V to 100-V Input, 0.2-A Output Switching Converter
UCC25230 TI1-UCC25230_14 Datasheet
1Mb / 22P
[Old version datasheet]   12-V to 100-V Input, 0.2-A Output Switching Converter
UCC25230 TI-UCC25230_15 Datasheet
1Mb / 21P
[Old version datasheet]   12-V to 100-V Input, 0.2-A Output Switching Converter
More results

Similar Description - UCC25230DRMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC25230 TI1-UCC25230_14 Datasheet
1Mb / 22P
[Old version datasheet]   12-V to 100-V Input, 0.2-A Output Switching Converter
UCC25230 TI-UCC25230_15 Datasheet
1Mb / 21P
[Old version datasheet]   12-V to 100-V Input, 0.2-A Output Switching Converter
logo
Bel Fuse Inc.
VRPF-15A1AC BEL-VRPF-15A1AC Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTER 12 V Input 1.2 V-5.0 V/15 A Output
logo
Vishay Siliconix
SIC437 VISHAY-SIC437_V01 Datasheet
2Mb / 27P
   3 V to 28 V Input, 8 A, 12 A microBUCK짰 DC/DC Converter
01-Jan-2022
logo
Texas Instruments
TPS50602-SP TI1-TPS50602-SP Datasheet
908Kb / 30P
[Old version datasheet]   Radiation Hardened 3-V to 7-V Input, 12-A Single, 6-A Dual Output Synchronous Buck Converter
logo
Bel Fuse Inc.
SRDB-04HX20 BEL-SRDB-04HX20 Datasheet
141Kb / 5P
   NON-ISOLATED DC/DC CONVERTER 9.0 V - 32 V Input 10 V - 12 V/3.5 A Output
logo
Texas Instruments
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS56C231 TI-TPS56C231_V01 Datasheet
2Mb / 34P
[Old version datasheet]   TPS56C231 3.8-V to 17-V Input , 12-A Synchronous Step-Down Converter
AUGUST 2022
TPS56C231 TI-TPS56C231 Datasheet
2Mb / 33P
[Old version datasheet]   TPS56C231 3.8-V to 17-V Input , 12-A Synchronous Step-Down Converter
AUGUST 2022
PT6653E TI-PT6653E Datasheet
351Kb / 16P
[Old version datasheet]   Single Device: 5-A Output Input Voltage Range: 9 V to 28 V 12 V / 24 V Input Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com