Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLL4715 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CLL4715
Description  SURFACE MOUNT LOW LEVEL SILICON ZENER DIODES 1.8 VOLTS THRU 43 VOLTS 500mW, 5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CLL4715 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CLL4715 Datasheet HTML 1Page - Central Semiconductor Corp CLL4715 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CLL4678 THRU CLL4717
SURFACE MOUNT
LOW LEVEL SILICON ZENER DIODES
1.8 VOLTS THRU 43 VOLTS
500mW, 5% TOLERANCE
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
REVERSE LEAKAGE
CURRENT
MAXIMUM
VOLTAGE
CHANGE**
MAXIMUM
ZENER
CURRENT
MIN
NOM
MAX
IZT
IR @ VR
ΔVZ
IZM
VV
V
µA
µA
V
V
mA
CLL4697
9.500
10
10.50
50
1.0
7.6
0.10
24.8
CLL4698
10.45
11
11.55
50
0.05
8.4
0.11
21.6
CLL4699
11.40
12
12.60
50
0.05
9.1
0.12
20.4
CLL4700
12.35
13
13.65
50
0.05
9.8
0.13
19.0
CLL4701
13.30
14
14.70
50
0.05
10.6
0.14
17.5
CLL4702
14.25
15
15.75
50
0.05
11.4
0.15
16.3
CLL4703
15.20
16
16.80
50
0.05
12.1
0.16
15.4
CLL4704
16.15
17
17.85
50
0.05
12.9
0.17
14.5
CLL4705
17.10
18
18.90
50
0.05
13.6
0.18
13.2
CLL4706
18.05
19
19.95
50
0.05
14.4
0.19
12.5
CLL4707
19.00
20
21.00
50
0.01
15.2
0.20
11.9
CLL4708
20.90
22
23.10
50
0.01
16.7
0.22
10.8
CLL4709
22.80
24
25.20
50
0.01
18.2
0.24
9.9
CLL4710
23.75
25
26.25
50
0.01
19.0
0.25
9.5
CLL4711
25.65
27
28.35
50
0.01
20.4
0.27
8.8
CLL4712
26.60
28
29.40
50
0.01
21.2
0.28
8.5
CLL4713
28.50
30
31.50
50
0.01
22.8
0.30
7.9
CLL4714
31.35
33
34.65
50
0.01
25.0
0.33
7.2
CLL4715
34.20
36
37.80
50
0.01
27.3
0.36
6.6
CLL4716
37.05
39
40.95
50
0.01
29.6
0.39
6.1
CLL4717
40.85
43
45.15
50
0.01
32.6
0.43
5.5
SOD-80 CASE - MECHANICAL OUTLINE
** ΔVZ=VZ @ 100µA MINUS VZ @ 10µA
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C), VF=1.5V MAX @ IF=100mA (FOR ALL TYPES)
MARKING: CATHODE BAND
www.centr a lsemi.com
R7 (8-January 2010)


Similar Part No. - CLL4715

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CLL4715 CENTRAL-CLL4715 Datasheet
82Kb / 2P
   LOW LEVEL ZENER DIODE 1.8 VOLTS THRU 43 VOLTS 500mW, 5% TOLERANCE
CLL4715 CENTRAL-CLL4715 Datasheet
310Kb / 2P
   SURFACE MOUNT LOW LEVEL SILICON ZENER DIODES
More results

Similar Description - CLL4715

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMHZ4678 CENTRAL-CMHZ4678 Datasheet
56Kb / 2P
   LOW LEVEL ZENER DIODE 1.8 VOLTS THRU 43 VOLTS 500mW, 5% TOLERANCE
CLL4678 CENTRAL-CLL4678 Datasheet
82Kb / 2P
   LOW LEVEL ZENER DIODE 1.8 VOLTS THRU 43 VOLTS 500mW, 5% TOLERANCE
CMHZ4678 CENTRAL-CMHZ4678_10 Datasheet
380Kb / 2P
   SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE 1.8 VOLTS THRU 43 VOLTS 500mW
CLL4099 CENTRAL-CLL4099_10 Datasheet
307Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODES 6.8 VOLTS THRU 47 VOLTS 500mW, 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4_10 Datasheet
348Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4_11 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
CMHZ5221B CENTRAL-CMHZ5221B_10 Datasheet
377Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 75 VOLTS 500mW, 5% TOLERANCE
CMHZ5221B CENTRAL-CMHZ5221B Datasheet
59Kb / 2P
   SURFACE MOUNT ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
CMOZ2V4C CENTRAL-CMOZ2V4C Datasheet
349Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 2% TOLERANCE
CMHZ4614 CENTRAL-CMHZ4614_10 Datasheet
376Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE 1.8 VOLTS THRU 6.2 VOLTS 500mW
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com