Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLL4117 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CLL4117
Description  SURFACE MOUNT LOW NOISE SILICON ZENER DIODES 6.8 VOLTS THRU 47 VOLTS 500mW, 5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CLL4117 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CLL4117 Datasheet HTML 1Page - Central Semiconductor Corp CLL4117 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CLL4099 THRU CLL4125
SURFACE MOUNT
LOW NOISE SILICON ZENER DIODES
6.8 VOLTS THRU 47 VOLTS
500mW, 5% TOLERANCE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CLL4099 Series
types are high quality Silicon Zener Diodes designed
for low leakage, low current and low noise applications.
MARKING: CATHODE BAND
TYPE NO.
ZENER
VOLTAGE
TEST
CURRENT
MAXIMUM
ZENER
IMPEDANCE
MAX REVERSE
LEAKAGE
CURRENT
MAXIMUM
ZENER
CURRENT
MAXIMUM
NOISE
DENSITY
VZ @ IZT
IZT
ZZT @ IZT
IR @ VR
IZM
ND @ IZT
MIN
NOM
MAX
V
V
V
μA
Ω
μA
V
mA
μV/
Hz
CLL4099*
6.460
6.8
7.140
250
200
10
5.2
35.0
40
CLL4100*
7.125
7.5
7.865
250
200
10
5.7
31.8
40
CLL4101*
7.790
8.2
8.610
250
200
1.0
6.3
29.0
40
CLL4102*
8.265
8.7
9.135
250
200
1.0
6.7
27.4
40
CLL4103*
8.645
9.1
9.555
250
200
1.0
7.0
26.2
40
CLL4104*
9.500
10
10.50
250
200
1.0
7.6
24.8
40
CLL4105*
10.45
11
11.55
250
200
0.05
8.5
21.6
40
CLL4106*
11.40
12
12.60
250
200
0.05
9.2
20.4
40
CLL4107*
12.35
13
13.65
250
200
0.05
9.9
19.0
40
CLL4108*
13.30
14
14.70
250
200
0.05
10.7
17.5
40
CLL4109*
14.25
15
15.75
250
100
0.05
11.4
16.3
40
CLL4110*
15.20
16
16.80
250
100
0.05
12.2
15.4
40
CLL4111*
16.15
17
17.85
250
100
0.05
13.0
14.5
40
CLL4112*
17.10
18
18.90
250
100
0.05
13.7
13.2
40
CLL4113*
18.05
19
19.95
250
150
0.05
14.5
12.5
40
CLL4114*
19.00
20
21.00
250
150
0.01
15.2
11.9
40
CLL4115*
20.90
22
23.10
250
150
0.01
16.8
10.8
40
CLL4116*
22.80
24
25.20
250
150
0.01
18.3
9.9
40
* Available on special order only, please consult factory
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNIT
Power Dissipation
PD
500
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C) VF=1.0V MAX @ IF=200mA (FOR ALL TYPES)
SOD-80 CASE
R6 (8-January 2010)
www.centr a lsemi.com


Similar Part No. - CLL4117

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CLL4117 CENTRAL-CLL4117 Datasheet
109Kb / 2P
   LOW NOISE ZENER DIODE 6.8 VOLTS THRU 47 VOLTS 500mW, 5% TOLERANCE
More results

Similar Description - CLL4117

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMHZ4099 CENTRAL-CMHZ4099 Datasheet
56Kb / 2P
   LOW NOISE ZENER DIODE 6.8 VOLTS THRU 47 VOLTS 500mW, 5% TOLERANCE
CLL4099 CENTRAL-CLL4099 Datasheet
109Kb / 2P
   LOW NOISE ZENER DIODE 6.8 VOLTS THRU 47 VOLTS 500mW, 5% TOLERANCE
CMHZ4099 CENTRAL-CMHZ4099_10 Datasheet
375Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE 6.8 VOLTS THRU 47 VOLTS 500mW
1N957B CENTRAL-1N957B Datasheet
880Kb / 3P
   SILICON ZENER DIODE 6.8 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
CLL4678 CENTRAL-CLL4678_10 Datasheet
310Kb / 2P
   SURFACE MOUNT LOW LEVEL SILICON ZENER DIODES 1.8 VOLTS THRU 43 VOLTS 500mW, 5% TOLERANCE
CMHZ5221B CENTRAL-CMHZ5221B_10 Datasheet
377Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 75 VOLTS 500mW, 5% TOLERANCE
CMPZ4099 CENTRAL-CMPZ4099 Datasheet
186Kb / 2P
   LOW NOISE ZENER DIODE 6.8 VOLTS THRU 43 VOLTS 350mW,5% TOLERANCE
CMXZ2V4TO CENTRAL-CMXZ2V4TO Datasheet
103Kb / 2P
   SURFACE MOUNT, TRIPLE, ISOLATED, OPPOSING SILICON ZENER DIODES 2.4 VOLTS THRU 47 VOLTS 5% TOLERANCE
CMDZ5221B CENTRAL-CMDZ5221B_10 Datasheet
373Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMDZ2V4 CENTRAL-CMDZ2V4_10 Datasheet
369Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com