Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COG-VL248160-02 Datasheet(PDF) 10 Page - Varitronix international limited

Part # COG-VL248160-02
Description  248x160 dots, FSTN, black & white, positive, transflective, LCD graphic module.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VARITRONIX [Varitronix international limited]
Direct Link  http://www.varitronix.com
Logo VARITRONIX - Varitronix international limited

COG-VL248160-02 Datasheet(HTML) 10 Page - Varitronix international limited

Back Button COG-VL248160-02 Datasheet HTML 4Page - Varitronix international limited COG-VL248160-02 Datasheet HTML 5Page - Varitronix international limited COG-VL248160-02 Datasheet HTML 6Page - Varitronix international limited COG-VL248160-02 Datasheet HTML 7Page - Varitronix international limited COG-VL248160-02 Datasheet HTML 8Page - Varitronix international limited COG-VL248160-02 Datasheet HTML 9Page - Varitronix international limited COG-VL248160-02 Datasheet HTML 10Page - Varitronix international limited COG-VL248160-02 Datasheet HTML 11Page - Varitronix international limited COG-VL248160-02 Datasheet HTML 12Page - Varitronix international limited  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
VL-PS-COG-VL248160-02 REV.A
(COG-VL248160)
NOV/2008
PAGE 10 OF 12
5.2
Timing Specifications
5.2.1 Reset Characteristics
At Ta = -10
°C to +70°C, VDD=3V±5%, VSS = 0V
Refer to Fig. 3, the reset characteristics.
Table 6
Figure 3: Reset characteristics.
5.2.2 Parallel Bus Timing Characteristics (for 8080 MCU)
At Ta = -10
°C to +70°C , VDD=3V±5%, VSS = 0V
Refer to Fig. 4, Parallel Bus Timing Characteristics (for 8080 MCU)
Table 7
Figure 4: Parallel Bus Timing Characteristics (for 8080 MCU)


Similar Part No. - COG-VL248160-02

ManufacturerPart #DatasheetDescription
logo
Varitronix internationa...
COG-VLGT6566-03 VARITRONIX-COG-VLGT6566-03 Datasheet
2Mb / 18P
   4.3??TFT, 480 x RGB x 272 dots, 16M Colors, positive, transmissive dot matrix LCD module.
COG-VLGT6566-04 VARITRONIX-COG-VLGT6566-04 Datasheet
2Mb / 18P
   4.3??TFT, 480 x RGB x 272 dots, 16M Colors, positive, transmissive dot matrix LCD module.
More results

Similar Description - COG-VL248160-02

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
LCR-U240128GWF-WH LUMEX-LCR-U240128GWF-WH Datasheet
190Kb / 2P
   240 x 128 GRAPHIC LCD MODULE, FSTN, TRANSFLECITIVE, WHITE LED BACKLIGHT
logo
Bolymin, Inc
BP9632B BOLYMIN-BP9632B Datasheet
391Kb / 1P
   FSTN Transflective LCD, TAB IC, TCP package
logo
List of Unclassifed Man...
WG160160A ETC-WG160160A Datasheet
55Kb / 1P
   LCD MODULE GRAPHIC 160 x 160 DOTS
WG128128A ETC-WG128128A Datasheet
163Kb / 1P
   LCD MODULE GRAPHIC 128 X 128 DOTS
WG24064A ETC1-WG24064A Datasheet
155Kb / 1P
   WINSTAR PROFESSIONAL LCD MODULE GRAPHIC 240X64 DOTS
WG240128B ETC-WG240128B Datasheet
612Kb / 1P
   LCD MODULE 240 X 128 DOTS GRAPHIC
WG320240B ETC-WG320240B Datasheet
54Kb / 1P
   LCD MODULE GRAPHIC 320 X 240 DOTS
WG12864C ETC-WG12864C Datasheet
292Kb / 1P
   LCD MODULE GRAPHIC 128 X 64 DOTS
WG240128F ETC-WG240128F Datasheet
153Kb / 1P
   LCD MODULE GRAPHIC 240 X 128 DOTS
logo
Bolymin, Inc
BF128128A BOLYMIN-BF128128A Datasheet
176Kb / 1P
   FSTN Transflective LCD, COF package Built-in driver HD66750
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com