Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N3326B Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # 1N3326B
Description  Ref/Reg Diode, 10W < P(D)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

1N3326B Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  1N3326B Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 1N3326B

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
1N3326B NAINA-1N3326B Datasheet
203Kb / 1P
   50W ZENER(DO5)
1N3326B NAINA-1N3326B Datasheet
109Kb / 1P
   Zener Diodes
logo
Microsemi Corporation
1N3326B MICROSEMI-1N3326B Datasheet
380Kb / 3P
   50 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N3326B NJSEMI-1N3326B Datasheet
80Kb / 1P
   SILICON 50 WATT ZENER DIODES
logo
Naina Semiconductor ltd...
1N3326B NAINA-1N3326B Datasheet
149Kb / 2P
   50W Zener Diodes
More results

Similar Description - 1N3326B

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N3325B NJSEMI-1N3325B Datasheet
74Kb / 1P
   Ref/Reg Diode, 10W < P(D)
1N3309RB NJSEMI-1N3309RB Datasheet
96Kb / 1P
   Ref/Reg Diode, 10W < P(D)
1N3321B NJSEMI-1N3321B Datasheet
94Kb / 1P
   Ref/Reg Diode, 10W < P(D)
1N3306B NJSEMI-1N3306B Datasheet
99Kb / 1P
   Ref/Reg Diode, 10W < P(D)
1N3339B NJSEMI-1N3339B Datasheet
87Kb / 1P
   Ref/Reg Diode, 10W < P(D)
1N2979B NJSEMI-1N2979B Datasheet
85Kb / 1P
   REF/REG DIODE, 5W < P(D) < 10W
1N2990RB NJSEMI-1N2990RB Datasheet
90Kb / 1P
   REF/REG DIODE, 5W < P(D) < 10W
1N2995RB NJSEMI-1N2995RB Datasheet
91Kb / 1P
   REF/REG DIODE, 5W < P(D) < 10W
1N2997B NJSEMI-1N2997B Datasheet
82Kb / 1P
   REF/REG DIODE, 5W < P(D) < 10W
1N2996A NJSEMI-1N2996A Datasheet
97Kb / 1P
   REF/REG DIODE, 5W < P(D) < 10W
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com