Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5182 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # 1N5182
Description  Microminiature package.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

1N5182 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  1N5182 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 1N5182

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5182 MICROSEMI-1N5182 Datasheet
44Kb / 2P
   HIGH VOLTAGE RECTIFIERS
1N5182 MICROSEMI-1N5182 Datasheet
141Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED HIGH VOLTAGE RECTIFIERS
logo
New Jersey Semi-Conduct...
1N5182 NJSEMI-1N5182 Datasheet
313Kb / 1P
   HIGH VOLTAGE RECTIFIERS
logo
Digitron Semiconductors
1N5182 DIGITRON-1N5182 Datasheet
124Kb / 2P
   HIGH VOLTAGE RECTIFIERS
More results

Similar Description - 1N5182

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN1N4942 MICROSEMI-JAN1N4942 Datasheet
45Kb / 2P
   MICROMINIATURE PACKAGE
logo
Solid States Devices, I...
SFT3904A2 SSDI-SFT3904A2_1 Datasheet
130Kb / 2P
   Dual Microminiature Package Dual NPN Transistor
SFT3906A2 SSDI-SFT3906A2_1 Datasheet
130Kb / 2P
   Dual Microminiature Package Dual PNP Transistor
SFF4393A2GW SSDI-SFF4393A2GW_1 Datasheet
78Kb / 2P
   Dual Microminiature Package Dual N-Channel JFET Transistor
logo
ITT Industries
MDMH-51SS ITT-MDMH-51SS Datasheet
101Kb / 2P
   Microminiature Connectors
TMDM-C115SH001B ITT-TMDM-C115SH001B Datasheet
67Kb / 3P
   Microminiature Connectors
logo
Solid States Devices, I...
SFT2907A2 SSDI-SFT2907A2 Datasheet
170Kb / 2P
   Dual Microminiature Package 600 mA 60 Volts Dual PNP Transistor
SFT390604A2 SSDI-SFT390604A2 Datasheet
159Kb / 2P
   Dual Microminiature Package 800 mA 75 Volts NPN/PNP Transistor
SFT2369A2 SSDI-SFT2369A2 Datasheet
128Kb / 2P
   Dual Microminiature Package 100 mA 15 Volts Dual NPN Transistor
logo
American Zettler, Inc.
AZ8463 AZETTLER-AZ8463 Datasheet
147Kb / 3P
   MICROMINIATURE POLARIZED RELAY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com