Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMZ5362B Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMZ5362B
Description  SURFACE MOUNT HIGH POWER SILICON ZENER DIODE 10 WATT, 3.6 THRU 200 VOLTS 5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMZ5362B Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMZ5362B Datasheet HTML 1Page - Central Semiconductor Corp CMZ5362B Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMZ5334B THRU CMZ5388B
SURFACE MOUNT
HIGH POWER SILICON ZENER DIODE
10 WATT, 3.6 THRU 200 VOLTS
5% TOLERANCE
SMC CASE - MECHANICAL OUTLINE
Notes: (1) Surge Current (ir) - Maximum allowable peak, non-recurrent square wave current (tp=8.3ms).
(2) Voltage Regulation (VZ) - VZ Measurements are made at 10% and then at 50% of the IZ max value listed in the electrical
characteristics table. The test current time duration for each VZ measurement is 40±10ms (TA=25°C).
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER
IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
SURGE
CURRENT
(Note 1)
MAXIMUM
VOLTAGE
REGULATION
(Note 2)
MAXIMUM
REGULATOR
CURRENT
MARKING
CODE
MIN
NOM
MAX
IZT
ZZT @ IZT ZZK @ IZK
IR @ VR
ir
V
Z
IZM
VV
V
mA
Ω
Ω
mA
μA
V
A
V
mA
CMZ5359B
22.80
24
25.20
50
3.5
100
1.0
0.5
18.2
4.4
0.55
198
C5359B
CMZ5360B
23.75
25
26.25
50
4.0
110
1.0
0.5
19.0
4.3
0.55
190
C5360B
CMZ5361B
25.65
27
28.35
50
5.0
120
1.0
0.5
20.6
4.1
0.60
176
C5361B
CMZ5362B
26.60
28
29.40
50
6.0
130
1.0
0.5
21.2
3.9
0.60
170
C5362B
CMZ5363B
28.50
30
31.50
40
8.0
140
1.0
0.5
22.8
3.7
0.60
158
C5363B
CMZ5364B
31.35
33
34.65
40
10
150
1.0
0.5
25.1
3.5
0.65
144
C5364B
CMZ5365B
34.20
36
37.80
30
11
160
1.0
0.5
27.4
3.3
0.65
132
C5365B
CMZ5366B
37.05
39
40.95
30
14
170
1.0
0.5
29.7
3.1
0.65
122
C5366B
CMZ5367B
40.85
43
45.15
30
20
190
1.0
0.5
32.7
2.8
0.70
110
C5367B
CMZ5368B
44.65
47
49.35
25
25
210
1.0
0.5
35.8
2.7
0.80
100
C5368B
CMZ5369B
48.45
51
53.55
25
27
230
1.0
0.5
38.8
2.5
0.90
93.0
C5369B
CMZ5370B
53.20
56
58.80
20
35
280
1.0
0.5
42.6
2.3
1.00
86.0
C5370B
CMZ5371B
57.00
60
63.00
20
40
350
1.0
0.5
45.5
2.2
1.20
79.0
C5371B
CMZ5372B
58.90
62
65.10
20
42
400
1.0
0.5
47.1
2.1
1.35
76.0
C5372B
CMZ5373B
64.60
68
71.40
20
44
500
1.0
0.5
51.7
2.0
1.50
70.0
C5373B
CMZ5374B
71.25
75
78.75
20
45
620
1.0
0.5
56.0
1.9
1.60
63.0
C5374B
CMZ5375B
77.90
82
86.10
15
65
720
1.0
0.5
62.2
1.8
1.80
58.0
C5375B
CMZ5376B
82.65
87
91.35
15
75
760
1.0
0.5
66.0
1.7
2.00
54.5
C5376B
CMZ5377B
86.45
91
95.55
15
75
760
1.0
0.5
69.2
1.6
2.20
52.5
C5377B
CMZ5378B
95.00
100
105.0
12
90
800
1.0
0.5
76.0
1.5
2.50
47.5
C5378B
CMZ5379B
104.5
110
115.5
12
125
1000 1.0
0.5
83.6
1.4
2.50
43.0
C5379B
CMZ5380B
114.0
120
126.0
10
170
1150 1.0
0.5
91.2
1.3
2.50
39.5
C5380B
CMZ5381B
123.5
130
136.5
10
190
1250 1.0
0.5
98.8
1.2
2.50
36.6
C5381B
CMZ5382B
133.0
140
147.0
8.0
230
1500 1.0
0.5
106
1.2
2.50
34.0
C5382B
CMZ5383B
142.5
150
157.5
8.0
330
1500 1.0
0.5
114
1.1
3.00
31.6
C5383B
CMZ5384B
152.0
160
168.0
8.0
350
1650 1.0
0.5
122
1.1
3.00
29.4
C5384B
CMZ5385B
161.5
170
178.5
8.0
380
1750 1.0
0.5
129
1.0
3.00
28.0
C5385B
CMZ5386B
171.0
180
189.0
5.0
430
1750 1.0
0.5
137
1.0
4.00
26.4
C5386B
CMZ5387B
180.5
190
199.5
5.0
450
1850 1.0
0.5
144
0.9
5.00
25.0
C5387B
CMZ5388B
190.0
200
210.0
5.0
480
1850 1.0
0.5
152
0.9
5.00
23.6
C5388B
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C) VF=1.2V MAX @ IF=1.0A (for all types)
www.centr a lsemi.com
R9 (8-February 2012)


Similar Part No. - CMZ5362B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMZ5362B CENTRAL-CMZ5362B Datasheet
149Kb / 2P
   HIGH POWER ZENER DIODE 6.8 VOLTS THRU 200 VOLTS 5.0W, 5% TOLERANCE
CMZ5362B CENTRAL-CMZ5362B Datasheet
302Kb / 2P
   SURFACE MOUNT HIGH POWER SILICON ZENER DIODE 10 WATT, 6.8 THRU 200 VOLTS
CMZ5362B CENTRAL-CMZ5362B Datasheet
790Kb / 4P
   SURFACE MOUNT SILICON HIGH POWER ZENER DIODES
More results

Similar Description - CMZ5362B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMZ5921B CENTRAL-CMZ5921B Datasheet
145Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 6.8 THRU 200 VOLTS 짹 5% TOLERANCE
CMZ5913B CENTRAL-CMZ5913B Datasheet
291Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS 짹 5% TOLERANCE
CMZ5342B CENTRAL-CMZ5342B_10 Datasheet
302Kb / 2P
   SURFACE MOUNT HIGH POWER SILICON ZENER DIODE 10 WATT, 6.8 THRU 200 VOLTS
CMZ5913BP CENTRAL-CMZ5913BP Datasheet
297Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 3.0 WATT, 3.3 THRU 200 VOLTS 짹5% TOLERANCE
CMHZ5221B CENTRAL-CMHZ5221B Datasheet
59Kb / 2P
   SURFACE MOUNT ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
1N957B CENTRAL-1N957B Datasheet
880Kb / 3P
   SILICON ZENER DIODE 6.8 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
CZ5333B CENTRAL-CZ5333B Datasheet
69Kb / 2P
   5.0W SILICON ZENER DIODE 3.3 VOLTS THRU 200 VOLTS 5% TOLERANCE
1N5221B CENTRAL-1N5221B_11 Datasheet
348Kb / 2P
   SILICON ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
logo
Micro Commercial Compon...
SMBJ5347BHE3 MCC-SMBJ5347BHE3 Datasheet
357Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 10 to 200 Volts
logo
Central Semiconductor C...
CMOZ2V4 CENTRAL-CMOZ2V4_11 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com