Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMZ5947BP Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMZ5947BP
Description  SURFACE MOUNT SILICON ZENER DIODE 3.0 WATT, 3.3 THRU 200 VOLTS 짹5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMZ5947BP Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMZ5947BP Datasheet HTML 1Page - Central Semiconductor Corp CMZ5947BP Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMZ5913BP THRU CMZ5956BP
SURFACE MOUNT
SILICON ZENER DIODE
3.0 WATT, 3.3 THRU 200 VOLTS
±5% TOLERANCE
SMB CASE - MECHANICAL OUTLINE
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C), VF=1.5V MAX @ IF=200mA (for all types)
TYPE
ZENER VOLTAGE
VZ @ IZT
TEST
CURRENT
IZT
MAXIMUM
ZENER
IMPEDANCE
ZZT @ IZT
MAXIMUM
ZENER
IMPEDANCE
ZZK @ IZK
MAXIMUM
REVERSE
CURRENT
IR @ VR
MAXIMUM
ZENER
CURRENT
IZM
MARKING
CODE
MIN
V
NOM
V
MAX
V
mA
Ω
Ω
mA
μA
V
mA
CMZ5930BP
15.20
16
16.80
23.4
10
600
0.25
1.0
12.2
94
C5930BP
CMZ5931BP
17.10
18
18.90
20.8
12
650
0.25
1.0
13.7
83
C5931BP
CMZ5932BP
19.00
20
21.00
18.7
14
650
0.25
1.0
15.2
75
C5932BP
CMZ5933BP
20.90
22
23.10
17.0
17.5
650
0.25
1.0
16.7
68
C5933BP
CMZ5934BP
22.80
24
25.20
15.6
19
700
0.25
1.0
18.2
63
C5934BP
CMZ5935BP
25.65
27
28.35
13.9
23
700
0.25
1.0
20.6
56
C5935BP
CMZ5936BP
28.50
30
31.50
12.5
26
750
0.25
1.0
22.8
50
C5936BP
CMZ5937BP
31.35
33
34.65
11.4
33
800
0.25
1.0
25.1
45
C5937BP
CMZ5938BP
34.20
36
37.80
10.4
38
850
0.25
1.0
27.4
42
C5938BP
CMZ5939BP
37.05
39
40.95
9.6
45
900
0.25
1.0
29.7
38
C5939BP
CMZ5940BP
40.85
43
45.15
8.7
53
950
0.25
1.0
32.7
35
C5940BP
CMZ5941BP
44.65
47
49.35
8.0
67
1000
0.25
1.0
35.8
32
C5941BP
CMZ5942BP
48.45
51
53.55
7.3
70
1100
0.25
1.0
38.8
29
C5942BP
CMZ5943BP
53.20
56
58.80
6.7
86
1300
0.25
1.0
42.6
27
C5943BP
CMZ5944BP
58.90
62
65.10
6.0
100
1500
0.25
1.0
47.1
24
C5944BP
CMZ5945BP
64.60
68
71.40
5.5
120
1700
0.25
1.0
51.7
22
C5945BP
CMZ5946BP
71.25
75
78.75
5.0
140
2000
0.25
1.0
56.0
20
C5946BP
CMZ5947BP
77.90
82
86.10
4.6
160
2500
0.25
1.0
62.2
18
C5947BP
CMZ5948BP
86.45
91
95.55
4.1
200
3000
0.25
1.0
69.2
16
C5948BP
CMZ5949BP
95.00
100
105.0
3.7
250
3100
0.25
1.0
76.0
15
C5949BP
CMZ5950BP
104.5
110
115.5
3.4
300
4000
0.25
1.0
83.6
13
C5950BP
CMZ5951BP
114.0
120
126.0
3.1
360
4500
0.25
1.0
91.2
12
C5951BP
CMZ5952BP
123.5
130
136.5
2.9
450
5000
0.25
1.0
98.8
11
C5952BP
CMZ5953BP
142.5
150
157.5
2.5
600
6000
0.25
1.0
114.0
10
C5953BP
CMZ5954BP
152.0
160
168.0
2.3
700
6500
0.25
1.0
121.6
9.0
C5954BP
CMZ5955BP
171.0
180
189.0
2.1
900
7000
0.25
1.0
136.8
8.0
C5955BP
CMZ5956BP
190.0
200
210.0
1.9
1200
8000
0.25
1.0
152.0
7.0
C5956BP
www.centr a lsemi.com
R1 (12-February 2010)


Similar Part No. - CMZ5947BP

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMZ5947B CENTRAL-CMZ5947B Datasheet
145Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 6.8 THRU 200 VOLTS 짹 5% TOLERANCE
CMZ5947B CENTRAL-CMZ5947B Datasheet
291Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS 짹 5% TOLERANCE
More results

Similar Description - CMZ5947BP

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMZ5913B CENTRAL-CMZ5913B Datasheet
291Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS 짹 5% TOLERANCE
CZ5333B CENTRAL-CZ5333B Datasheet
69Kb / 2P
   5.0W SILICON ZENER DIODE 3.3 VOLTS THRU 200 VOLTS 5% TOLERANCE
1N5913B CENTRAL-1N5913B Datasheet
347Kb / 2P
   SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS
CMZ5921B CENTRAL-CMZ5921B Datasheet
145Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 6.8 THRU 200 VOLTS 짹 5% TOLERANCE
CMDZ1L8 CENTRAL-CMDZ1L8_10 Datasheet
377Kb / 2P
   SURFACE MOUNT SILICON LOW LEVEL ZENER DIODE 250mW, 1.8 THRU 47 VOLTS 짹5% TOLERANCE
CLL4728A CENTRAL-CLL4728A Datasheet
431Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 1 WATT, 3.3 THRU 100 VOLTS
CMZ5334B CENTRAL-CMZ5334B Datasheet
291Kb / 2P
   SURFACE MOUNT HIGH POWER SILICON ZENER DIODE 10 WATT, 3.6 THRU 200 VOLTS 5% TOLERANCE
CMHZ5221B CENTRAL-CMHZ5221B Datasheet
59Kb / 2P
   SURFACE MOUNT ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
logo
NTE Electronics
NTE5174A NTE-NTE5174A Datasheet
30Kb / 4P
   Zener Diode, 10 Watt 짹5% Tolerance
NTE5111A NTE-NTE5111A Datasheet
32Kb / 3P
   Zener Diode, 5 Watt 짹5% Tolerance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com