Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N2369A Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # 2N2369A
Description  NPN SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N2369A Datasheet(HTML) 2 Page - Central Semiconductor Corp

  2N2369A Datasheet HTML 1Page - Central Semiconductor Corp 2N2369A Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N2369A
NPN SILICON TRANSISTOR
TO-18 CASE - MECHANICAL OUTLINE
LEAD CODE:
1) Emitter
2) Base
3) Collector
MARKING: FULL PART NUMBER
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
fT
VCE=10V, IC=10mA, f=100MHz
500
MHz
Cob
VCB=5.0V, IE=0, f=140kHz
4.0
pF
ton
VCC=3.0V, IC=10mA, IB1=3.0mA, IB2=1.5mA
12
ns
toff
VCC=3.0V, IC=10mA, IB1=3.0mA, IB2=1.5mA
18
ns
ts
VCC=10V, IC=10mA, IB1=IB2=10mA
13
ns
www.centr a lsemi.com
R0 (10-March 2011)


Similar Part No. - 2N2369A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N2369A STMICROELECTRONICS-2N2369A Datasheet
95Kb / 6P
   HIGH-SPEED SATURATED SWITCH
November 1988
logo
Microsemi Corporation
2N2369A MICROSEMI-2N2369A Datasheet
54Kb / 2P
   NPN SILICON TRANSISTOR
logo
Semicoa Semiconductor
2N2369A SEMICOA-2N2369A Datasheet
30Kb / 1P
   Chip Type 2C2369A Geometry 0005 Polarity NPN
logo
Microsemi Corporation
2N2369A MICROSEMI-2N2369A Datasheet
442Kb / 8P
   TECHNICAL DATA SHEET
logo
Boca Semiconductor Corp...
2N2369A BOCA-2N2369A Datasheet
44Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - 2N2369A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com