Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3741 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 2N3741
Description  PNP SILICON POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N3741 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N3741 Datasheet HTML 1Page - Central Semiconductor Corp 2N3741 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N3740
2N3741
MAXIMUM RATINGS: (TC=25°C)
SYMBOL
2N3740A
2N3741A
UNITS
Collector-Base Voltage
VCBO
60
80
V
Collector-Emitter Voltage
VCEO
60
80
V
Emitter-Base Voltage
VEBO
7.0
V
Continuous Collector Current
IC
4.0
A
Peak Collector Current
ICM
10
A
Continuous Base Current
IB
2.0
A
Power Dissipation
PD
25
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICEV
VCE=Rated VCEO, VBE=1.5V (2N3740, 2N3741)
100
μA
ICEV
VCE=Rated VCEO, VBE=1.5V (2N3740A, 2N3741A)
100
nA
ICEV
VCE=40V, VBE=1.5V, TC=150°C (2N3740)
1.0
mA
ICEV
VCE=40V, VBE=1.5V, TC=150°C (2N3740A)
0.5
mA
ICEV
VCE=60V, VBE=1.5V, TC=150°C (2N3741)
1.0
mA
ICEV
VCE=60V, VBE=1.5V, TC=150°C (2N3741A)
0.5
mA
ICBO
VCB=Rated VCBO (2N3740, 2N3741)
100
μA
ICBO
VCB=Rated VCBO (2N3740A, 2N3741A)
100
nA
ICEO
VCE=40V (2N3740)
1.0
mA
ICEO
VCE=40V (2N3740A)
1.0
μA
ICEO
VCE=60V (2N3741)
1.0
mA
ICEO
VCE=60V (2N3741A)
1.0
μA
IEBO
VEB=7.0V (2N3740, 2N3741)
0.5
mA
IEBO
VEB=7.0V (2N3740A, 2N3741A)
100
nA
BVCEO
IC=100mA (2N3740, 2N3740A)
60
V
BVCEO
IC=100mA (2N3741, 2N3741A)
80
V
VCE(SAT) IC=1.0A, IB=125mA
0.6
V
VBE(ON)
VCE=1.0V, IC=250mA
1.0
V
hFE
VCE=1.0V, IC=100mA
40
hFE
VCE=1.0V, IC=250mA
30
200
hFE
VCE=1.0V, IC=500mA
20
hFE
VCE=1.0V, IC=1.0A
10
hfe
VCE=10V, IC=50mA, f=1.0kHz
25
fT
VCE=10V, IC=100mA, f=1.0MHz
4.0
MHz
Cob
VCB=10V, IE=0, f=100kHz
100
pF
2N3740 2N3740A
2N3741 2N3741A
PNP SILICON
POWER TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N3740 Series
types are PNP Silicon Power Transistors manufactured
by the epitaxial base process designed for power
amplifier and medium speed switching applications.
MARKING: FULL PART NUMBER
TO-66 CASE
R1 (9-September 2011)
www.centra lsemi.com


Similar Part No. - 2N3741

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3741 MOSPEC-2N3741 Datasheet
120Kb / 3P
   POWER TRANSISTORS(4A,25W)
logo
New Jersey Semi-Conduct...
2N3741 NJSEMI-2N3741 Datasheet
200Kb / 2P
   MEDIUM POWER PNP TRANSISTORS
logo
Boca Semiconductor Corp...
2N3741 BOCA-2N3741 Datasheet
125Kb / 3P
   MEDIUM-POWER PNP TRANSISTORS
logo
Savantic, Inc.
2N3741 SAVANTIC-2N3741 Datasheet
117Kb / 3P
   Silicon PNP Power Transistors
logo
Microsemi Corporation
2N3741 MICROSEMI-2N3741 Datasheet
62Kb / 3P
   Medium Power PNP Transistors
More results

Similar Description - 2N3741

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N5151 MICROSEMI-2N5151 Datasheet
60Kb / 2P
   PNP POWER SILICON TRANSISTOR
logo
Continental Device Indi...
CSB834 CDIL-CSB834 Datasheet
211Kb / 3P
   PNP SILICON POWER TRANSISTOR
logo
Inchange Semiconductor ...
2SB823 ISC-2SB823 Datasheet
257Kb / 2P
   Silicon PNP Power Transistor
2SA1822 ISC-2SA1822 Datasheet
267Kb / 2P
   Silicon PNP Power Transistor
2SB547 ISC-2SB547 Datasheet
255Kb / 2P
   Silicon PNP Power Transistor
2SB625 ISC-2SB625 Datasheet
249Kb / 2P
   Silicon PNP Power Transistor
logo
M/A-COM Technology Solu...
2N6193 MA-COM-2N6193 Datasheet
457Kb / 4P
   PNP Power Silicon Transistor
logo
New Jersey Semi-Conduct...
2SA1880 NJSEMI-2SA1880 Datasheet
76Kb / 2P
   Silicon PNP Power Transistor
2SA1939 NJSEMI-2SA1939 Datasheet
75Kb / 2P
   Silicon PNP Power Transistor
2SA1941 NJSEMI-2SA1941 Datasheet
74Kb / 2P
   Silicon PNP Power Transistor
2SA1943 NJSEMI-2SA1943 Datasheet
81Kb / 2P
   Silicon PNP Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com