Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS725L1 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # BTS725L1
Description  Smart Two Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS725L1 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BTS725L1 Datasheet HTML 1Page - Siemens Semiconductor Group BTS725L1 Datasheet HTML 2Page - Siemens Semiconductor Group BTS725L1 Datasheet HTML 3Page - Siemens Semiconductor Group BTS725L1 Datasheet HTML 4Page - Siemens Semiconductor Group BTS725L1 Datasheet HTML 5Page - Siemens Semiconductor Group BTS725L1 Datasheet HTML 6Page - Siemens Semiconductor Group BTS725L1 Datasheet HTML 7Page - Siemens Semiconductor Group BTS725L1 Datasheet HTML 8Page - Siemens Semiconductor Group BTS725L1 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Preliminary BTS 725 L1
Parameter and Conditions, each of the two channels
Symbol
Values
Unit
at Tj = 25 °C,
Vbb = 12 V unless otherwise specified
min
typ
max
Semiconductor Group
4
Nominal load current
one channel active:
two parallel channels active:
Device on PCB5),
Ta
= 85°C, Tj ≤ 150°C
IL(NOM)
3.6
5.5
4.0
6.0
--
A
Output current while GND disconnected or pulled
up; Vbb = 30 V, VIN = 0, see diagram page 9
IL(GNDhigh)
--
--
10
mA
Turn-on time
to 90%
VOUT:
Turn-off time
to 10%
VOUT:
RL = 12
, Tj =-40...+150°C
ton
toff
80
80
200
230
400
450
µs
Slew rate on
10 to 30%
VOUT, RL = 12
,
Tj =-40...+150°C:
d
V/dton
0.1
--
1
V/
µs
Slew rate off
70 to 40%
VOUT, RL = 12
,
Tj =-40...+150°C:
-d
V/dtoff
0.1
--
1
V/
µs
Operating Parameters
Operating voltage7)
Tj =-40...+150°C: Vbb(on)
5.0
--
24
V
Undervoltage shutdown
Tj =-40...+150°C: Vbb(under)
3.5
--
5.0
V
Undervoltage restart
Tj =-40...+150°C: Vbb(u rst)
--
--
5.0
V
Undervoltage restart of charge pump
see diagram page 13
Tj =-40...+150°C:
Vbb(ucp)
--
5.6
7.0
V
Undervoltage hysteresis
∆V
bb(under) = Vbb(u rst) - Vbb(under)
∆V
bb(under)
--
0.2
--
V
Overvoltage shutdown
Tj =-40...+150°C: Vbb(over)
24
--
34
V
Overvoltage restart
Tj =-40...+150°C: Vbb(o rst)
23
--
--
V
Overvoltage hysteresis
Tj =-40...+150°C:
∆V
bb(over)
--
0.5
--
V
Overvoltage protection8)
Tj =-40...+150°C:
I bb = 40 mA
Vbb(AZ)
42
47
--
V
Standby current, all channels off
Tj =25°C:
VIN = 0
Tj =150°C:
Ibb(off)
--
--
20
29
50
56
µA
Leakage output current (included in
Ibb(off))
VIN = 0
IL(off)
--
--
12
µA
Operating current 9),
VIN = 5V, Tj =-40...+150°C
IGND = IGND1 + IGND2,
one channel on:
two channels on:
IGND
--
--
1.8
3.6
3.5
7
mA
7)
At supply voltage increase up to
Vbb = 5.6 V typ without charge pump, VOUT Vbb - 2 V
8)
see also
VON(CL) in circuit diagram on page 8.
9
)
Add
IST, if IST > 0


Similar Part No. - BTS725L1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS7200-2EPA INFINEON-BTS7200-2EPA Datasheet
1Mb / 61P
   PROFET??2 12V 2x 200 m廓 Smart High-Side Power Switch
Rev. 1.03 2019-10-15
BTS7200-2EPA INFINEON-BTS7200-2EPA Datasheet
4Mb / 34P
   Customer evaluation kit description
Rev. 1.10 2022-06-24
BTS7200-2EPC INFINEON-BTS7200-2EPC Datasheet
1Mb / 60P
   PROFET??2 12V 2x 200 m廓 Smart High-Side Power Switch
Rev. 1.02 2019-10-15
BTS7200-2EPC INFINEON-BTS7200-2EPC Datasheet
4Mb / 34P
   Customer evaluation kit description
Rev. 1.10 2022-06-24
BTS7200-4EPA INFINEON-BTS7200-4EPA Datasheet
1Mb / 62P
   Smart High-Side Power Switch
Rev. 1.00 2020-02-24
More results

Similar Description - BTS725L1

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS707 SIEMENS-BTS707 Datasheet
162Kb / 12P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS620L1 SIEMENS-BTS620L1 Datasheet
138Kb / 12P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS610L1 SIEMENS-BTS610L1 Datasheet
137Kb / 12P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS621L1 SIEMENS-BTS621L1 Datasheet
191Kb / 14P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS726L1 SIEMENS-BTS726L1 Datasheet
182Kb / 15P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS612N1 SIEMENS-BTS612N1 Datasheet
183Kb / 14P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS733L1 SIEMENS-BTS733L1 Datasheet
173Kb / 14P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS734L1 SIEMENS-BTS734L1 Datasheet
185Kb / 16P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS425L1 SIEMENS-BTS425L1 Datasheet
150Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS409L1 SIEMENS-BTS409L1 Datasheet
159Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com