Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS733L1 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BTS733L1
Description  Smart Two Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS733L1 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BTS733L1 Datasheet HTML 1Page - Siemens Semiconductor Group BTS733L1 Datasheet HTML 2Page - Siemens Semiconductor Group BTS733L1 Datasheet HTML 3Page - Siemens Semiconductor Group BTS733L1 Datasheet HTML 4Page - Siemens Semiconductor Group BTS733L1 Datasheet HTML 5Page - Siemens Semiconductor Group BTS733L1 Datasheet HTML 6Page - Siemens Semiconductor Group BTS733L1 Datasheet HTML 7Page - Siemens Semiconductor Group BTS733L1 Datasheet HTML 8Page - Siemens Semiconductor Group BTS733L1 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
BTS 733 L1
Semiconductor Group
2
Block diagram
Two Channels; Open Load detection in on state;
IN1
ST1
ESD
Logic
Voltage
sensor
Voltage
source
Open load
detection
Charge pump
Level shifter
Temperature
sensor
Rectifier
Gate
protection
Current
limit
3
4
V
Logic
Overvoltage
protection
GND1
R
O1
GND
GND1
1
Chip 1
Chip 1
IN2
ST2
PROFET
®
7
8
6
GND2
R
O2
Leadframe connected to pin 1, 10, 11, 12, 15, 16, 19, 20
GND2
Chip 2
Chip 2
+ Vbb
OUT1
Lead-
17,18
Load GND
Load
+ Vbb
OUT2
Lead
13,14
Load GND
Load
Logic and protection circuit of chip 2
(equivalent to chip 1)
Signal
GND
Signal
frame
frame
Maximum Ratings at Tj = 25°C unless otherwise specified
Parameter
Symbol
Values
Unit
Supply voltage (overvoltage protection see page 4)
Vbb
43
V
Supply voltage for full short circuit protection
Tj,start = -40 ...+150°C
Vbb
24
V


Similar Part No. - BTS733L1

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS730 SIEMENS-BTS730 Datasheet
49Kb / 7P
   PWM Power Unit (The device allows continuous power control for lamps,LEDs or inductive loads.)
logo
Infineon Technologies A...
BTS730 INFINEON-BTS730 Datasheet
135Kb / 7P
   PWM Power Unit
2003-Oct-01
BTS730 INFINEON-BTS730 Datasheet
187Kb / 10P
   Smart High-Side Power Switch
V1.0, 2007-12-17
BTS730 INFINEON-BTS730_07 Datasheet
187Kb / 10P
   Smart High-Side Power Switch
V1.0, 2007-12-17
logo
Siemens Semiconductor G...
BTS734L1 SIEMENS-BTS734L1 Datasheet
185Kb / 16P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
More results

Similar Description - BTS733L1

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS707 SIEMENS-BTS707 Datasheet
162Kb / 12P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS725L1 SIEMENS-BTS725L1 Datasheet
169Kb / 14P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS620L1 SIEMENS-BTS620L1 Datasheet
138Kb / 12P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS610L1 SIEMENS-BTS610L1 Datasheet
137Kb / 12P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS621L1 SIEMENS-BTS621L1 Datasheet
191Kb / 14P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS726L1 SIEMENS-BTS726L1 Datasheet
182Kb / 15P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS612N1 SIEMENS-BTS612N1 Datasheet
183Kb / 14P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS734L1 SIEMENS-BTS734L1 Datasheet
185Kb / 16P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS425L1 SIEMENS-BTS425L1 Datasheet
150Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS409L1 SIEMENS-BTS409L1 Datasheet
159Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com