Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCFGA0J335M8R Datasheet(PDF) 6 Page - Rohm

Part # TCFGA0J335M8R
Description  Chip tantalum capacitors (Fail-safe open structure type)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCFGA0J335M8R Datasheet(HTML) 6 Page - Rohm

  TCFGA0J335M8R Datasheet HTML 1Page - Rohm TCFGA0J335M8R Datasheet HTML 2Page - Rohm TCFGA0J335M8R Datasheet HTML 3Page - Rohm TCFGA0J335M8R Datasheet HTML 4Page - Rohm TCFGA0J335M8R Datasheet HTML 5Page - Rohm TCFGA0J335M8R Datasheet HTML 6Page - Rohm TCFGA0J335M8R Datasheet HTML 7Page - Rohm TCFGA0J335M8R Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6/7
www.rohm.com
c
2012 ROHM Co., Ltd. All rights reserved.
2012.03 - Rev.H
Data Sheet
TCFG Series A Case
Standard list, TCFG series A Cases
Part No.
Rated
Voltage
@85
°C
(V)
Derated
Voltage
@125
°C
(V)
Surge
Voltage
@85
°C
(V)
Capacitance
120Hz
(
μF)
Impedance
100kHz
Tolerance
(%)
Leakage
current
25
°C
1WV.60s
(
μA)
DF 120Hz
(%)
Case
code
4
2.5
5
33
1.3
68
3.0
12
4
2.5
5
3.3
0.5
4.7
0.5
14
4
2.5
5
15
0.6
22
0.9
12
TCFG A 0G 475 M8R
TCFG A 0G 685 M8R
TCFG A 0G 106 M8R
TCFG A 0G 156 M8R
TCFG A 0G 226 M8R
TCFG A 0G 336 M8R
TCFG A 0G 686 M8R
TCFG A 0J 335 M8R
TCFG A 0J 475 M8R
TCFG A 0J 685 M8R
TCFG A 0J 106 M8R
4
4
2.5
5
6.8
2.5
5
4.7
0.5
0.5
12
10
A
A
A
A
A
A
A
A
A
A
A
4
2.5
5
4.9
5.6
4.2
3.0
4.0
3.5
5.6
3.0
4.9
4.0
4.2
10
0.5
12
4
2.5
5
6.8
0.5
32
6.3
4
8
10
0.6
10
6.3
4
8
12
6.3
4
8
12
6.3
4
8
12
−55
°C
8
10
8
8
6
8
16
6
8
8
8
25
°C
85
°C
10
12
10
10
8
10
20
47
1.9
TCFG A 0G 476 M8R
A
3.2
4
2.5
5
301216
8
10
10
10
TCFG A 0J 156 M8R
A
3.0
15
0.9
6.3
48
12
8
10
TCFG A 0J 226 M8R
A
3.5
22
1.4
6.3
48
14
10
12
TCFG A 0J 476 M8R
A
3.2
47
3.0
6.3
4
8
34
18
24
TCFG A 1A 155 M8R
A
8.8
1.5
0.5
10
6.3
13
10
6
8
TCFG A 1A 225 M8R
A
5.6
2.2
0.5
10
6.3
13
10
6
8
TCFG A 1A 335 M8R
A
4.9
3.3
0.5
10
6.3
13
12
8
10
TCFG A 1A 475 M8R
A
4.2
4.7
0.5
10
6.3
13
12
8
10
TCFG A 1A 685 M8R
A
4.0
6.8
0.7
10
6.3
13
12
8
10
TCFG A 1A 106 M8R
A
3.0
10
1.0
10
6.3
13
12
8
10
TCFG A 1A 226 M8R
A
3.2
22
2.2
10
6.3
13
30
12
16
TCFG A 1C 105 M8R
A
7
1.0
0.5
16
10
20
10
6
8
TCFG A 1C 155 M8R
A
5.6
1.5
0.5
16
10
20
10
6
8
TCFG A 1C 225 M8R
A
4.9
2.2
0.5
16
10
20
10
6
8
TCFG A 1C 335 M8R
A
4.8
3.3
0.5
16
10
20
10
6
8
TCFG A 1C 475 M8R
A
3.9
4.7
0.8
16
10
20
10
6
8
TCFG A 1C 685 M8R
A
3.8
6.8
1.1
16
10
20
10
6
8
TCFG A 1C 106 M8R
A
3.5
10
1.6
16
10
20
12
8
10
TCFG A 1D 105 M8R
A
7
1.0
0.5
20
13
26
10
6
8
TCFG A 1E 105 M8R
A
7
1.0
0.5
25
16
32
10
6
8
125
°C
(
Ω)
TCFG A 1E 335 M8R
A
4.8
3.3
0.8
25
16
32
10
6
8
TCFG A 1E 475 M8R
A
3.4
4.7
1.2
25
16
32
12
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
810
TCFG A 1D 335 M8R
A
4.8
3.3
0.7
20
13
26
10
6
8
TCFG A 1D 475 M8R
A
3.9
4.7
0.9
20
13
26
10
6
8
TCFG A 0J 336 M8R
A
3.2
33
2.1
6.3
4
8
30
12
16
TCFG A 1A 156 M8R
A
3.5
15
1.5
10
6.3
13
14
10
12
TCFG A 1D 155 M8R
A
6.0
1.5
0.5
20
13
26
10
6
8
TCFG A 1D 255 M8R
A
5.2
2.2
0.5
20
13
26
10
6
8
TCFG A 1E 155 M8R
A
6.0
1.5
0.5
25
16
32
10
6
8
TCFG A 1E 255 M8R
A
5.2
2.2
0.6
25
16
32
10
6
8


Similar Part No. - TCFGA0J335M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFGA0J335M8R ROHM-TCFGA0J335M8R Datasheet
122Kb / 13P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFGA0J335M8R ROHM-TCFGA0J335M8R Datasheet
150Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
More results

Similar Description - TCFGA0J335M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFG_B ROHM-TCFG_B_12 Datasheet
167Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A Datasheet
122Kb / 13P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B_10 Datasheet
151Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A_10 Datasheet
150Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_P ROHM-TCFG_P_10 Datasheet
154Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B Datasheet
122Kb / 13P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_P ROHM-TCFG_P_12 Datasheet
161Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_12 Datasheet
185Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_10 Datasheet
149Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com