Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB140DS48 Datasheet(PDF) 8 Page - SIPAT Co,Ltd

Part # LB140DS48
Description  140MHz SAW Filter 40MHz Bandwidth
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LB140DS48 Datasheet(HTML) 8 Page - SIPAT Co,Ltd

  LB140DS48 Datasheet HTML 1Page - SIPAT Co,Ltd LB140DS48 Datasheet HTML 2Page - SIPAT Co,Ltd LB140DS48 Datasheet HTML 3Page - SIPAT Co,Ltd LB140DS48 Datasheet HTML 4Page - SIPAT Co,Ltd LB140DS48 Datasheet HTML 5Page - SIPAT Co,Ltd LB140DS48 Datasheet HTML 6Page - SIPAT Co,Ltd LB140DS48 Datasheet HTML 7Page - SIPAT Co,Ltd LB140DS48 Datasheet HTML 8Page - SIPAT Co,Ltd LB140DS48 Datasheet HTML 9Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LB140DS48
Rev. Date
2010-06-25
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
3.1
Page 8/9
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
140MHz SAW Filter
40MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LB140DS48
Typical Performance(single-balance)
Frequency Respond
Passband Respond
40
60
80
100
120
140
160
180
200
220
240
-101.1032
-91.1032
-81.1032
-71.1032
-61.1032
-51.1032
-41.1032
-31.1032
-21.1032
-11.1032
-1.1032
Type Performance
Frequency(MHz)
90
100
110
120
130
140
150
160
170
180
190
-13.6032
-13.1032
-12.6032
-12.1032
-11.6032
-11.1032
-10.6032
-10.1032
-9.6032
Type Performance
Frequency(MHz)
Horizontal: 20MHz/Div
Vertical: 10dB/Div
Horizontal: 10MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±20MHz)
Phase Linearity(f0±20MHz)
100
110
120
130
140
150
160
170
180
100
150
200
250
300
350
400
450
X: 140
Y: 275.5
Type Performance
Frequency(MHz)
X: 160
Y: 271.8
X: 120
Y: 266.4
100
110
120
130
140
150
160
170
180
-50
-40
-30
-20
-10
0
10
20
30
40
X: 120
Y: -5.566
Type Performance
Frequency(MHz)
X: 140
Y: 1.159
X: 160
Y: 2.099
Horizontal: 10MHz/Div
Vertical: 50ns/Div
Horizontal: 10MHz/Div
Vertical: 10deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0


Similar Part No. - LB140DS48

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB140DS48 SIPAT-LB140DS48 Datasheet
367Kb / 9P
   140MHz SAW Filter
More results

Similar Description - LB140DS48

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN140A35 SIPAT-LBN140A35 Datasheet
152Kb / 3P
   140MHz SAW Filter 40MHz Bandwidth
LBN19203 SIPAT-LBN19203 Datasheet
141Kb / 3P
   192MHz SAW Filter 40MHz Bandwidth
LBN13011 SIPAT-LBN13011 Datasheet
136Kb / 3P
   130MHz SAW Filter 40MHz Bandwidth
LBN19203 SIPAT-LBN19203 Datasheet
141Kb / 3P
   192MHz SAW Filter 40MHz Bandwidth
LBN13011 SIPAT-LBN13011 Datasheet
136Kb / 3P
   130MHz SAW Filter 40MHz Bandwidth
LBT144701 SIPAT-LBT144701 Datasheet
172Kb / 3P
   1447MHz SAW Filter 40MHz Bandwidth
LBT190001 SIPAT-LBT190001 Datasheet
174Kb / 3P
   1900MHz SAW Filter 40MHz Bandwidth
LBT14066 SIPAT-LBT14066 Datasheet
269Kb / 3P
   140MHz SAW Filter 14.4MHz Bandwidth
LB140DS13 SIPAT-LB140DS13 Datasheet
271Kb / 3P
   140MHz SAW Filter 16MHz Bandwidth
LB140DS15 SIPAT-LB140DS15 Datasheet
146Kb / 3P
   140MHz SAW Filter 20MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com