Electronic Components Datasheet Search |
|
TCFGB1C335M8R Datasheet(PDF) 5 Page - Rohm |
|
TCFGB1C335M8R Datasheet(HTML) 5 Page - Rohm |
5 / 8 page 5/7 www.rohm.com ○ c 2012 ROHM Co., Ltd. All rights reserved. 2012.03 - Rev.I Data Sheet TCFG Series B Case Dimensions Be based on "External dimensions" Measure using a caliper of JIS B 7505 Class 2 or higher grade. Resistance to solvents The indication should be clear. Dip in the isopropyl alcohol for 30 ±5s, at room temperature. Solderability 3/4 or more surface area of the solder coated terminal dipped in the soldering bath should be covered with the new solder. Dip speed = 25 ±2.5mm/s Pre-treatment (accelerated aging) : Leave the sample on the boiling distilled water for 1h. Solder temp. : 245 ±5°C Duration : 3 ±0.5s Solder : M705 Flux : Rosin 25%, IPA 75% Capacitance Vibration Appearance Measure value should not fluctuate during the measurement. There should be no significant abnormality. Frequency : 10 to 55 to 10Hz/min. Amplitude : 1.5mm Time : 2h each in X and Y directions Mounting : The terminal is soldered on a print circuit board. As per 4.32 JIS C 5101-1 As per 4.18 JIS C 5101-3 As per 4.15.2 JIS C 5101-1 As per 4.17 JIS C 5101-1 As per 4.7 JIS C 5101-3 Terminal Strength The measured value should be stable. A force is applied to the terminal until it bends to 1mm and by a prescribed tool maintain the condition for 5s. (See the figure below.) Capacitance Appearance There should be no significant abnormality. 1 F (Apply force) (Unit : mm) 20 50 R230 45 45 Thickness 1.6mm Adhesiveness The terminal should not come off. Apply force of 5N in the two directions shown in the figure below for 10 ±1s after mounting the terminal on a circuit board. Apply force a circuit board product As per 4.35 JIS C 5101-1 As per 4.9 JIS C 5101-3 As per 4.34 JIS C 5101-1 As per 4.8 JIS C 5101-3 Item Performance Test conditions (based on JIS C5101-1 and JIS C5101-3) |
Similar Part No. - TCFGB1C335M8R |
|
Similar Description - TCFGB1C335M8R |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |