Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCTAS1D685M8R Datasheet(PDF) 6 Page - Rohm

Part # TCTAS1D685M8R
Description  Chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCTAS1D685M8R Datasheet(HTML) 6 Page - Rohm

  TCTAS1D685M8R Datasheet HTML 1Page - Rohm TCTAS1D685M8R Datasheet HTML 2Page - Rohm TCTAS1D685M8R Datasheet HTML 3Page - Rohm TCTAS1D685M8R Datasheet HTML 4Page - Rohm TCTAS1D685M8R Datasheet HTML 5Page - Rohm TCTAS1D685M8R Datasheet HTML 6Page - Rohm TCTAS1D685M8R Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6/6
www.rohm.com
c
2011 ROHM Co., Ltd. All rights reserved.
2011.12 - Rev.H
Data Sheet
TCT Series AS Case
Packaging specifications
Taping [AS case]
Case code
Feeding direction
Chip
AS
2.0
±0.05
4.0
±0.1
4.0
±0.1
A
B
φ1.5 +0.1
−0
t2
t1
B
±0.1
A
±0.1
t1
±0.05
1.9
3.5
0.25
t2
±0.1
1.1
(Unit : mm)
Packaging style
3,000pcs
Case code
Packaging
Taping
AS case
Packaging style
plastic taping
φ180mm Reel
Symbol
R
Basic ordering units
Reel [AS case]
11.4 1.0
Label sticking position
EIAJ ET
−7200A
Pull direction
+−
(Unit : mm)


Similar Part No. - TCTAS1D685M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCTAS1D685M8R ROHM-TCTAS1D685M8R Datasheet
169Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
More results

Similar Description - TCTAS1D685M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCT_P ROHM-TCT_P_11 Datasheet
175Kb / 7P
   Chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
TCT_AL ROHM-TCT_AL_11 Datasheet
149Kb / 8P
   Chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
TCT_CL ROHM-TCT_CL_11 Datasheet
178Kb / 6P
   Chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
TCT_PL_1112 ROHM-TCT_PL_1112 Datasheet
180Kb / 7P
   Chip Tantalum capacitors(Bottom surface electrode type : Large capacitance)
TCT_PL ROHM-TCT_PL_11 Datasheet
150Kb / 7P
   Tantalum capacitors (Bottom surface electrode type : Large capacitance)
TCTO_P ROHM-TCTO_P_12 Datasheet
185Kb / 6P
   Conductive polymer chip tantalum capacitors( Bottom surface electrode type : Large capacitance)
TCTO_AL ROHM-TCTO_AL_12 Datasheet
169Kb / 6P
   Conductive polymer chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
TCT_AS ROHM-TCT_AS Datasheet
169Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TC_M_0911 ROHM-TC_M_0911 Datasheet
170Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCTO_M ROHM-TCTO_M_12 Datasheet
190Kb / 6P
   Conductive polymer chip capacitors(Bottom surface electrode type : Large capacitance)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com